Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

MMFTN3018W Datasheet (PDF) - Diotec Semiconductor

MMFTN3018W Datasheet PDF - Diotec Semiconductor
Part # MMFTN3018W
Download  MMFTN3018W Download
File Size   94.13 Kbytes
Page   2 Pages
Manufacturer  DIOTEC [Diotec Semiconductor]
Direct Link  http://www.diotec.com
Logo DIOTEC - Diotec Semiconductor
Description Silicon N-Channel MOS Field Effect Transistor

MMFTN3018W Datasheet (PDF)

Go To PDF Page Download Datasheet
MMFTN3018W Datasheet PDF - Diotec Semiconductor

Part # MMFTN3018W
Download  MMFTN3018W Click to download

File Size   94.13 Kbytes
Page   2 Pages
Manufacturer  DIOTEC [Diotec Semiconductor]
Direct Link  http://www.diotec.com
Logo DIOTEC - Diotec Semiconductor
Description Silicon N-Channel MOS Field Effect Transistor

MMFTN3018W Datasheet (HTML) - Diotec Semiconductor


MMFTN3018W Product details

Features
   Fast switching times
   Compliant to RoHS, REACH,
   Conflict Minerals 1)

Typical Applications
   Signal processing, Drivers, Logic level converter
   Commercial grade 1)

Mechanical Data 1)
   Taped and reeled 3000 / 7“
   Weight approx. 0.01 g
   Case material UL 94V-0
   Solder & assembly conditions 260°C/10s
                                                       MSL = 1




Similar Part No. - MMFTN3018W

ManufacturerPart #DatasheetDescription
logo
Diotec Semiconductor
MMFTN3018W DIOTEC-MMFTN3018W Datasheet
140Kb / 2P
N-Channel Enhancement Mode FET
MMFTN3018W DIOTEC-MMFTN3018W_17 Datasheet
140Kb / 2P
N-Channel Enhancement Mode FET
More results


Similar Description - MMFTN3018W

ManufacturerPart #DatasheetDescription
logo
Toshiba Semiconductor
2SK3131 TOSHIBA-2SK3131 Datasheet
420Kb / 6P
Field Effect Transistor Silicon N Channel MOS Type
2SK1488 TOSHIBA-2SK1488 Datasheet
193Kb / 5P
Field Effect Transistor Silicon N Channel MOS Type
2SK2057 TOSHIBA-2SK2057 Datasheet
74Kb / 2P
Field Effect Transistor Silicon N Channel MOS Type
2SK2078 TOSHIBA-2SK2078 Datasheet
213Kb / 5P
Field Effect Transistor Silicon N Channel MOS Type
2SK1600 TOSHIBA-2SK1600 Datasheet
674Kb / 9P
FIELD EFFECT TRANSISTOR SILICON N-CHANNEL MOS TYPE
SSM3K37MFV TOSHIBA-SSM3K37MFV Datasheet
166Kb / 5P
Field-Effect Transistor Silicon N-Channel MOS Type
SSM6N42FE TOSHIBA-SSM6N42FE Datasheet
194Kb / 6P
Field-Effect Transistor Silicon N-Channel MOS Type
HN1K06FU TOSHIBA-HN1K06FU Datasheet
123Kb / 5P
Field Effect Transistor Silicon N Channel MOS Type
2SK1078 TOSHIBA-2SK1078 Datasheet
343Kb / 5P
Field Effect Transistor Silicon N Channel MOS Type
2SK1117 TOSHIBA-2SK1117 Datasheet
65Kb / 2P
Silicon N-Channel MOS Field Effect Transistor (MOS II.I)
More results




About Diotec Semiconductor


Diotec Semiconductor is a German-based company that specializes in the design, development, and manufacture of semiconductor components. The company was founded in 1973 and has since grown to become a leading supplier of diodes, bridge rectifiers, transistors, and other electronic components.

Diotec Semiconductor products are used in a wide range of applications, including power supplies, lighting, automotive electronics, and industrial controls. The company's products are known for their high quality, reliability, and long-term stability, which make them suitable for use in demanding environments.

In addition to its standard product offerings, Diotec Semiconductor also offers custom solutions to meet specific customer requirements. The company has a global network of distributors and partners, which enables it to provide excellent service and support to customers worldwide.

Overall, Diotec Semiconductor is a reputable and established company that offers high-quality semiconductor components for a range of applications.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com