Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

MPSA44 Datasheet (PDF) - Diotec Semiconductor

MPSA44 Datasheet PDF - Diotec Semiconductor
Part # MPSA44
Download  MPSA44 Download
File Size   103.39 Kbytes
Page   2 Pages
Manufacturer  DIOTEC [Diotec Semiconductor]
Direct Link  http://www.diotec.com
Logo DIOTEC - Diotec Semiconductor
Description High voltage Si-epitaxial planar transistors

MPSA44 Datasheet (PDF)

Go To PDF Page Download Datasheet
MPSA44 Datasheet PDF - Diotec Semiconductor

Part # MPSA44
Download  MPSA44 Click to download

File Size   103.39 Kbytes
Page   2 Pages
Manufacturer  DIOTEC [Diotec Semiconductor]
Direct Link  http://www.diotec.com
Logo DIOTEC - Diotec Semiconductor
Description High voltage Si-epitaxial planar transistors

MPSA44 Datasheet (HTML) - Diotec Semiconductor


MPSA44 Product details

High voltage Si-epitaxial planar transistors

• Power dissipation        625 mW
• Plastic case                TO-92 (10D3)
• Weight approx.           0.18 g
• Plastic material has UL classification 94V-0
• Standard packaging taped in ammo pack




Similar Part No. - MPSA44

ManufacturerPart #DatasheetDescription
logo
Motorola, Inc
MPSA44 MOTOROLA-MPSA44 Datasheet
170Kb / 6P
High Voltage Transistor
logo
ON Semiconductor
MPSA44 ONSEMI-MPSA44 Datasheet
170Kb / 6P
High Voltage Transistor(NPN Silicon)
1996
logo
NXP Semiconductors
MPSA44 PHILIPS-MPSA44 Datasheet
42Kb / 8P
NPN high-voltage transistor
1999 Apr 27
logo
KEC(Korea Electronics)
MPSA44 KEC-MPSA44 Datasheet
78Kb / 3P
EPITAXIAL PLANAR NPN TRANSISTOR (HIGH VOLTAGE)
logo
Micro Commercial Compon...
MPSA44 MCC-MPSA44 Datasheet
660Kb / 3P
NPN Silicon High Voltage Transistor 625mW
More results


Similar Description - MPSA44

ManufacturerPart #DatasheetDescription
logo
Diotec Semiconductor
BCX38B DIOTEC-BCX38B Datasheet
108Kb / 2P
Si-Epitaxial Planar Darlington-Transistors
MPSA42 DIOTEC-MPSA42 Datasheet
108Kb / 2P
High voltage Si-epitaxial planar transistors
MPSA92 DIOTEC-MPSA92 Datasheet
108Kb / 2P
High voltage Si-epitaxial planar transistors
PN2907 DIOTEC-PN2907 Datasheet
96Kb / 2P
Si-Epitaxial Planar Switching Transistors
2N3904 DIOTEC-2N3904 Datasheet
96Kb / 2P
Si-Epitaxial-Planar Switching Transistors
2N3906 DIOTEC-2N3906 Datasheet
103Kb / 2P
Si-Epitaxial-Planar Switching Transistors
MPSA42 DIOTEC-MPSA42_10 Datasheet
103Kb / 2P
High voltage Si-epitaxial planar transistors
MPSA42-BK DIOTEC-MPSA42-BK Datasheet
93Kb / 2P
High voltage Si-epitaxial planar transistors
MPSA44-BK DIOTEC-MPSA44-BK Datasheet
93Kb / 2P
High voltage Si-epitaxial planar transistors
MPSA92 DIOTEC-MPSA92_09 Datasheet
106Kb / 2P
High voltage Si-epitaxial planar transistors
More results




About Diotec Semiconductor


Diotec Semiconductor is a German-based company that specializes in the design, development, and manufacture of semiconductor components. The company was founded in 1973 and has since grown to become a leading supplier of diodes, bridge rectifiers, transistors, and other electronic components.

Diotec Semiconductor products are used in a wide range of applications, including power supplies, lighting, automotive electronics, and industrial controls. The company's products are known for their high quality, reliability, and long-term stability, which make them suitable for use in demanding environments.

In addition to its standard product offerings, Diotec Semiconductor also offers custom solutions to meet specific customer requirements. The company has a global network of distributors and partners, which enables it to provide excellent service and support to customers worldwide.

Overall, Diotec Semiconductor is a reputable and established company that offers high-quality semiconductor components for a range of applications.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com