Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

SM3508 Datasheet (PDF) - Sharp Corporation

SM3508 Datasheet PDF - Sharp Corporation
Part # SM3508
Download  SM3508 Download
File Size   34.12 Kbytes
Page   3 Pages
Manufacturer  SHARP [Sharp Corporation]
Direct Link  http://sharp-world.com/
Logo SHARP - Sharp Corporation
Description 4-Bit Single-Chip Microcomputer(For Data Bank Use)

SM3508 Datasheet (PDF)

Go To PDF Page Download Datasheet
SM3508 Datasheet PDF - Sharp Corporation

Part # SM3508
Download  SM3508 Click to download

File Size   34.12 Kbytes
Page   3 Pages
Manufacturer  SHARP [Sharp Corporation]
Direct Link  http://sharp-world.com/
Logo SHARP - Sharp Corporation
Description 4-Bit Single-Chip Microcomputer(For Data Bank Use)

SM3508 Datasheet (HTML) - Sharp Corporation


SM3508 Product details

DESCRIPTION

The SM3508 is a CMOS 4-bit single-chip microcomputer for databank incorporating data memory RAM, LCD driver (the output is adjustable in 16 steps for various contrast), key/switch input circuit, 8-bit parallel I/O port, 2 output ports and buzzer output circuit. The chip also has memory expansion controlling feature. One of two ports contains special output circuit for infrared (IR) communication. By connecting an external crystal, a 1 Hz timer is made possible for easier clock function.



FEATURES

• ROM capacity :

   Program ROM 12 k x 23 bits

   Character ROM 6 x 8 x 256 bits

   Constant ROM 1 k x 4 bits

• RAM capacity :

   Working RAM 256 x 4 bits

   Display RAM 74 x 16 bits

   Data RAM 3 k x 8 bits

• Memory expansion (external) : 1M x 8 bits x 3

• LCD display : 74-segment x 16-common

• I/O ports :

   Parallel I/O 8 bits

   Input 2 bits

   Output 2 bits

   Buzzer output 1 bit (4 kHz)

   Key input 6 bits

• Standby release : 2 events (2 Hz signal, key input)

• Built-in oscillator :

• Instruction cycle time : 3 µs

• Operating temperature : –10 to + 60°C

• Supply voltage : 2.5 to 5.5 V

• Package : 128-pin QFP (QFP128-P-2828)

   [Test Sample only]

   System clock (built-in CR oscillator) 1 MHz

   (external ceramic resonator) 1 MHz

   Timer (built-in CR oscillator) 32.8 kHz

   (external crystal) 32.768 kHz



 




Similar Part No. - SM3508

ManufacturerPart #DatasheetDescription
logo
Infinite Electronics In...
SM3508 FAIRVIEW-SM3508 Datasheet
68Kb / 1P
REV FAIRVIEW MICROWAVE INC. ALLEN, TX 75013 WWW.FAIRVIEWMICROWAVE.COM SHEET
REV A
More results


Similar Description - SM3508

ManufacturerPart #DatasheetDescription
logo
Sharp Corporation
SM3503 SHARP-SM3503 Datasheet
41Kb / 3P
4-Bit Single-Chip Microcomputer(For Data Bank Use)
SM3504 SHARP-SM3504 Datasheet
37Kb / 3P
4-Bit Single-Chip Microcomputer(For Data Bank Use)
SM3507 SHARP-SM3507 Datasheet
84Kb / 4P
4-Bit Single-Chip Microcomputer(For Data Bank Use)
SM3509 SHARP-SM3509 Datasheet
48Kb / 3P
4-Bit Single-Chip Microcomputer(For Data Bank Use)
SM3511 SHARP-SM3511 Datasheet
67Kb / 3P
4-Bit Single-Chip Microcomputer(For Data Bank Use)
SM3512 SHARP-SM3512 Datasheet
39Kb / 3P
4-Bit Single-Chip Microcomputer(For Data Bank Use)
SM3513 SHARP-SM3513 Datasheet
39Kb / 3P
4-Bit Single-Chip Microcomputer(For Data Bank Use)
SM3514 SHARP-SM3514 Datasheet
38Kb / 3P
4-Bit Single-Chip Microcomputer(For Data Bank Use)
SM3517 SHARP-SM3517 Datasheet
39Kb / 3P
4-Bit Single-Chip Microcomputer(For Data Bank Use)
SM3518 SHARP-SM3518 Datasheet
34Kb / 3P
4-Bit Single-Chip Microcomputer(For Data Bank Use)
More results




About Sharp Corporation


Sharp Corporation is a Japanese electronics company that was founded in 1912.
The company provides a wide range of products including consumer electronics, such as LCD TVs, home appliances, and solar panels, as well as industrial products such as LCD displays, solar cells, and electronic components.
Sharp has a long history of innovation and is known for its expertise in the development of cutting-edge technologies such as high-resolution displays, energy-efficient power solutions, and renewable energy.
The company has operations in several countries and is one of the leading electronics manufacturers in the world.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com