Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

SM3512 Datasheet (PDF) - Sharp Corporation

SM3512 Datasheet PDF - Sharp Corporation
Part # SM3512
Download  SM3512 Download
File Size   39.5 Kbytes
Page   3 Pages
Manufacturer  SHARP [Sharp Corporation]
Direct Link  http://sharp-world.com/
Logo SHARP - Sharp Corporation
Description 4-Bit Single-Chip Microcomputer(For Data Bank Use)

SM3512 Datasheet (PDF)

Go To PDF Page Download Datasheet
SM3512 Datasheet PDF - Sharp Corporation

Part # SM3512
Download  SM3512 Click to download

File Size   39.5 Kbytes
Page   3 Pages
Manufacturer  SHARP [Sharp Corporation]
Direct Link  http://sharp-world.com/
Logo SHARP - Sharp Corporation
Description 4-Bit Single-Chip Microcomputer(For Data Bank Use)

SM3512 Datasheet (HTML) - Sharp Corporation


SM3512 Product details

DESCRIPTION

The SM3512 is a CMOS 4-bit single-chip microcomputer for databank incorporating data memory RAM, LCD driver, key/switch input circuit, 8-bit parallel I/O port, 2 output ports, external memory control circuit, and buzzer output circuit.



FEATURES

• ROM capacity :

   Program ROM 8 k x 23 bits

   Character ROM 5 x 9 x 128 bits

   Constant ROM 208 x 4 bits

• RAM capacity :

   Working RAM 256 x 4 bits

   Display RAM 60 x 9 bits

   Data RAM 8 k x 8 bits

• Memory expansion (external) : 8 k x 8 bits

• LCD display : 60-segment x 9-common

• I/O ports :

   Parallel I/O 8 bits

   Input 1 bit

   Output 2 bits

   Buzzer output 1 bit (4 kHz)

   Key input 6 bits

• Standby release : 2 events (2 Hz signal, key input)

• Built-in oscillator :

   System clock (built-in CR oscillator) 250 kHz

   Timer (built-in CR oscillator) 32.8 kHz

   (external crystal) 32.768 kHz

• Instruction cycle time : 12 µs

• Operating temperature : –10 to +60°C

• Supply voltage : 2.5 to 3.4 V

• Package : 100-pin QFP (QFP100-P-1420)



 




Similar Part No. - SM3512

ManufacturerPart #DatasheetDescription
logo
Infinite Electronics In...
SM3510 FAIRVIEW-SM3510 Datasheet
710Kb / 4P
SM3510 DATA SHEET N Male to BNC Female Adapter
REV 2.1
logo
Sharp Corporation
SM3511 SHARP-SM3511 Datasheet
67Kb / 3P
4-Bit Single-Chip Microcomputer(For Data Bank Use)
logo
Infinite Electronics In...
SM3511 FAIRVIEW-SM3511 Datasheet
508Kb / 3P
SM3511 DATA SHEET N Male to BNC Female Adapter
REV 2.1
logo
Sharp Corporation
SM3513 SHARP-SM3513 Datasheet
39Kb / 3P
4-Bit Single-Chip Microcomputer(For Data Bank Use)
SM3514 SHARP-SM3514 Datasheet
38Kb / 3P
4-Bit Single-Chip Microcomputer(For Data Bank Use)
More results


Similar Description - SM3512

ManufacturerPart #DatasheetDescription
logo
Sharp Corporation
SM3503 SHARP-SM3503 Datasheet
41Kb / 3P
4-Bit Single-Chip Microcomputer(For Data Bank Use)
SM3504 SHARP-SM3504 Datasheet
37Kb / 3P
4-Bit Single-Chip Microcomputer(For Data Bank Use)
SM3507 SHARP-SM3507 Datasheet
84Kb / 4P
4-Bit Single-Chip Microcomputer(For Data Bank Use)
SM3508 SHARP-SM3508 Datasheet
34Kb / 3P
4-Bit Single-Chip Microcomputer(For Data Bank Use)
SM3509 SHARP-SM3509 Datasheet
48Kb / 3P
4-Bit Single-Chip Microcomputer(For Data Bank Use)
SM3511 SHARP-SM3511 Datasheet
67Kb / 3P
4-Bit Single-Chip Microcomputer(For Data Bank Use)
SM3513 SHARP-SM3513 Datasheet
39Kb / 3P
4-Bit Single-Chip Microcomputer(For Data Bank Use)
SM3514 SHARP-SM3514 Datasheet
38Kb / 3P
4-Bit Single-Chip Microcomputer(For Data Bank Use)
SM3517 SHARP-SM3517 Datasheet
39Kb / 3P
4-Bit Single-Chip Microcomputer(For Data Bank Use)
SM3518 SHARP-SM3518 Datasheet
34Kb / 3P
4-Bit Single-Chip Microcomputer(For Data Bank Use)
More results




About Sharp Corporation


Sharp Corporation is a Japanese electronics company that was founded in 1912.
The company provides a wide range of products including consumer electronics, such as LCD TVs, home appliances, and solar panels, as well as industrial products such as LCD displays, solar cells, and electronic components.
Sharp has a long history of innovation and is known for its expertise in the development of cutting-edge technologies such as high-resolution displays, energy-efficient power solutions, and renewable energy.
The company has operations in several countries and is one of the leading electronics manufacturers in the world.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com