Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

PT800D Datasheet (PDF) - Diotec Semiconductor

PT800D Datasheet PDF - Diotec Semiconductor
Part # PT800D
Download  PT800D Download
File Size   119.97 Kbytes
Page   2 Pages
Manufacturer  DIOTEC [Diotec Semiconductor]
Direct Link  http://www.diotec.com
Logo DIOTEC - Diotec Semiconductor
Description Silicon Rectifier Diodes - Single Diode

PT800D Datasheet (PDF)

Go To PDF Page Download Datasheet
PT800D Datasheet PDF - Diotec Semiconductor

Part # PT800D
Download  PT800D Click to download

File Size   119.97 Kbytes
Page   2 Pages
Manufacturer  DIOTEC [Diotec Semiconductor]
Direct Link  http://www.diotec.com
Logo DIOTEC - Diotec Semiconductor
Description Silicon Rectifier Diodes - Single Diode

PT800D Datasheet (HTML) - Diotec Semiconductor


PT800D Product details

Silicon Rectifier Diodes – Single Diode

• Nominal current                                          8 A
• Repetitive peak reverse voltage    50...1000 V
• Plastic case                                     TO-220AC
• Weight approx.                                         1.8 g
• Plastic material has UL classification 94V-0
• Standard packaging in tubes




Similar Part No. - PT800D

ManufacturerPart #DatasheetDescription
logo
Diotec Semiconductor
PT800D DIOTEC-PT800D Datasheet
112Kb / 2P
Silicon Rectifiers - Single Diode Silizium-Gleichrichter - Einzeldiode
PT800D DIOTEC-PT800D Datasheet
120Kb / 2P
Silicon Rectifier Diodes . Single Diode
PT800D DIOTEC-PT800D Datasheet
120Kb / 2P
Silicon Rectifier Diodes - Single Diode
PT800D DIOTEC-PT800D Datasheet
166Kb / 2P
Standard Recovery Rectifier Diodes
PT800D DIOTEC-PT800D Datasheet
153Kb / 2P
Standard Recovery Rectifier Diodes
More results


Similar Description - PT800D

ManufacturerPart #DatasheetDescription
logo
Semikron International
US1A SEMIKRON-US1A Datasheet
198Kb / 2P
Surface mount diode Ultrafast silicon rectifier diodes
logo
Diotec Semiconductor
S15AYD2 DIOTEC-S15AYD2 Datasheet
133Kb / 2P
Surface Mount Silicon Rectifier Diodes ??Single Diode
SBJ1820 DIOTEC-SBJ1820 Datasheet
121Kb / 2P
Schottky Barrier Rectifier Diodes - Single Diode
SBJ2620 DIOTEC-SBJ2620 Datasheet
121Kb / 2P
Schottky Barrier Rectifier Diodes - Single Diode
SBQ1020 DIOTEC-SBQ1020 Datasheet
139Kb / 2P
Schottky Barrier Rectifier Diodes ??Single Diode
SBT1020 DIOTEC-SBT1020_10 Datasheet
123Kb / 2P
Schottky Barrier Rectifier Diodes - Single Diode
PT800A DIOTEC-PT800A_13 Datasheet
120Kb / 2P
Silicon Rectifier Diodes . Single Diode
S15AYD2 DIOTEC-S15AYD2_13 Datasheet
123Kb / 2P
Surface Mount Silicon Rectifier Diodes - Single Diode
SBT1020 DIOTEC-SBT1020_13 Datasheet
124Kb / 2P
Schottky Barrier Rectifier Diodes . Single Diode
PT800A DIOTEC-PT800A_15 Datasheet
120Kb / 2P
Silicon Rectifier Diodes - Single Diode
More results




About Diotec Semiconductor


Diotec Semiconductor is a German-based company that specializes in the design, development, and manufacture of semiconductor components. The company was founded in 1973 and has since grown to become a leading supplier of diodes, bridge rectifiers, transistors, and other electronic components.

Diotec Semiconductor products are used in a wide range of applications, including power supplies, lighting, automotive electronics, and industrial controls. The company's products are known for their high quality, reliability, and long-term stability, which make them suitable for use in demanding environments.

In addition to its standard product offerings, Diotec Semiconductor also offers custom solutions to meet specific customer requirements. The company has a global network of distributors and partners, which enables it to provide excellent service and support to customers worldwide.

Overall, Diotec Semiconductor is a reputable and established company that offers high-quality semiconductor components for a range of applications.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com