Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

RA351 Datasheet (PDF) - Diotec Semiconductor

RA351 Datasheet PDF - Diotec Semiconductor
Part # RA351
Download  RA351 Download
File Size   162.36 Kbytes
Page   2 Pages
Manufacturer  DIOTEC [Diotec Semiconductor]
Direct Link  http://www.diotec.com
Logo DIOTEC - Diotec Semiconductor
Description Silicon-Rectifiers - Button Diodes

RA351 Datasheet (PDF)

Go To PDF Page Download Datasheet
RA351 Datasheet PDF - Diotec Semiconductor

Part # RA351
Download  RA351 Click to download

File Size   162.36 Kbytes
Page   2 Pages
Manufacturer  DIOTEC [Diotec Semiconductor]
Direct Link  http://www.diotec.com
Logo DIOTEC - Diotec Semiconductor
Description Silicon-Rectifiers - Button Diodes

RA351 Datasheet (HTML) - Diotec Semiconductor


RA351 Product details

Silicon-Rectifiers – Button Diodes

• Nominal current                                      35 A
• Repetitive peak reverse voltage  50 ... 800 V
• Plastic case                                          Button
• Weight approx.                                       1.9 g
• Plastic material has UL classification 94V-0
• Standard packaging bulk




Similar Part No. - RA351

ManufacturerPart #DatasheetDescription
logo
GOOD-ARK Electronics
RA351 GOOD-ARK-RA351 Datasheet
47Kb / 2P
AUTOMOTIVE RECTIFIER
logo
Micro Commercial Compon...
RA351 MCC-RA351 Datasheet
92Kb / 2P
35Amp Recover Rectifier 50 to 1000 Volts
RA351 MCC-RA351 Datasheet
129Kb / 3P
35Amp Standard Rectifier 50 to 1000 Volts
logo
SHENZHEN YONGERJIA INDU...
RA351 WINNERJOIN-RA351 Datasheet
149Kb / 2P
AUTOMOTIVE RECTIFIER
logo
Diotec Semiconductor
RA351 DIOTEC-RA351 Datasheet
233Kb / 2P
Silicon-Rectifiers ??Button Diodes
More results


Similar Description - RA351

ManufacturerPart #DatasheetDescription
logo
Shanghai Lunsure Electr...
AR251 CHENYI-AR251 Datasheet
151Kb / 2P
BUTTON DIODES
AR351 CHENYI-AR351 Datasheet
154Kb / 2P
BUTTON DIODES
ARL251 CHENYI-ARL251 Datasheet
153Kb / 2P
BUTTON DIODES
logo
Diotec Semiconductor
RA32Z39 DIOTEC-RA32Z39 Datasheet
158Kb / 2P
Silicon Protectifiers with TVS characteristic - Button Diodes
RA2505 DIOTEC-RA2505 Datasheet
156Kb / 2P
Silicon-Rectifiers - Button Diodes
RA3505 DIOTEC-RA3505_14 Datasheet
233Kb / 2P
Silicon-Rectifiers ??Button Diodes
RA2505 DIOTEC-RA2505_15 Datasheet
231Kb / 2P
Silicon-Rectifiers - Button Diodes
logo
GETAI ELECTRONICS DEVIC...
CL01-12 GETEDZ-CL01-12 Datasheet
498Kb / 2P
High Voltage Silicon Rectifiers Diodes
HVM09-350 GETEDZ-HVM09-350 Datasheet
499Kb / 2P
High Voltage Silicon Rectifiers Diodes
HVM09-450 GETEDZ-HVM09-450 Datasheet
499Kb / 2P
High Voltage Silicon Rectifiers Diodes
More results




About Diotec Semiconductor


Diotec Semiconductor is a German-based company that specializes in the design, development, and manufacture of semiconductor components. The company was founded in 1973 and has since grown to become a leading supplier of diodes, bridge rectifiers, transistors, and other electronic components.

Diotec Semiconductor products are used in a wide range of applications, including power supplies, lighting, automotive electronics, and industrial controls. The company's products are known for their high quality, reliability, and long-term stability, which make them suitable for use in demanding environments.

In addition to its standard product offerings, Diotec Semiconductor also offers custom solutions to meet specific customer requirements. The company has a global network of distributors and partners, which enables it to provide excellent service and support to customers worldwide.

Overall, Diotec Semiconductor is a reputable and established company that offers high-quality semiconductor components for a range of applications.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com