Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

SBQ1040 Datasheet (PDF) - Diotec Semiconductor

SBQ1040 Datasheet PDF - Diotec Semiconductor
Part # SBQ1040
Download  SBQ1040 Download
File Size   139.39 Kbytes
Page   2 Pages
Manufacturer  DIOTEC [Diotec Semiconductor]
Direct Link  http://www.diotec.com
Logo DIOTEC - Diotec Semiconductor
Description Schottky Barrier Rectifier Diodes ??Single Diode

SBQ1040 Datasheet (PDF)

Go To PDF Page Download Datasheet
SBQ1040 Datasheet PDF - Diotec Semiconductor

Part # SBQ1040
Download  SBQ1040 Click to download

File Size   139.39 Kbytes
Page   2 Pages
Manufacturer  DIOTEC [Diotec Semiconductor]
Direct Link  http://www.diotec.com
Logo DIOTEC - Diotec Semiconductor
Description Schottky Barrier Rectifier Diodes ??Single Diode

SBQ1040 Datasheet (HTML) - Diotec Semiconductor


SBQ1040 Product details

Schottky Barrier Rectifier Diodes – Single Diode

• Nominal current 10 A
• Repetitive peak reverse voltage 20...45 V
• Plastic case ~ TO-251
• Weight approx.  1.8 g
• Plastic material has UL classification 94V-0
• Standard packaging in tubes





Similar Description - SBQ1040

ManufacturerPart #DatasheetDescription
logo
Diotec Semiconductor
SBJ1820 DIOTEC-SBJ1820 Datasheet
121Kb / 2P
Schottky Barrier Rectifier Diodes - Single Diode
SBJ2620 DIOTEC-SBJ2620 Datasheet
121Kb / 2P
Schottky Barrier Rectifier Diodes - Single Diode
SBT1020 DIOTEC-SBT1020_10 Datasheet
123Kb / 2P
Schottky Barrier Rectifier Diodes - Single Diode
SBT1020 DIOTEC-SBT1020_13 Datasheet
124Kb / 2P
Schottky Barrier Rectifier Diodes . Single Diode
logo
AiT Semiconductor Inc.
B5817W AITSEMI-B5817W Datasheet
566Kb / 5P
SCHOTTKY DIODES SCHOTTKY BARRIER DIODE
REV1.0
RB050L-40 AITSEMI-RB050L-40 Datasheet
454Kb / 5P
SCHOTTKY DIODES SCHOTTKY BARRIER DIODE
REV1.0
RB491D AITSEMI-RB491D Datasheet
447Kb / 5P
SCHOTTKY DIODES SCHOTTKY BARRIER DIODE
REV1.0
RB520S-30 AITSEMI-RB520S-30 Datasheet
427Kb / 5P
SCHOTTKY DIODES SCHOTTKY BARRIER DIODE
REV1.2
RB550V-30 AITSEMI-RB550V-30 Datasheet
615Kb / 7P
SCHOTTKY DIODES SCHOTTKY BARRIER DIODE
REV1.1
RB551V-30 AITSEMI-RB551V-30 Datasheet
424Kb / 5P
SCHOTTKY DIODES SCHOTTKY BARRIER DIODE
REV1.0
More results




About Diotec Semiconductor


Diotec Semiconductor is a German-based company that specializes in the design, development, and manufacture of semiconductor components. The company was founded in 1973 and has since grown to become a leading supplier of diodes, bridge rectifiers, transistors, and other electronic components.

Diotec Semiconductor products are used in a wide range of applications, including power supplies, lighting, automotive electronics, and industrial controls. The company's products are known for their high quality, reliability, and long-term stability, which make them suitable for use in demanding environments.

In addition to its standard product offerings, Diotec Semiconductor also offers custom solutions to meet specific customer requirements. The company has a global network of distributors and partners, which enables it to provide excellent service and support to customers worldwide.

Overall, Diotec Semiconductor is a reputable and established company that offers high-quality semiconductor components for a range of applications.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com