Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

HMC232 Datasheet (PDF) - Hittite Microwave Corporation

HMC232 Datasheet PDF - Hittite Microwave Corporation
Part # HMC232_09
Download  HMC232 Download
File Size   207.73 Kbytes
Page   6 Pages
Manufacturer  HITTITE [Hittite Microwave Corporation]
Direct Link  http://www.hittite.com
Logo HITTITE - Hittite Microwave Corporation
Description GaAs MMIC SPDT NON-REFLECTIVE SWITCH, DC - 15 GHz

HMC232 Datasheet (PDF)

Go To PDF Page Download Datasheet
HMC232 Datasheet PDF - Hittite Microwave Corporation

Part # HMC232_09
Download  HMC232 Click to download

File Size   207.73 Kbytes
Page   6 Pages
Manufacturer  HITTITE [Hittite Microwave Corporation]
Direct Link  http://www.hittite.com
Logo HITTITE - Hittite Microwave Corporation
Description GaAs MMIC SPDT NON-REFLECTIVE SWITCH, DC - 15 GHz

HMC232 Datasheet (HTML) - Hittite Microwave Corporation




Similar Part No. - HMC232_09

ManufacturerPart #DatasheetDescription
logo
Analog Devices
HMC232A AD-HMC232A Datasheet
1Mb / 12P
GaAs, SPDT Switch, Nonreflective,100 MHz to 12 GHz
Rev. B
HMC232ALP4E AD-HMC232ALP4E Datasheet
595Kb / 6P
GaAs MMIC SPDT NON-REFLECTIVE SWITCH, DC - 12 GHz
HMC232ALP4E AD-HMC232ALP4E Datasheet
1Mb / 12P
GaAs, SPDT Switch, Nonreflective,100 MHz to 12 GHz
Rev. B
HMC232ALP4ETR AD-HMC232ALP4ETR Datasheet
1Mb / 12P
GaAs, SPDT Switch, Nonreflective,100 MHz to 12 GHz
Rev. B
logo
Hittite Microwave Corpo...
HMC232C8 HITTITE-HMC232C8 Datasheet
183Kb / 6P
GaAs MMIC SMT HIGH ISOLATION SPDT SWITCH, DC - 8.0 GHz
More results


Similar Description - HMC232_09

ManufacturerPart #DatasheetDescription
logo
Hittite Microwave Corpo...
HMC232 HITTITE-HMC232 Datasheet
158Kb / 6P
GaAs MMIC SPDT NON-REFLECTIVE SWITCH, DC - 15.0 GHz
HMC232LP4 HITTITE-HMC232LP4 Datasheet
227Kb / 6P
GaAs MMIC SPDT NON-REFLECTIVE SWITCH, DC - 12.0 GHz
HMC347LP3 HITTITE-HMC347LP3 Datasheet
193Kb / 6P
GaAs MMIC SPDT NON-REFLECTIVE SWITCH, DC - 14.0 GHz
HMC547LP3 HITTITE-HMC547LP3 Datasheet
228Kb / 6P
GaAs MMIC SPDT NON-REFLECTIVE SWITCH, DC - 20.0 GHz
HMC-C058 HITTITE-HMC-C058 Datasheet
229Kb / 6P
GaAs MMIC SPDT NON-REFLECTIVE SWITCH, DC - 18 GHz
HMC232LP4 HITTITE-HMC232LP4_10 Datasheet
246Kb / 6P
GaAs MMIC SPDT NON-REFLECTIVE SWITCH, DC - 12 GHz
HMC547LP3E HITTITE-HMC547LP3E Datasheet
743Kb / 6P
GaAs MMIC SPDT NON-REFLECTIVE SWITCH, DC - 20 GHz
logo
Analog Devices
HMC232ALP4E AD-HMC232ALP4E Datasheet
595Kb / 6P
GaAs MMIC SPDT NON-REFLECTIVE SWITCH, DC - 12 GHz
HMC347ALP3E AD-HMC347ALP3E Datasheet
387Kb / 6P
GaAs MMIC SPDT NON-REFLECTIVE SWITCH, DC - 14 GHz
HMC547ALC3 AD-HMC547ALC3 Datasheet
454Kb / 6P
GaAs MMIC SPDT NON-REFLECTIVE SWITCH, DC - 28.0 GHz
More results




About Hittite Microwave Corporation


Hittite Microwave Corporation was a semiconductor company that designed and manufactured high-performance integrated circuits (ICs), modules, and subsystems for radio frequency (RF), microwave, and millimeter-wave applications. The company was founded in 1985 and was based in Chelmsford, Massachusetts.

Hittite Microwave's products were used in various applications, including cellular infrastructure, test and measurement equipment, military and aerospace, broadband, and fiber optics. The company's product portfolio included amplifiers, mixers, switches, attenuators, synthesizers, and other RF and microwave components.

In 2014, Analog Devices, Inc. (ADI), a leading semiconductor company specializing in signal processing and analog technologies, acquired Hittite Microwave Corporation for approximately $2.45 billion. After the acquisition, Hittite Microwave became part of ADI's RF and Microwave business unit.

Today, Analog Devices, Inc. continues to provide high-performance RF and microwave products and solutions for a broad range of applications, leveraging the expertise and technologies gained through the acquisition of Hittite Microwave Corporation.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com