Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

HMC253LC4 Datasheet (PDF) - Hittite Microwave Corporation

HMC253LC4 Datasheet PDF - Hittite Microwave Corporation
Part # HMC253LC4
Download  HMC253LC4 Download
File Size   207.46 Kbytes
Page   4 Pages
Manufacturer  HITTITE [Hittite Microwave Corporation]
Direct Link  http://www.hittite.com
Logo HITTITE - Hittite Microwave Corporation
Description GaAs MMIC SP8T NON-REFLECTIVE SWITCH, DC - 3.5 GHz

HMC253LC4 Datasheet (PDF)

Go To PDF Page Download Datasheet
HMC253LC4 Datasheet PDF - Hittite Microwave Corporation

Part # HMC253LC4
Download  HMC253LC4 Click to download

File Size   207.46 Kbytes
Page   4 Pages
Manufacturer  HITTITE [Hittite Microwave Corporation]
Direct Link  http://www.hittite.com
Logo HITTITE - Hittite Microwave Corporation
Description GaAs MMIC SP8T NON-REFLECTIVE SWITCH, DC - 3.5 GHz

HMC253LC4 Datasheet (HTML) - Hittite Microwave Corporation




Similar Part No. - HMC253LC4

ManufacturerPart #DatasheetDescription
logo
Hittite Microwave Corpo...
HMC253LC4 HITTITE-HMC253LC4 Datasheet
272Kb / 6P
GaAs MMIC SP8T NON-REFLECTIVE SWITCH, DC - 3.5 GHz
More results


Similar Description - HMC253LC4

ManufacturerPart #DatasheetDescription
logo
Hittite Microwave Corpo...
HMC183QS24 HITTITE-HMC183QS24 Datasheet
216Kb / 4P
GaAs MMIC SP8T NON-REFLECTIVE SWITCH, DC - 2.0 GHz
HMC253QS24 HITTITE-HMC253QS24 Datasheet
207Kb / 4P
GaAs MMIC SP8T NON-REFLECTIVE SWITCH, DC - 2.5 GHz
HMC322 HITTITE-HMC322 Datasheet
177Kb / 6P
GaAs MMIC SP8T NON-REFLECTIVE SWITCH, DC - 10.0 GHz
HMC253LC4 HITTITE-HMC253LC4 Datasheet
272Kb / 6P
GaAs MMIC SP8T NON-REFLECTIVE SWITCH, DC - 3.5 GHz
HMC253QS24 HITTITE-HMC253QS24_06 Datasheet
265Kb / 4P
GaAs MMIC SP8T NON-REFLECTIVE SWITCH, DC - 2.5 GHz
HMC322LP4 HITTITE-HMC322LP4_06 Datasheet
361Kb / 6P
GaAs MMIC SP8T NON-REFLECTIVE SWITCH, DC - 8.0 GHz
HMC253QS24 HITTITE-HMC253QS24_07 Datasheet
182Kb / 4P
GaAs MMIC SP8T NON-REFLECTIVE SWITCH, DC - 2.5 GHz
HMC322 HITTITE-HMC322_09 Datasheet
176Kb / 6P
GaAs MMIC SP8T NON-REFLECTIVE SWITCH, DC - 10 GHz
HMC322LP4 HITTITE-HMC322LP4_08 Datasheet
277Kb / 6P
GaAs MMIC SP8T NON-REFLECTIVE SWITCH, DC - 8 GHz
logo
Analog Devices
HMC322ALP4E AD-HMC322ALP4E Datasheet
555Kb / 6P
GaAs MMIC SP8T NON-REFLECTIVE SWITCH, DC - 8 GHz
More results




About Hittite Microwave Corporation


Hittite Microwave Corporation was a semiconductor company that designed and manufactured high-performance integrated circuits (ICs), modules, and subsystems for radio frequency (RF), microwave, and millimeter-wave applications. The company was founded in 1985 and was based in Chelmsford, Massachusetts.

Hittite Microwave's products were used in various applications, including cellular infrastructure, test and measurement equipment, military and aerospace, broadband, and fiber optics. The company's product portfolio included amplifiers, mixers, switches, attenuators, synthesizers, and other RF and microwave components.

In 2014, Analog Devices, Inc. (ADI), a leading semiconductor company specializing in signal processing and analog technologies, acquired Hittite Microwave Corporation for approximately $2.45 billion. After the acquisition, Hittite Microwave became part of ADI's RF and Microwave business unit.

Today, Analog Devices, Inc. continues to provide high-performance RF and microwave products and solutions for a broad range of applications, leveraging the expertise and technologies gained through the acquisition of Hittite Microwave Corporation.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com