Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

STM32F405VG Datasheet (PDF) - STMicroelectronics

STM32F405VG Datasheet PDF - STMicroelectronics
Part # STM32F405VG
Download  STM32F405VG Download
File Size   1880.53 Kbytes
Page   154 Pages
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics
Description USB OTG HS/FS, Ethernet, 17 TIMs, 3 ADCs, 15 comm. interfaces & camera

STM32F405VG Datasheet (PDF)

Go To PDF Page Download Datasheet
STM32F405VG Datasheet PDF - STMicroelectronics

Part # STM32F405VG
Download  STM32F405VG Click to download

File Size   1880.53 Kbytes
Page   154 Pages
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics
Description USB OTG HS/FS, Ethernet, 17 TIMs, 3 ADCs, 15 comm. interfaces & camera

STM32F405VG Datasheet (HTML) - STMicroelectronics


STM32F405VG Product details

Description
The STM32F405xx and STM32F407xx family is based on the high-performance ARM® Cortex™-M4 32-bit RISC core operating at a frequency of up to 168 MHz. The Cortex-M4 core features a Floating point unit (FPU) single precision which supports all ARM single precision data-processing instructions and data types. It also implements a full set of DSP instructions and a memory protection unit (MPU) which enhances application security. The Cortex-M4 core with FPU will be referred to as Cortex-M4F throughout this document.

Features
• Core: ARM 32-bit Cortex™-M4 CPU with FPU,
   Adaptive real-time accelerator (ART
   Accelerator™) allowing 0-wait state execution
   from Flash memory, frequency up to 168 MHz,
   memory protection unit, 210 DMIPS/
   1.25 DMIPS/MHz (Dhrystone 2.1), and DSP
   instructions
• Memories
   – Up to 1 Mbyte of Flash memory
   – Up to 192+4 Kbytes of SRAM including 64-
      Kbyte of CCM (core coupled memory) data
      RAM
   – Flexible static memory controller
      supporting Compact Flash, SRAM,
      PSRAM, NOR and NAND memories
• LCD parallel interface, 8080/6800 modes
• Clock, reset and supply management
   – 1.8 V to 3.6 V application supply and I/Os
   – POR, PDR, PVD and BOR
   – 4-to-26 MHz crystal oscillator
   – Internal 16 MHz factory-trimmed RC (1%
      accuracy)
   – 32 kHz oscillator for RTC with calibration
   – Internal 32 kHz RC with calibration
• Low power
   – Sleep, Stop and Standby modes
   – VBAT supply for RTC, 20×32 bit backup
      registers + optional 4 KB backup SRAM
• 3×12-bit, 2.4 MSPS A/D converters: up to 24
   channels and 7.2 MSPS in triple interleaved
   mode
• 2×12-bit D/A converters
• General-purpose DMA: 16-stream DMA
   controller with FIFOs and burst support
• Up to 17 timers: up to twelve 16-bit and two 32-
   bit timers up to 168 MHz, each with up to 4
   IC/OC/PWM or pulse counter and quadrature
   (incremental) encoder input
• Debug mode
   – Serial wire debug (SWD) & JTAG
      interfaces
   – Cortex-M4 Embedded Trace Macrocell™
• Up to 140 I/O ports with interrupt capability
   – Up to 136 fast I/Os up to 84 MHz
   – Up to 138 5 V-tolerant I/Os
• Up to 15 communication interfaces
   – Up to 3 × I2C interfaces (SMBus/PMBus)
   – Up to 4 USARTs/2 UARTs (10.5 Mbit/s, ISO
      7816 interface, LIN, IrDA, modem control)
   – Up to 3 SPIs (42 Mbits/s), 2 with muxed
      full-duplex I2S to achieve audio class
      accuracy via internal audio PLL or external
      clock
   – 2 × CAN interfaces (2.0B Active)
   – SDIO interface
• Advanced connectivity
   – USB 2.0 full-speed device/host/OTG
      controller with on-chip PHY
   – USB 2.0 high-speed/full-speed
      device/host/OTG controller with dedicated
      DMA, on-chip full-speed PHY and ULPI
   – 10/100 Ethernet MAC with dedicated DMA:
      supports IEEE 1588v2 hardware, MII/RMII
• 8- to 14-bit parallel camera interface up to
   54 Mbytes/s
• True random number generator
• CRC calculation unit
• 96-bit unique ID
• RTC: subsecond accuracy, hardware calendar




Similar Part No. - STM32F405VG

ManufacturerPart #DatasheetDescription
logo
STMicroelectronics
STM32F405VG STMICROELECTRONICS-STM32F405VG Datasheet
2Mb / 167P
ARM Cortex-M4 32b MCUFPU, 210DMIPS, up to 1MB Flash/1924KB RAM, USB OTG HS/FS, Ethernet, 17 TIMs, 3 ADCs, 15 comm. interfaces & camera
24-Jan-2012
STM32F405VG STMICROELECTRONICS-STM32F405VG Datasheet
5Mb / 185P
ARM Cortex-M4 32b MCUFPU, 210DMIPS, up to 1MB Flash/1924KB RAM, USB OTG HS/FS
04-Jun-2013
STM32F405VG STMICROELECTRONICS-STM32F405VG Datasheet
2Mb / 167P
ARM Cortex-M4 32b MCUFPU, 210DMIPS, up to 1MB Flash/1924KB RAM
24-Jan-2012
STM32F405VG STMICROELECTRONICS-STM32F405VG Datasheet
2Mb / 180P
ARM Cortex-M4 32b MCUFPU, 210DMIPS, up to 1MB Flash/1924KB RAM, USB OTG HS/FS, Ethernet, 17 TIMs, 3 ADCs, 15 comm. interfaces & camera
31-May-2012
STM32F405VG STMICROELECTRONICS-STM32F405VG Datasheet
5Mb / 204P
Arm® Cortex®-M4 32b MCUFPU, 210DMIPS, up to 1MB Flash/1924KB RAM, USB OTG HS/FS, Ethernet, 17 TIMs, 3 ADCs, 15 comm. interfaces & camera
14-Aug-2020
More results


Similar Description - STM32F405VG

ManufacturerPart #DatasheetDescription
logo
STMicroelectronics
STM32F205XX STMICROELECTRONICS-STM32F205XX Datasheet
3Mb / 170P
USB OTG HS/FS, Ethernet, 17 TIMs, 3 ADCs, 15 comm. interfaces & camera
20-Dec-2011
STM32F405XX STMICROELECTRONICS-STM32F405XX_12 Datasheet
2Mb / 180P
ARM Cortex-M4 32b MCUFPU, 210DMIPS, up to 1MB Flash/1924KB RAM, USB OTG HS/FS, Ethernet, 17 TIMs, 3 ADCs, 15 comm. interfaces & camera
31-May-2012
STM32F207VCT6 STMICROELECTRONICS-STM32F207VCT6 Datasheet
3Mb / 177P
ARM-based 32-bit MCU, 150DMIPs, up to 1 MB Flash/1284KB RAM, USB OTG HS/FS, Ethernet, 17 TIMs, 3 ADCs, 15 comm. interfaces & camera
29-Oct-2012
STM32F405RGT6 STMICROELECTRONICS-STM32F405RGT6 Datasheet
2Mb / 180P
ARM Cortex-M4 32b MCUFPU, 210DMIPS, up to 1MB Flash/1924KB RAM, USB OTG HS/FS, Ethernet, 17 TIMs, 3 ADCs, 15 comm. interfaces & camera
31-May-2012
STM32F207ZET6 STMICROELECTRONICS-STM32F207ZET6 Datasheet
3Mb / 177P
ARM-based 32-bit MCU, 150DMIPs, up to 1 MB Flash/1284KB RAM, USB OTG HS/FS, Ethernet, 17 TIMs, 3 ADCs, 15 comm. interfaces & camera
29-Oct-2012
STM32F407IGH6 STMICROELECTRONICS-STM32F407IGH6 Datasheet
5Mb / 185P
ARM Cortex-M4 32b MCUFPU, 210DMIPS, up to 1MB Flash/1924KB RAM, USB OTG HS/FS, Ethernet, 17 TIMs, 3 ADCs, 15 comm. interfaces & camera
04-Jun-2013
STM32F405VGT6 STMICROELECTRONICS-STM32F405VGT6 Datasheet
5Mb / 185P
ARM Cortex-M4 32b MCUFPU, 210DMIPS, up to 1MB Flash/1924KB RAM, USB OTG HS/FS, Ethernet, 17 TIMs, 3 ADCs, 15 comm. interfaces & camera
04-Jun-2013
STM32F205RBT7 STMICROELECTRONICS-STM32F205RBT7 Datasheet
3Mb / 177P
ARM-based 32-bit MCU, 150DMIPs, up to 1 MB Flash/1284KB RAM, USB OTG HS/FS, Ethernet, 17 TIMs, 3 ADCs, 15 comm. interfaces & camera
29-Oct-2012
STM32F205ZET6 STMICROELECTRONICS-STM32F205ZET6 Datasheet
3Mb / 177P
ARM-based 32-bit MCU, 150DMIPs, up to 1 MB Flash/1284KB RAM, USB OTG HS/FS, Ethernet, 17 TIMs, 3 ADCs, 15 comm. interfaces & camera
29-Oct-2012
STM32F205VGT6 STMICROELECTRONICS-STM32F205VGT6 Datasheet
2Mb / 163P
ARM-based 32-bit MCU, 150DMIPs, up to 1 MB Flash/1284KB RAM, USB OTG HS/FS, Ethernet, 17 TIMs, 3 ADCs, 15 comm. interfaces & camera
14-Jun-2011
More results




About STMicroelectronics


STMicroelectronics is a multinational electronics and semiconductor manufacturer based in Geneva, Switzerland.

The company offers a wide range of products including microcontrollers, sensors, power amplifiers, and integrated circuits for various applications in the automotive, industrial, and consumer markets.

Founded in 1987, STMicroelectronics has operations in over 100 countries and is one of the largest semiconductor companies in the world.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com