Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

STM32F405VG Datasheet(PDF) 10 Page - STMicroelectronics

Part # STM32F405VG
Description  USB OTG HS/FS, Ethernet, 17 TIMs, 3 ADCs, 15 comm. interfaces & camera
PDF  154 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

STM32F405VG Datasheet(HTML) 10 Page - STMicroelectronics

Back Button STM32F405VG Datasheet HTML 6Page - STMicroelectronics STM32F405VG Datasheet HTML 7Page - STMicroelectronics STM32F405VG Datasheet HTML 8Page - STMicroelectronics STM32F405VG Datasheet HTML 9Page - STMicroelectronics STM32F405VG Datasheet HTML 10Page - STMicroelectronics STM32F405VG Datasheet HTML 11Page - STMicroelectronics STM32F405VG Datasheet HTML 12Page - STMicroelectronics STM32F405VG Datasheet HTML 13Page - STMicroelectronics STM32F405VG Datasheet HTML 14Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 10 / 154 page
background image
Description
STM32F405xx, STM32F407xx
10/154
Doc ID 022152 Rev 1
2
Description
The STM32F405xx and STM32F407xx family is based on the high-performance ARM®
Cortex™-M4F 32-bit RISC core operating at a frequency of up to 168 MHz. The Cortex-M4F
core features a Floating point unit (FPU) single precision which supports all ARM single-
precision data-processing instructions and data types. It also implements a full set of DSP
instructions and a memory protection unit (MPU) which enhances application security.
The STM32F405xx and STM32F407xx family incorporates high-speed embedded
memories (Flash memory up to 1 Mbyte, up to 192 Kbytes of SRAM), up to 4 Kbytes of
backup SRAM, and an extensive range of enhanced I/Os and peripherals connected to two
APB buses, two AHB buses and a 32-bit multi-AHB bus matrix.
All devices offer three 12-bit ADCs, two DACs, a low-power RTC, twelve general-purpose
16-bit timers including two PWM timers for motor control, two general-purpose 32-bit timers.
a true number random generator (RNG). They also feature standard and advanced
communication interfaces.
●
Up to three I2Cs
●
Three SPIs, two I2Ss full duplex. To achieve audio class accuracy, the I2S peripherals
can be clocked via a dedicated internal audio PLL or via an external clock to allow
synchronization.
●
Four USARTs plus two UARTs
●
An USB OTG full-speed and a USB OTG high-speed with full-speed capability (with the
ULPI),
●
Two CANs
●
An SDIO/MMC interface
●
Ethernet and the camera interface available on STM32F407xx devices only.
New advanced peripherals include an SDIO, an enhanced flexible static memory control
(FSMC) interface (for devices offered in packages of 100 pins and more), a camera interface
for CMOS sensors. Refer to Table 2: STM32F405xx and STM32F407xx: features and
peripheral counts for the list of peripherals available on each part number.
The STM32F405xx and STM32F407xx family operates in the –40 to +105 °C temperature
range from a 1.8 to 3.6 V power supply. The supply voltage can drop to 1.7 V when the
device operates in the 0 to 70 °C temperature range and PDR_ON is connected to VSS. A
comprehensive set of power-saving mode allows the design of low-power applications.
The STM32F405xx and STM32F407xx family offers devices in four packages ranging from
64 pins to 176 pins. The set of included peripherals changes with the device chosen.
These features make the STM32F405xx and STM32F407xx microcontroller family suitable
for a wide range of applications:
●
Motor drive and application control
●
Medical equipment
●
Industrial applications: PLC, inverters, circuit breakers
●
Printers, and scanners
●
Alarm systems, video intercom, and HVAC
●
Home audio appliances
Figure 5 shows the general block diagram of the device family.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com