Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

STM32F405VG Datasheet(PDF) 94 Page - STMicroelectronics

Part # STM32F405VG
Description  USB OTG HS/FS, Ethernet, 17 TIMs, 3 ADCs, 15 comm. interfaces & camera
PDF  154 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

STM32F405VG Datasheet(HTML) 94 Page - STMicroelectronics

Back Button STM32F405VG Datasheet HTML 90Page - STMicroelectronics STM32F405VG Datasheet HTML 91Page - STMicroelectronics STM32F405VG Datasheet HTML 92Page - STMicroelectronics STM32F405VG Datasheet HTML 93Page - STMicroelectronics STM32F405VG Datasheet HTML 94Page - STMicroelectronics STM32F405VG Datasheet HTML 95Page - STMicroelectronics STM32F405VG Datasheet HTML 96Page - STMicroelectronics STM32F405VG Datasheet HTML 97Page - STMicroelectronics STM32F405VG Datasheet HTML 98Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 94 / 154 page
background image
Electrical characteristics
STM32F405xx, STM32F407xx
94/154
Doc ID 022152 Rev 1
5.3.19
Communications interfaces
I
2C interface characteristics
Unless otherwise specified, the parameters given in Table 49 are derived from tests
performed under the ambient temperature, fPCLK1 frequency and VDD supply voltage
conditions summarized in Table 10.
The STM32F405xx and STM32F407xx I
2C interface meets the requirements of the
standard I
2C communication protocol with the following restrictions: the I/O pins SDA and
SCL are mapped to are not “true” open-drain. When configured as open-drain, the PMOS
connected between the I/O pin and VDD is disabled, but is still present.
The I
2C characteristics are described in Table 49. Refer also to Section 5.3.16: I/O port
characteristics for more details on the input/output alternate function characteristics (SDA
and SCL).
Table 48.
Characteristics of TIMx connected to the APB2 domain(1)
1.
TIMx is used as a general term to refer to the TIM1, TIM8, TIM9, TIM10, and TIM11 timers.
Symbol
Parameter
Conditions
Min
Max
Unit
tres(TIM)
Timer resolution time
AHB/APB2
prescaler distinct
from 1, fTIMxCLK =
168 MHz
1-
tTIMxCLK
5.95
-
ns
AHB/APB2
prescaler = 1,
fTIMxCLK = 84 MHz
1-
tTIMxCLK
11.9
-
ns
fEXT
Timer external clock
frequency on CH1 to CH4
fTIMxCLK = 168 MHz
APB2 = 84 MHz
0
fTIMxCLK/2
MHz
084
MHz
ResTIM
Timer resolution
-
16
bit
tCOUNTER
16-bit counter clock
period when internal clock
is selected
1
65536
tTIMxCLK
0.00595
TBD
µs
tMAX_COUNT Maximum possible count
-
65536 × 65536
tTIMxCLK
-
TBD(2)
2.
TBD stands for “to be defined”.
s



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com