Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

STM32F405VG Datasheet(PDF) 92 Page - STMicroelectronics

Part # STM32F405VG
Description  USB OTG HS/FS, Ethernet, 17 TIMs, 3 ADCs, 15 comm. interfaces & camera
PDF  154 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

STM32F405VG Datasheet(HTML) 92 Page - STMicroelectronics

Back Button STM32F405VG Datasheet HTML 88Page - STMicroelectronics STM32F405VG Datasheet HTML 89Page - STMicroelectronics STM32F405VG Datasheet HTML 90Page - STMicroelectronics STM32F405VG Datasheet HTML 91Page - STMicroelectronics STM32F405VG Datasheet HTML 92Page - STMicroelectronics STM32F405VG Datasheet HTML 93Page - STMicroelectronics STM32F405VG Datasheet HTML 94Page - STMicroelectronics STM32F405VG Datasheet HTML 95Page - STMicroelectronics STM32F405VG Datasheet HTML 96Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 92 / 154 page
background image
Electrical characteristics
STM32F405xx, STM32F407xx
92/154
Doc ID 022152 Rev 1
5.3.17
NRST pin characteristics
The NRST pin input driver uses CMOS technology. It is connected to a permanent pull-up
resistor, RPU (see Table 43).
Unless otherwise specified, the parameters given in Table 46 are derived from tests
performed under the ambient temperature and VDD supply voltage conditions summarized
in Table 10.
Figure 29.
Recommended NRST pin protection
2.
The reset network protects the device against parasitic resets.
3.
The user must ensure that the level on the NRST pin can go below the VIL(NRST) max level specified in
Table 46. Otherwise the reset is not taken into account by the device.
Table 46.
NRST pin characteristics
Symbol
Parameter
Conditions
Min
Typ
Max
Unit
VIL(NRST)
(1)
1.
Guaranteed by design, not tested in production.
NRST Input low level voltage
–0.5
-
0.8
V
VIH(NRST)
(1)
NRST Input high level voltage
2
-
VDD+0.5
Vhys(NRST)
NRST Schmitt trigger voltage
hysteresis
-
200
-
mV
RPU
Weak pull-up equivalent resistor(2)
2.
The pull-up is designed with a true resistance in series with a switchable PMOS. This PMOS contribution
to the series resistance must be minimum
(~10% order)
.
VIN = VSS
30
40
50
k
Ω
VF(NRST)
(1)
NRST Input filtered pulse
-
-
100
ns
VNF(NRST)
(1)
NRST Input not filtered pulse
VDD > 2.7 V
300
-
-
ns
TNRST_OUT Generated reset pulse duration
Internal
Reset source
20
-
-
µs



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com