Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

STM32F405VG Datasheet(PDF) 61 Page - STMicroelectronics

Part # STM32F405VG
Description  USB OTG HS/FS, Ethernet, 17 TIMs, 3 ADCs, 15 comm. interfaces & camera
PDF  154 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

STM32F405VG Datasheet(HTML) 61 Page - STMicroelectronics

Back Button STM32F405VG Datasheet HTML 57Page - STMicroelectronics STM32F405VG Datasheet HTML 58Page - STMicroelectronics STM32F405VG Datasheet HTML 59Page - STMicroelectronics STM32F405VG Datasheet HTML 60Page - STMicroelectronics STM32F405VG Datasheet HTML 61Page - STMicroelectronics STM32F405VG Datasheet HTML 62Page - STMicroelectronics STM32F405VG Datasheet HTML 63Page - STMicroelectronics STM32F405VG Datasheet HTML 64Page - STMicroelectronics STM32F405VG Datasheet HTML 65Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 61 / 154 page
background image
STM32F405xx, STM32F407xx
Electrical characteristics
Doc ID 022152 Rev 1
61/154
5.3.2
VCAP1/VCAP2 external capacitor
Stabilization for the main regulator is achieved by connecting an external capacitor CEXT to
the VCAP1/VCAP2 pins. CEXT is specified in Table 10 and Table 12.
Figure 20.
External capacitor CEXT
1.
Legend: ESR is the equivalent series resistance.
5.3.3
Operating conditions at power-up / power-down (regulator ON)
Subject to general operating conditions for TA.
Table 13.
Operating conditions at power-up / power-down (regulator ON)
5.3.4
Operating conditions at power-up / power-down (regulator OFF)
Subject to general operating conditions for TA.
Table 12.
VCAP1/VCAP2 operating conditions
Symbol
Parameter
Conditions
CEXT
Capacitance of external capacitor
Must be 2.2 µF
ESR
ESR of external capacitor
Must be lower than 2
Ω
MS19044V1
ESR
R Leak
C
Symbol
Parameter
Min
Max
Unit
tVDD
VDD rise time rate
20
∞
µs/V
VDD fall time rate
20
∞
Table 14.
Operating conditions at power-up / power-down (regulator OFF)(1)
1.
To reset the internal logic at power-down, a reset must be applied on pin PA0 when VDD reach below
1.08 V.
Symbol
Parameter
Conditions
Min
Max
Unit
tVDD
VDD rise time rate
Power-up
20
∞
µs/V
VDD fall time rate
Power-down
20
∞
tVCAP
VCAP_1 and VCAP_2 rise time
rate
Power-up
20
∞
VCAP_1 and VCAP_2 fall time
rate
Power-down
20
∞



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com