Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

STM32F405VG Datasheet(PDF) 91 Page - STMicroelectronics

Part # STM32F405VG
Description  USB OTG HS/FS, Ethernet, 17 TIMs, 3 ADCs, 15 comm. interfaces & camera
PDF  154 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

STM32F405VG Datasheet(HTML) 91 Page - STMicroelectronics

Back Button STM32F405VG Datasheet HTML 87Page - STMicroelectronics STM32F405VG Datasheet HTML 88Page - STMicroelectronics STM32F405VG Datasheet HTML 89Page - STMicroelectronics STM32F405VG Datasheet HTML 90Page - STMicroelectronics STM32F405VG Datasheet HTML 91Page - STMicroelectronics STM32F405VG Datasheet HTML 92Page - STMicroelectronics STM32F405VG Datasheet HTML 93Page - STMicroelectronics STM32F405VG Datasheet HTML 94Page - STMicroelectronics STM32F405VG Datasheet HTML 95Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 91 / 154 page
background image
STM32F405xx, STM32F407xx
Electrical characteristics
Doc ID 022152 Rev 1
91/154
Figure 28.
I/O AC characteristics definition
11
Fmax(IO)out Maximum frequency
(3)
CL = 30 pF, VDD > 2.70 V
-
-
100(4)
MHz
CL = 30 pF, VDD > 1.8 V
-
-
50(4)
CL = 10 pF, VDD > 2.70 V
-
-
200(4)
CL = 10 pF, VDD > 1.8 V
-
-
TBD
tf(IO)out
Output high to low level fall
time
CL = 20 pF, 2.4 < VDD < 2.7 V
-
-
TBD
ns
CL = 10 pF, VDD > 2.7 V
-
-
TBD
tr(IO)out
Output low to high level rise
time
CL = 20 pF, 2.4 < VDD < 2.7 V
-
-
TBD
CL = 10 pF, VDD > 2.7 V
-
-
TBD
-tEXTIpw
Pulse width of external signals
detected by the EXTI
controller
10
-
-
ns
1.
The I/O speed is configured using the OSPEEDRy[1:0] bits. Refer to the STM32F20/21xxx reference manual for a
description of the GPIOx_SPEEDR GPIO port output speed register.
2.
TBD stands for “to be defined”.
3.
The maximum frequency is defined in Figure 28.
4.
For maximum frequencies above 50 MHz, the compensation cell should be used.
Table 45.
I/O AC characteristics(1)(2) (continued)
OSPEEDRy
[1:0] bit
value(1)
Symbol
Parameter
Conditions
Min
Typ
Max
Unit
ai14131
10%
90%
50%
tr(IO)out
OUTPUT
EXT ERNAL
ON 50pF
Maximum fr equency is achieved if (tr + tf) ≤ 2/3)T and if the duty cycle is (45-55%)
10%
50%
90%
when loaded by 50pF
T
tr(IO)out



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com