Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

STM32F405VG Datasheet(PDF) 77 Page - STMicroelectronics

Part # STM32F405VG
Description  USB OTG HS/FS, Ethernet, 17 TIMs, 3 ADCs, 15 comm. interfaces & camera
PDF  154 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

STM32F405VG Datasheet(HTML) 77 Page - STMicroelectronics

Back Button STM32F405VG Datasheet HTML 73Page - STMicroelectronics STM32F405VG Datasheet HTML 74Page - STMicroelectronics STM32F405VG Datasheet HTML 75Page - STMicroelectronics STM32F405VG Datasheet HTML 76Page - STMicroelectronics STM32F405VG Datasheet HTML 77Page - STMicroelectronics STM32F405VG Datasheet HTML 78Page - STMicroelectronics STM32F405VG Datasheet HTML 79Page - STMicroelectronics STM32F405VG Datasheet HTML 80Page - STMicroelectronics STM32F405VG Datasheet HTML 81Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 77 / 154 page
background image
STM32F405xx, STM32F407xx
Electrical characteristics
Doc ID 022152 Rev 1
77/154
5.3.9
Internal clock source characteristics
The parameters given in Table 29 and Table 30 are derived from tests performed under
ambient temperature and VDD supply voltage conditions summarized in Table 10.
High-speed internal (HSI) RC oscillator
Low-speed internal (LSI) RC oscillator
Table 29.
HSI oscillator characteristics (1)
1.
VDD = 3.3 V, TA = –40 to 105 °C unless otherwise specified.
Symbol
Parameter
Conditions
Min
Typ
Max
Unit
fHSI
Frequency
-
16
-
MHz
ACCHSI
Accuracy of the HSI
oscillator
User-trimmed with the RCC_CR
register(2)
2.
Refer to application note AN2868 “STM32F10xxx internal RC oscillator (HSI) calibration” available from the
ST website www.st.com.
--
1
%
Factory-
calibrated
TA = –40 to 105 °C
–8
-
4.5
%
TA = –10 to 85 °C
–4
-
4
%
TA = 25 °C
–1
-
1
%
tsu(HSI)
(3)
3.
Guaranteed by design, not tested in production.
HSI oscillator
startup time
-2.2
4
µs
IDD(HSI)
HSI oscillator
power consumption
-60
80
µA
Table 30.
LSI oscillator characteristics (1)
1.
VDD = 3 V, TA = –40 to 105 °C unless otherwise specified.
Symbol
Parameter
Min
Typ
Max
Unit
fLSI
(2)
2.
Based on characterization, not tested in production.
Frequency
17
32
47
kHz
tsu(LSI)
(3)
3.
Guaranteed by design, not tested in production.
LSI oscillator startup time
-
15
40
µs
IDD(LSI)
(3)
LSI oscillator power consumption
-
0.4
0.6
µA



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com