Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

STM32F405VG Datasheet(PDF) 84 Page - STMicroelectronics

Part # STM32F405VG
Description  USB OTG HS/FS, Ethernet, 17 TIMs, 3 ADCs, 15 comm. interfaces & camera
PDF  154 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

STM32F405VG Datasheet(HTML) 84 Page - STMicroelectronics

Back Button STM32F405VG Datasheet HTML 80Page - STMicroelectronics STM32F405VG Datasheet HTML 81Page - STMicroelectronics STM32F405VG Datasheet HTML 82Page - STMicroelectronics STM32F405VG Datasheet HTML 83Page - STMicroelectronics STM32F405VG Datasheet HTML 84Page - STMicroelectronics STM32F405VG Datasheet HTML 85Page - STMicroelectronics STM32F405VG Datasheet HTML 86Page - STMicroelectronics STM32F405VG Datasheet HTML 87Page - STMicroelectronics STM32F405VG Datasheet HTML 88Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 84 / 154 page
background image
Electrical characteristics
STM32F405xx, STM32F407xx
84/154
Doc ID 022152 Rev 1
Table 37.
Flash memory endurance and data retention
5.3.13
EMC characteristics
Susceptibility tests are performed on a sample basis during device characterization.
Functional EMS (electromagnetic susceptibility)
While a simple application is executed on the device (toggling 2 LEDs through I/O ports). the
device is stressed by two electromagnetic events until a failure occurs. The failure is
indicated by the LEDs:
●
Electrostatic discharge (ESD) (positive and negative) is applied to all device pins until
a functional disturbance occurs. This test is compliant with the IEC 61000-4-2 standard.
●
FTB: A burst of fast transient voltage (positive and negative) is applied to VDD and VSS
through a 100 pF capacitor, until a functional disturbance occurs. This test is compliant
with the IEC 61000-4-4 standard.
Table 36.
Flash memory programming with VPP
(1)
1.
TBD stands for “to be defined”.
Symbol
Parameter
Conditions
Min(2)
Typ
Max(2)
2.
Guaranteed by design, not tested in production.
Unit
tprog
Double word programming
TA = 0 to +40 °C
-
16
100(3)
3.
The maximum programming time is measured after 100K erase operations.
µs
tERASE16KB Sector (16 KB) erase time
-
TBD
-
tERASE64KB Sector (64 KB) erase time
-
TBD
-
tERASE128KB Sector (128 KB) erase time
-
TBD
-
tME
Mass erase time
-
6.8
-
Vprog
Programming voltage
2.7
-
3.6
V
VPP
VPP voltage range
7
-
9
V
IPP
Minimum current sunk on
the VPP pin
10
-
-
mA
tVPP
(4)
4.
VPP should only be connected during programming/erasing.
Cumulative time during
which VPP is applied
-
-
1
hour
Symbol
Parameter
Conditions
Value
Unit
Min(1)
1.
Based on characterization, not tested in production.
NEND
Endurance
TA = –40 to +85 °C (6 suffix versions)
TA = –40 to +105 °C (7 suffix versions)
10
kcycles
tRET
Data retention
1 kcycle(2) at TA = 85 °C
2.
Cycling performed over the whole temperature range.
30
Years
1 kcycle(2) at TA = 105 °C
10
10 kcycles(2) at TA = 55 °C
20



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com