Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

STM32F405VG Datasheet(PDF) 22 Page - STMicroelectronics

Part # STM32F405VG
Description  USB OTG HS/FS, Ethernet, 17 TIMs, 3 ADCs, 15 comm. interfaces & camera
PDF  154 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

STM32F405VG Datasheet(HTML) 22 Page - STMicroelectronics

Back Button STM32F405VG Datasheet HTML 18Page - STMicroelectronics STM32F405VG Datasheet HTML 19Page - STMicroelectronics STM32F405VG Datasheet HTML 20Page - STMicroelectronics STM32F405VG Datasheet HTML 21Page - STMicroelectronics STM32F405VG Datasheet HTML 22Page - STMicroelectronics STM32F405VG Datasheet HTML 23Page - STMicroelectronics STM32F405VG Datasheet HTML 24Page - STMicroelectronics STM32F405VG Datasheet HTML 25Page - STMicroelectronics STM32F405VG Datasheet HTML 26Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 22 / 154 page
background image
Description
STM32F405xx, STM32F407xx
22/154
Doc ID 022152 Rev 1
2.2.15
Power supply supervisor
The power supply supervisor is enabled by holding PDR_ON high.
The device has an integrated power-on reset (POR) / power-down reset (PDR) circuitry
coupled with a Brownout reset (BOR) circuitry. At power-on, BOR is always active, and
ensures proper operation starting from 1.8 V. After the 1.8 V BOR threshold level is reached,
the option byte loading process starts, either to confirm or modify default thresholds, or to
disable BOR permanently. Three BOR thresholds are available through option bytes.
The device remains in reset mode when VDD is below a specified threshold, VPOR/PDR or
VBOR, without the need for an external reset circuit.
The device also features an embedded programmable voltage detector (PVD) that monitors
the VDD/VDDA power supply and compares it to the VPVD threshold. An interrupt can be
generated when VDD/VDDA drops below the VPVD threshold and/or when VDD/VDDA is higher
than the VPVD threshold. The interrupt service routine can then generate a warning
message and/or put the MCU into a safe state. The PVD is enabled by software.
All packages, except the LQFP64, offer the internal reset is controlled through the PDR_ON
signal.
2.2.16
Voltage regulator
The regulator has eight operating modes:
●
Regulator ON/internal reset ON
–
Main regulator mode (MR)
–
Low power regulator (LPR)
–
Power-down
●
Regulator ON/internal reset OFF
–
Main regulator mode (MR)
–
Low power regulator (LPR)
–
Power-down
●
Regulator OFF/internal reset ON
●
Regulator OFF/internal reset OFF
Regulator ON
●
Regulator ON/internal reset ON
The regulator ON/internal reset ON mode is always enabled on LQFP64 package.
On LQFP100 and LQFP144 packages, this mode is activated by setting PDR_ON to
VDD.
On UFBGA176 package, the internal regulator must be activated by connecting
BYPASS_REG to VSS, and PDR_ON to VDD.
On LQFP176 packages, the internal reset must be activated by connecting PDR_ON to
VDD.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com