Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

STM32F405VG Datasheet(PDF) 90 Page - STMicroelectronics

Part # STM32F405VG
Description  USB OTG HS/FS, Ethernet, 17 TIMs, 3 ADCs, 15 comm. interfaces & camera
PDF  154 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

STM32F405VG Datasheet(HTML) 90 Page - STMicroelectronics

Back Button STM32F405VG Datasheet HTML 86Page - STMicroelectronics STM32F405VG Datasheet HTML 87Page - STMicroelectronics STM32F405VG Datasheet HTML 88Page - STMicroelectronics STM32F405VG Datasheet HTML 89Page - STMicroelectronics STM32F405VG Datasheet HTML 90Page - STMicroelectronics STM32F405VG Datasheet HTML 91Page - STMicroelectronics STM32F405VG Datasheet HTML 92Page - STMicroelectronics STM32F405VG Datasheet HTML 93Page - STMicroelectronics STM32F405VG Datasheet HTML 94Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 90 / 154 page
background image
Electrical characteristics
STM32F405xx, STM32F407xx
90/154
Doc ID 022152 Rev 1
Input/output AC characteristics
The definition and values of input/output AC characteristics are given in Figure 28 and
Table 45, respectively.
Unless otherwise specified, the parameters given in Table 45 are derived from tests
performed under the ambient temperature and VDD supply voltage conditions summarized
in Table 10.
Table 45.
I/O AC characteristics(1)(2)
OSPEEDRy
[1:0] bit
value(1)
Symbol
Parameter
Conditions
Min
Typ
Max
Unit
00
fmax(IO)out Maximum frequency
(3)
CL = 50 pF, VDD > 2.70 V
-
-
2
MHz
CL = 50 pF, VDD > 1.8 V
-
-
2
CL = 10 pF, VDD > 2.70 V
-
-
TBD
CL = 10 pF, VDD > 1.8 V
-
-
TBD
tf(IO)out
Output high to low level fall
time
CL = 50 pF, VDD = 1.8 V to
3.6 V
--
TBD
ns
tr(IO)out
Output low to high level rise
time
--
TBD
01
fmax(IO)out Maximum frequency
(3)
CL = 50 pF, VDD > 2.70 V
-
-
25
MHz
CL = 50 pF, VDD > 1.8 V
-
-
12.5(4)
CL = 10 pF, VDD > 2.70 V
-
-
50(4)
CL = 10 pF, VDD > 1.8 V
-
-
TBD
tf(IO)out
Output high to low level fall
time
CL = 50 pF, VDD < 2.7 V
-
-
TBD
ns
CL = 10 pF, VDD > 2.7 V
-
-
TBD
tr(IO)out
Output low to high level rise
time
CL = 50 pF, VDD < 2.7 V
-
-
TBD
CL = 10 pF, VDD > 2.7 V
-
-
TBD
10
fmax(IO)out Maximum frequency
(3)
CL = 40 pF, VDD > 2.70 V
-
-
50(4)
MHz
CL = 40 pF, VDD > 1.8 V
-
-
25
CL = 10 pF, VDD > 2.70 V
-
-
100(4)
CL = 10 pF, VDD > 1.8 V
-
-
TBD
tf(IO)out
Output high to low level fall
time
CL = 50 pF, 2.4 < VDD < 2.7 V
-
-
TBD
ns
CL = 10 pF, VDD > 2.7 V
-
-
TBD
tr(IO)out
Output low to high level rise
time
CL = 50 pF, 2.4 < VDD < 2.7 V
-
-
TBD
CL = 10 pF, VDD > 2.7 V
-
-
TBD



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com