Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

HMC286 Datasheet (PDF) - Hittite Microwave Corporation

HMC286 Datasheet PDF - Hittite Microwave Corporation
Part # HMC286
Download  HMC286 Download
File Size   173.89 Kbytes
Page   6 Pages
Manufacturer  HITTITE [Hittite Microwave Corporation]
Direct Link  http://www.hittite.com
Logo HITTITE - Hittite Microwave Corporation
Description GaAs MMIC LOW NOISE AMPLIFIER, 2.3 - 2.5 GHz

HMC286 Datasheet (PDF)

Go To PDF Page Download Datasheet
HMC286 Datasheet PDF - Hittite Microwave Corporation

Part # HMC286
Download  HMC286 Click to download

File Size   173.89 Kbytes
Page   6 Pages
Manufacturer  HITTITE [Hittite Microwave Corporation]
Direct Link  http://www.hittite.com
Logo HITTITE - Hittite Microwave Corporation
Description GaAs MMIC LOW NOISE AMPLIFIER, 2.3 - 2.5 GHz

HMC286 Datasheet (HTML) - Hittite Microwave Corporation




Similar Part No. - HMC286

ManufacturerPart #DatasheetDescription
logo
Hittite Microwave Corpo...
HMC286 HITTITE-HMC286 Datasheet
153Kb / 6P
GaAs MMIC LOW NOISE AMPLIFIER, 2.3 - 2.5 GHz
HMC286 HITTITE-HMC286 Datasheet
238Kb / 6P
GaAs MMIC LOW NOISE AMPLIFIER, 2.3 - 2.5 GHz
HMC286 HITTITE-HMC286_06 Datasheet
238Kb / 6P
GaAs MMIC LOW NOISE AMPLIFIER, 2.3 - 2.5 GHz
More results


Similar Description - HMC286

ManufacturerPart #DatasheetDescription
logo
Hittite Microwave Corpo...
HMC286 HITTITE-HMC286 Datasheet
153Kb / 6P
GaAs MMIC LOW NOISE AMPLIFIER, 2.3 - 2.5 GHz
HMC287MS8 HITTITE-HMC287MS8 Datasheet
217Kb / 6P
GaAs MMIC LOW NOISE AMPLIFIER with AGC, 2.3 - 2.5 GHz
HMC605LP3 HITTITE-HMC605LP3 Datasheet
207Kb / 8P
GaAs PHEMT MMIC LOW NOISE AMPLIFIER w/ BYPASS MODE, 2.3 - 2.7 GHz
HMC286 HITTITE-HMC286_06 Datasheet
238Kb / 6P
GaAs MMIC LOW NOISE AMPLIFIER, 2.3 - 2.5 GHz
HMC287MS8 HITTITE-HMC287MS8_05 Datasheet
287Kb / 6P
GaAs MMIC LOW NOISE AMPLIFIER with AGC, 2.3 - 2.5 GHz
logo
Transcom, Inc.
TC3139 TRANSCOM-TC3139 Datasheet
191Kb / 4P
2.3 - 2.5 GHz 1W MMIC
logo
Hittite Microwave Corpo...
HMC287MS8 HITTITE-HMC287MS8_08 Datasheet
194Kb / 6P
GaAs MMIC LOW NOISE AMPLIFIER with AGC, 2.3 - 2.5 GHz
HMC605LP3 HITTITE-HMC605LP3_09 Datasheet
253Kb / 8P
GaAs PHEMT MMIC LOW NOISE AMPLIFIER w/ BYPASS MODE, 2.3 - 2.7 GHz
HMC667LP2 HITTITE-HMC667LP2 Datasheet
305Kb / 8P
GaAs PHEMT MMIC LOW NOISE AMPLIFIER, 2.3 - 2.7 GHz
logo
Broadcom Corporation.
MGA-86576 BOARDCOM-MGA-86576 Datasheet
121Kb / 6P
1.5?? GHz Low Noise GaAs MMIC Amplifier
More results




About Hittite Microwave Corporation


Hittite Microwave Corporation was a semiconductor company that designed and manufactured high-performance integrated circuits (ICs), modules, and subsystems for radio frequency (RF), microwave, and millimeter-wave applications. The company was founded in 1985 and was based in Chelmsford, Massachusetts.

Hittite Microwave's products were used in various applications, including cellular infrastructure, test and measurement equipment, military and aerospace, broadband, and fiber optics. The company's product portfolio included amplifiers, mixers, switches, attenuators, synthesizers, and other RF and microwave components.

In 2014, Analog Devices, Inc. (ADI), a leading semiconductor company specializing in signal processing and analog technologies, acquired Hittite Microwave Corporation for approximately $2.45 billion. After the acquisition, Hittite Microwave became part of ADI's RF and Microwave business unit.

Today, Analog Devices, Inc. continues to provide high-performance RF and microwave products and solutions for a broad range of applications, leveraging the expertise and technologies gained through the acquisition of Hittite Microwave Corporation.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com