Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

HMC286 Datasheet(PDF) 4 Page - Hittite Microwave Corporation

Part # HMC286
Description  GaAs MMIC LOW NOISE AMPLIFIER, 2.3 - 2.5 GHz
PDF  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  HITTITE [Hittite Microwave Corporation]
Direct Link  http://www.hittite.com
Logo HITTITE - Hittite Microwave Corporation

HMC286 Datasheet(HTML) 4 Page - Hittite Microwave Corporation

  HMC286 Datasheet HTML 1Page - Hittite Microwave Corporation HMC286 Datasheet HTML 2Page - Hittite Microwave Corporation HMC286 Datasheet HTML 3Page - Hittite Microwave Corporation HMC286 Datasheet HTML 4Page - Hittite Microwave Corporation HMC286 Datasheet HTML 5Page - Hittite Microwave Corporation HMC286 Datasheet HTML 6Page - Hittite Microwave Corporation  
Zoom Inzoom in Zoom Outzoom out
 4 / 6 page
background image
For price, delivery and to place orders: Hittite Microwave Corporation, 20 Alpha Road, Chelmsford, MA 01824
Phone: 978-250-3343
Fax: 978-250-3373
Order On-line at www.hittite.com
Application Support: Phone: 978-250-3343 or apps@hittite.com
7
7 - 13
Outline Drawing
Absolute Maximum Ratings
NOTES:
1. LEADFRAME MATERIAL: COPPER ALLOY
2. DIMENSIONS ARE IN INCHES [MILLIMETERS]
3. DIMENSION DOES NOT INCLUDE MOLDFLASH OF 0.15mm PER SIDE.
4. DIMENSION DOES NOT INCLUDE MOLDFLASH OF 0.25mm PER SIDE.
5. ALL GROUND LEADS MUST BE SOLDERED TO PCB RF GROUND.
Drain Bias Voltage (Vdd)
+7 Vdc
RF Input Power (RFIN)(Vdd = +3 Vdc)
0 dBm
Channel Temperature
150 °C
Continuous Pdiss (T = 85 °C)
(derate 6.35 mW/°C above 85 °C)
0.413 W
Thermal Resistance
(channel to lead)
157 °C/W
Storage Temperature
-65 to +150 °C
Operating Temperature
-40 to +85 °C
ESD Sensitivity (HBM)
Class 1A
Part Number
Package Body Material
Lead Finish
MSL Rating
Package Marking
[3]
HMC286
Low Stress Injection Molded Plastic
Sn/Pb Solder
MSL1
[1]
H286
XXXX
HMC286E
RoHS-compliant Low Stress Injection Molded Plastic
100% matte Sn
MSL1
[2]
286E
XXXX
[1] Max peak reflow temperature of 235 °C
[2] Max peak reflow temperature of 260 °C
[3] 4-Digit lot number XXXX
Package Information
ELECTROSTATIC SENSITIVE DEVICE
OBSERVE HANDLING PRECAUTIONS
HMC286 / 286E
v03.0410
GaAs MMIC LOW NOISE
AMPLIFIER, 2.3 - 2.5 GHz



Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com