Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

HMC331 Datasheet (PDF) - Hittite Microwave Corporation

HMC331 Datasheet PDF - Hittite Microwave Corporation
Part # HMC331
Download  HMC331 Download
File Size   173.04 Kbytes
Page   4 Pages
Manufacturer  HITTITE [Hittite Microwave Corporation]
Direct Link  http://www.hittite.com
Logo HITTITE - Hittite Microwave Corporation
Description GaAs MMIC PASSIVE FREQUENCY DOUBLER, 12 - 18 GHz INPUT

HMC331 Datasheet (PDF)

Go To PDF Page Download Datasheet
HMC331 Datasheet PDF - Hittite Microwave Corporation

Part # HMC331
Download  HMC331 Click to download

File Size   173.04 Kbytes
Page   4 Pages
Manufacturer  HITTITE [Hittite Microwave Corporation]
Direct Link  http://www.hittite.com
Logo HITTITE - Hittite Microwave Corporation
Description GaAs MMIC PASSIVE FREQUENCY DOUBLER, 12 - 18 GHz INPUT

HMC331 Datasheet (HTML) - Hittite Microwave Corporation




Similar Part No. - HMC331

ManufacturerPart #DatasheetDescription
logo
Hittite Microwave Corpo...
HMC331 HITTITE-HMC331 Datasheet
100Kb / 5P
GaAs MMIC PASSIVE FREQUENCY DOUBLER, 12 - 18 GHz INPUT
HMC331 HITTITE-HMC331 Datasheet
169Kb / 6P
GaAs MMIC PASSIVE FREQUENCY DOUBLER, 12 - 18 GHz INPUT
logo
Micross Components
HMC331 MICROSS-HMC331 Datasheet
819Kb / 7P
Wireless Local Loop
logo
Hittite Microwave Corpo...
HMC331 HITTITE-HMC331_08 Datasheet
169Kb / 6P
GaAs MMIC PASSIVE FREQUENCY DOUBLER, 12 - 18 GHz INPUT
More results


Similar Description - HMC331

ManufacturerPart #DatasheetDescription
logo
Hittite Microwave Corpo...
HMC156 HITTITE-HMC156 Datasheet
83Kb / 4P
GaAs MMIC PASSIVE FREQUENCY DOUBLER, 0.7 - 2.4 GHz INPUT
HMC204 HITTITE-HMC204 Datasheet
158Kb / 6P
GaAs MMIC PASSIVE FREQUENCY DOUBLER, 4 - 8 GHz INPUT
HMC205 HITTITE-HMC205 Datasheet
183Kb / 6P
GaAs MMIC PASSIVE FREQUENCY DOUBLER, 6 - 12 GHz INPUT
HMC331 HITTITE-HMC331 Datasheet
100Kb / 5P
GaAs MMIC PASSIVE FREQUENCY DOUBLER, 12 - 18 GHz INPUT
HMC204 HITTITE-HMC204_08 Datasheet
165Kb / 6P
GaAs MMIC PASSIVE FREQUENCY DOUBLER, 4 - 8 GHz INPUT
HMC331 HITTITE-HMC331_08 Datasheet
169Kb / 6P
GaAs MMIC PASSIVE FREQUENCY DOUBLER, 12 - 18 GHz INPUT
HMC-XDB112 HITTITE-HMC-XDB112 Datasheet
157Kb / 6P
GaAs MMIC PASSIVE FREQUENCY DOUBLER, 10 - 15 GHz INPUT
HMC156A HITTITE-HMC156A Datasheet
263Kb / 4P
GaAs MMIC PASSIVE FREQUENCY DOUBLER, 0.7 - 2.4 GHz INPUT
HMC205 HITTITE-HMC205_09 Datasheet
191Kb / 6P
GaAs MMIC PASSIVE FREQUENCY DOUBLER, 6 - 12 GHz INPUT
HMC-XDB112 HITTITE-HMC-XDB112_09 Datasheet
156Kb / 4P
GaAs MMIC PASSIVE FREQUENCY DOUBLER, 10 - 15 GHz INPUT
More results




About Hittite Microwave Corporation


Hittite Microwave Corporation was a semiconductor company that designed and manufactured high-performance integrated circuits (ICs), modules, and subsystems for radio frequency (RF), microwave, and millimeter-wave applications. The company was founded in 1985 and was based in Chelmsford, Massachusetts.

Hittite Microwave's products were used in various applications, including cellular infrastructure, test and measurement equipment, military and aerospace, broadband, and fiber optics. The company's product portfolio included amplifiers, mixers, switches, attenuators, synthesizers, and other RF and microwave components.

In 2014, Analog Devices, Inc. (ADI), a leading semiconductor company specializing in signal processing and analog technologies, acquired Hittite Microwave Corporation for approximately $2.45 billion. After the acquisition, Hittite Microwave became part of ADI's RF and Microwave business unit.

Today, Analog Devices, Inc. continues to provide high-performance RF and microwave products and solutions for a broad range of applications, leveraging the expertise and technologies gained through the acquisition of Hittite Microwave Corporation.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com