Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

HMC331 Datasheet(PDF) 1 Page - Hittite Microwave Corporation

Part # HMC331
Description  GaAs MMIC PASSIVE FREQUENCY DOUBLER, 12 - 18 GHz INPUT
PDF  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  HITTITE [Hittite Microwave Corporation]
Direct Link  http://www.hittite.com
Logo HITTITE - Hittite Microwave Corporation

HMC331 Datasheet(HTML) 1 Page - Hittite Microwave Corporation

  HMC331 Datasheet HTML 1Page - Hittite Microwave Corporation HMC331 Datasheet HTML 2Page - Hittite Microwave Corporation HMC331 Datasheet HTML 3Page - Hittite Microwave Corporation HMC331 Datasheet HTML 4Page - Hittite Microwave Corporation  
Zoom Inzoom in Zoom Outzoom out
 1 / 4 page
background image
2
2 - 22
For price, delivery, and to place orders, please contact Hittite Microwave Corporation:
20 Alpha Road, Chelmsford, MA 01824 Phone: 978-250-3343 Fax: 978-250-3373
Order On-line at www.hittite.com
HMC331
GaAs MMIC PASSIVE FREQUENCY
DOUBLER, 12 - 18 GHz INPUT
v04.1007
General Description
Features
Functional Diagram
Conversion Loss: 14 dB
Fo, 3Fo, 4Fo Isolation: 50 dB
Passive: No Bias Required
Die Size: 0.85 x 0.55 x 0.1 mm
Electrical Specifications, T
A = +25° C, As a Function of Drive Level
Typical Applications
The HMC331 is a passive miniature frequency
doubler MMIC. Suppression of undesired fundamental
and higher order harmonics is 50 dB typical with
respect to input signal level. The doubler utilizes the
same GaAs Schottky diode/balun technology found
in Hittite MMIC mixers. It features small size, requires
no DC bias, and adds no measurable additive phase
noise onto the multiplied signal.
The HMC331 is suitable for:
• Wireless Local Loop
• LMDS, VSAT, and Point-to-Point Radios
• Test Equipment
Input = +11 dBm
Input = +13 dBm
Input = +15 dBm
Parameter
Min.
Typ.
Max.
Min.
Typ.
Max.
Min.
Typ.
Max.
Units
Frequency Range, Input
13 - 18
12 - 18
12 - 18
GHz
Frequency Range, Output
26 - 36
24 - 36
24 - 36
GHz
Conversion Loss
15
20
14
20
14
19
dB
FO Isolation
(with respect to input level)
45
50
45
50
45
50
dB
3FO Isolation
(with respect to input level)
50
60
45
60
47
60
dB
4FO Isolation
(with respect to input level)
50
60
50
60
50
60
dB


Similar Part No. - HMC331

ManufacturerPart #DatasheetDescription
logo
Hittite Microwave Corpo...
HMC331 HITTITE-HMC331 Datasheet
100Kb / 5P
GaAs MMIC PASSIVE FREQUENCY DOUBLER, 12 - 18 GHz INPUT
HMC331 HITTITE-HMC331 Datasheet
169Kb / 6P
GaAs MMIC PASSIVE FREQUENCY DOUBLER, 12 - 18 GHz INPUT
logo
Micross Components
HMC331 MICROSS-HMC331 Datasheet
819Kb / 7P
Wireless Local Loop
logo
Hittite Microwave Corpo...
HMC331 HITTITE-HMC331_08 Datasheet
169Kb / 6P
GaAs MMIC PASSIVE FREQUENCY DOUBLER, 12 - 18 GHz INPUT
More results

Similar Description - HMC331

ManufacturerPart #DatasheetDescription
logo
Hittite Microwave Corpo...
HMC156 HITTITE-HMC156 Datasheet
83Kb / 4P
GaAs MMIC PASSIVE FREQUENCY DOUBLER, 0.7 - 2.4 GHz INPUT
HMC204 HITTITE-HMC204 Datasheet
158Kb / 6P
GaAs MMIC PASSIVE FREQUENCY DOUBLER, 4 - 8 GHz INPUT
HMC205 HITTITE-HMC205 Datasheet
183Kb / 6P
GaAs MMIC PASSIVE FREQUENCY DOUBLER, 6 - 12 GHz INPUT
HMC331 HITTITE-HMC331 Datasheet
100Kb / 5P
GaAs MMIC PASSIVE FREQUENCY DOUBLER, 12 - 18 GHz INPUT
HMC204 HITTITE-HMC204_08 Datasheet
165Kb / 6P
GaAs MMIC PASSIVE FREQUENCY DOUBLER, 4 - 8 GHz INPUT
HMC331 HITTITE-HMC331_08 Datasheet
169Kb / 6P
GaAs MMIC PASSIVE FREQUENCY DOUBLER, 12 - 18 GHz INPUT
HMC-XDB112 HITTITE-HMC-XDB112 Datasheet
157Kb / 6P
GaAs MMIC PASSIVE FREQUENCY DOUBLER, 10 - 15 GHz INPUT
HMC156A HITTITE-HMC156A Datasheet
263Kb / 4P
GaAs MMIC PASSIVE FREQUENCY DOUBLER, 0.7 - 2.4 GHz INPUT
HMC205 HITTITE-HMC205_09 Datasheet
191Kb / 6P
GaAs MMIC PASSIVE FREQUENCY DOUBLER, 6 - 12 GHz INPUT
HMC-XDB112 HITTITE-HMC-XDB112_09 Datasheet
156Kb / 4P
GaAs MMIC PASSIVE FREQUENCY DOUBLER, 10 - 15 GHz INPUT
More results


Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com