Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

HMC368LP4 Datasheet (PDF) - Hittite Microwave Corporation

HMC368LP4 Datasheet PDF - Hittite Microwave Corporation
Part # HMC368LP4_08
Download  HMC368LP4 Download
File Size   269.46 Kbytes
Page   6 Pages
Manufacturer  HITTITE [Hittite Microwave Corporation]
Direct Link  http://www.hittite.com
Logo HITTITE - Hittite Microwave Corporation
Description SMT GaAs PHEMT MMIC AMP-DOUBLER-AMP, 9 - 16 GHz OUTPUT

HMC368LP4 Datasheet (PDF)

Go To PDF Page Download Datasheet
HMC368LP4 Datasheet PDF - Hittite Microwave Corporation

Part # HMC368LP4_08
Download  HMC368LP4 Click to download

File Size   269.46 Kbytes
Page   6 Pages
Manufacturer  HITTITE [Hittite Microwave Corporation]
Direct Link  http://www.hittite.com
Logo HITTITE - Hittite Microwave Corporation
Description SMT GaAs PHEMT MMIC AMP-DOUBLER-AMP, 9 - 16 GHz OUTPUT

HMC368LP4 Datasheet (HTML) - Hittite Microwave Corporation




Similar Part No. - HMC368LP4_08

ManufacturerPart #DatasheetDescription
logo
Hittite Microwave Corpo...
HMC368LP4 HITTITE-HMC368LP4_06 Datasheet
381Kb / 6P
SMT GaAs PHEMT MMIC AMP-DOUBLER-AMP, 9.0 - 16.0 GHz OUTPUT
More results


Similar Description - HMC368LP4_08

ManufacturerPart #DatasheetDescription
logo
Hittite Microwave Corpo...
HMC368LP4 HITTITE-HMC368LP4 Datasheet
311Kb / 6P
SMT GaAs PHEMT MMIC AMP-DOUBLER-AMP, 9.0 - 16.0 GHz OUTPUT
HMC157C8 HITTITE-HMC157C8 Datasheet
69Kb / 4P
GaAs MMIC SMT FREQUENCY DOUBLER 1 - 2 GHz INPUT
HMC575LP4 HITTITE-HMC575LP4 Datasheet
253Kb / 6P
SMT GaAs MMIC x2 ACTIVE FREQUENCY MULTIPLIER, 6 - 9 GHz OUTPUT
HMC219MS8 HITTITE-HMC219MS8_06 Datasheet
247Kb / 6P
GaAs MMIC SMT DOUBLEBALANCED MIXER, 4.5 - 9 GHz
HMC368LP4 HITTITE-HMC368LP4_06 Datasheet
381Kb / 6P
SMT GaAs PHEMT MMIC AMP-DOUBLER-AMP, 9.0 - 16.0 GHz OUTPUT
HMC757LP4E HITTITE-HMC757LP4E Datasheet
993Kb / 8P
GaAs pHEMT MMIC WATT POWER AMPLIFIER, 16 - 24 GHz
HMC486 HITTITE-HMC486_09 Datasheet
264Kb / 8P
GaAs PHEMT MMIC 2 WATT POWER AMPLIFIER, 7 - 9 GHz
HMC575LP4 HITTITE-HMC575LP4_08 Datasheet
209Kb / 6P
SMT GaAs MMIC x2 ACTIVE FREQUENCY MULTIPLIER, 6 - 9 GHz OUTPUT
HMC219MS8 HITTITE-HMC219MS8_10 Datasheet
181Kb / 6P
GaAs MMIC SMT DOUBLEBALANCED MIXER, 4.5 - 9 GHz
logo
Analog Devices
HMC368LP4 AD-HMC368LP4 Datasheet
379Kb / 6P
SMT GaAs PHEMT MMIC AMP-DOUBLER-AMP, 9 - 16 GHz OUTPUT
More results




About Hittite Microwave Corporation


Hittite Microwave Corporation was a semiconductor company that designed and manufactured high-performance integrated circuits (ICs), modules, and subsystems for radio frequency (RF), microwave, and millimeter-wave applications. The company was founded in 1985 and was based in Chelmsford, Massachusetts.

Hittite Microwave's products were used in various applications, including cellular infrastructure, test and measurement equipment, military and aerospace, broadband, and fiber optics. The company's product portfolio included amplifiers, mixers, switches, attenuators, synthesizers, and other RF and microwave components.

In 2014, Analog Devices, Inc. (ADI), a leading semiconductor company specializing in signal processing and analog technologies, acquired Hittite Microwave Corporation for approximately $2.45 billion. After the acquisition, Hittite Microwave became part of ADI's RF and Microwave business unit.

Today, Analog Devices, Inc. continues to provide high-performance RF and microwave products and solutions for a broad range of applications, leveraging the expertise and technologies gained through the acquisition of Hittite Microwave Corporation.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com