Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

HMC368LP4 Datasheet (PDF) - Hittite Microwave Corporation

HMC368LP4 Datasheet PDF - Hittite Microwave Corporation
Part # HMC368LP4
Download  HMC368LP4 Download
File Size   311.58 Kbytes
Page   6 Pages
Manufacturer  HITTITE [Hittite Microwave Corporation]
Direct Link  http://www.hittite.com
Logo HITTITE - Hittite Microwave Corporation
Description SMT GaAs PHEMT MMIC AMP-DOUBLER-AMP, 9.0 - 16.0 GHz OUTPUT

HMC368LP4 Datasheet (PDF)

Go To PDF Page Download Datasheet
HMC368LP4 Datasheet PDF - Hittite Microwave Corporation

Part # HMC368LP4
Download  HMC368LP4 Click to download

File Size   311.58 Kbytes
Page   6 Pages
Manufacturer  HITTITE [Hittite Microwave Corporation]
Direct Link  http://www.hittite.com
Logo HITTITE - Hittite Microwave Corporation
Description SMT GaAs PHEMT MMIC AMP-DOUBLER-AMP, 9.0 - 16.0 GHz OUTPUT

HMC368LP4 Datasheet (HTML) - Hittite Microwave Corporation




Similar Part No. - HMC368LP4

ManufacturerPart #DatasheetDescription
logo
Hittite Microwave Corpo...
HMC368LP4 HITTITE-HMC368LP4 Datasheet
269Kb / 6P
SMT GaAs PHEMT MMIC AMP-DOUBLER-AMP, 9 - 16 GHz OUTPUT
HMC368LP4 HITTITE-HMC368LP4 Datasheet
381Kb / 6P
SMT GaAs PHEMT MMIC AMP-DOUBLER-AMP, 9.0 - 16.0 GHz OUTPUT
logo
Analog Devices
HMC368LP4 AD-HMC368LP4 Datasheet
379Kb / 6P
SMT GaAs PHEMT MMIC AMP-DOUBLER-AMP, 9 - 16 GHz OUTPUT
logo
Hittite Microwave Corpo...
HMC368LP4E HITTITE-HMC368LP4E Datasheet
269Kb / 6P
SMT GaAs PHEMT MMIC AMP-DOUBLER-AMP, 9 - 16 GHz OUTPUT
logo
Analog Devices
HMC368LP4E AD-HMC368LP4E Datasheet
379Kb / 6P
SMT GaAs PHEMT MMIC AMP-DOUBLER-AMP, 9 - 16 GHz OUTPUT
More results


Similar Description - HMC368LP4

ManufacturerPart #DatasheetDescription
logo
Hittite Microwave Corpo...
HMC157C8 HITTITE-HMC157C8 Datasheet
69Kb / 4P
GaAs MMIC SMT FREQUENCY DOUBLER 1 - 2 GHz INPUT
logo
Mimix Broadband
20DBL0451 MIMIX-20DBL0451 Datasheet
311Kb / 6P
8.0-12.0/16.0-24.0 GHz GaAs MMIC Active Doubler
logo
Hittite Microwave Corpo...
HMC486 HITTITE-HMC486 Datasheet
365Kb / 8P
GaAs PHEMT MMIC 2 WATT POWER AMPLIFIER, 7.0 - 9.0 GHz
logo
Mimix Broadband
CMM-9 MIMIX-CMM-9 Datasheet
462Kb / 4P
2.0-9.0 GHz GaAs MMIC Amplifier
XX1005-BD MIMIX-XX1005-BD Datasheet
218Kb / 6P
8.0-12.0/16.0-24.0 GHz GaAs MMIC Active Doubler
logo
Hittite Microwave Corpo...
HMC368LP4 HITTITE-HMC368LP4_06 Datasheet
381Kb / 6P
SMT GaAs PHEMT MMIC AMP-DOUBLER-AMP, 9.0 - 16.0 GHz OUTPUT
logo
Mimix Broadband
XP1042-BD MIMIX-XP1042-BD Datasheet
393Kb / 1P
12.0-16.0 GHz GaAs MMIC
logo
Hittite Microwave Corpo...
HMC368LP4 HITTITE-HMC368LP4_08 Datasheet
269Kb / 6P
SMT GaAs PHEMT MMIC AMP-DOUBLER-AMP, 9 - 16 GHz OUTPUT
logo
M/A-COM Technology Solu...
XP1042-BD MA-COM-XP1042-BD Datasheet
345Kb / 1P
12.0-16.0 GHz GaAs MMIC
logo
Analog Devices
HMC368LP4 AD-HMC368LP4 Datasheet
379Kb / 6P
SMT GaAs PHEMT MMIC AMP-DOUBLER-AMP, 9 - 16 GHz OUTPUT
More results




About Hittite Microwave Corporation


Hittite Microwave Corporation was a semiconductor company that designed and manufactured high-performance integrated circuits (ICs), modules, and subsystems for radio frequency (RF), microwave, and millimeter-wave applications. The company was founded in 1985 and was based in Chelmsford, Massachusetts.

Hittite Microwave's products were used in various applications, including cellular infrastructure, test and measurement equipment, military and aerospace, broadband, and fiber optics. The company's product portfolio included amplifiers, mixers, switches, attenuators, synthesizers, and other RF and microwave components.

In 2014, Analog Devices, Inc. (ADI), a leading semiconductor company specializing in signal processing and analog technologies, acquired Hittite Microwave Corporation for approximately $2.45 billion. After the acquisition, Hittite Microwave became part of ADI's RF and Microwave business unit.

Today, Analog Devices, Inc. continues to provide high-performance RF and microwave products and solutions for a broad range of applications, leveraging the expertise and technologies gained through the acquisition of Hittite Microwave Corporation.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com