Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

2SA1877 Datasheet (PDF) - Shindengen Electric Mfg.Co.Ltd

2SA1877 Datasheet PDF - Shindengen Electric Mfg.Co.Ltd
Part # 2SA1877
Download  2SA1877 Download
File Size   382.14 Kbytes
Page   8 Pages
Manufacturer  SHINDENGEN [Shindengen Electric Mfg.Co.Ltd]
Direct Link  http://www.shindengen.co.jp/
Logo SHINDENGEN - Shindengen Electric Mfg.Co.Ltd
Description Switching Power Transistor(-5A PNP)

2SA1877 Datasheet (PDF)

Go To PDF Page Download Datasheet
2SA1877 Datasheet PDF - Shindengen Electric Mfg.Co.Ltd

Part # 2SA1877
Download  2SA1877 Click to download

File Size   382.14 Kbytes
Page   8 Pages
Manufacturer  SHINDENGEN [Shindengen Electric Mfg.Co.Ltd]
Direct Link  http://www.shindengen.co.jp/
Logo SHINDENGEN - Shindengen Electric Mfg.Co.Ltd
Description Switching Power Transistor(-5A PNP)

2SA1877 Datasheet (HTML) - Shindengen Electric Mfg.Co.Ltd


2SA1877 Product details

Switching Power Transistor  -5A PNP




Similar Part No. - 2SA1877

ManufacturerPart #DatasheetDescription
logo
Rohm
2SA1870 ROHM-2SA1870 Datasheet
26Kb / 1P
High-speed Switching Transistor (-60V, -12A)
2SA1870 ROHM-2SA1870 Datasheet
65Kb / 2P
High-voltage switching Transister
logo
NEC
2SA1871 NEC-2SA1871 Datasheet
116Kb / 6P
PNP SILICON TRIPLE DIFFUSED TRANSISTOR FOR HIGH-SPEED HIGH-VOLTAGE SWITCHING
logo
Renesas Technology Corp
2SA1871 RENESAS-2SA1871 Datasheet
240Kb / 8P
SILICON TRANSISTOR
2002
logo
Guangdong Kexin Industr...
2SA1871-A1 KEXIN-2SA1871-A1 Datasheet
674Kb / 3P
PNP Transistors
More results


Similar Description - 2SA1877

ManufacturerPart #DatasheetDescription
logo
Shindengen Electric Mfg...
2SA1679 SHINDENGEN-2SA1679 Datasheet
393Kb / 8P
Switching Power Transistor(-5A PNP)
2SA1795 SHINDENGEN-2SA1795 Datasheet
376Kb / 8P
Switching Power Transistor(-5A PNP)
2SA1878 SHINDENGEN-2SA1878 Datasheet
396Kb / 8P
Switching Power Transistor(-5A PNP)
2SC4053 SHINDENGEN-2SC4053 Datasheet
519Kb / 12P
Switching Power Transistor(5A NPN)
2SC4054 SHINDENGEN-2SC4054 Datasheet
497Kb / 12P
Switching Power Transistor(5A NPN)
2SC4663 SHINDENGEN-2SC4663 Datasheet
409Kb / 9P
Switching Power Transistor(5A NPN)
2SC4833 SHINDENGEN-2SC4833 Datasheet
418Kb / 9P
Switching Power Transistor(5A NPN)
2SC4979 SHINDENGEN-2SC4979 Datasheet
379Kb / 8P
Switching Power Transistor(5A NPN)
2SC4980 SHINDENGEN-2SC4980 Datasheet
395Kb / 8P
Switching Power Transistor(5A NPN)
2SC5241 SHINDENGEN-2SC5241 Datasheet
508Kb / 12P
Switching Power Transistor(5A NPN)
More results



Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com