Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

2SA1877 Datasheet(PDF) 1 Page - Shindengen Electric Mfg.Co.Ltd

Part # 2SA1877
Description  Switching Power Transistor(-5A PNP)
PDF  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SHINDENGEN [Shindengen Electric Mfg.Co.Ltd]
Direct Link  http://www.shindengen.co.jp/
Logo SHINDENGEN - Shindengen Electric Mfg.Co.Ltd

2SA1877 Datasheet(HTML) 1 Page - Shindengen Electric Mfg.Co.Ltd

  2SA1877 Datasheet HTML 1Page - Shindengen Electric Mfg.Co.Ltd 2SA1877 Datasheet HTML 2Page - Shindengen Electric Mfg.Co.Ltd 2SA1877 Datasheet HTML 3Page - Shindengen Electric Mfg.Co.Ltd 2SA1877 Datasheet HTML 4Page - Shindengen Electric Mfg.Co.Ltd 2SA1877 Datasheet HTML 5Page - Shindengen Electric Mfg.Co.Ltd 2SA1877 Datasheet HTML 6Page - Shindengen Electric Mfg.Co.Ltd 2SA1877 Datasheet HTML 7Page - Shindengen Electric Mfg.Co.Ltd 2SA1877 Datasheet HTML 8Page - Shindengen Electric Mfg.Co.Ltd  
Zoom Inzoom in Zoom Outzoom out
 1 / 8 page
background image
Copyright & Copy;2000 Shindengen Electric Mfg.Co.Ltd
RATINGS
SHINDENGEN
HSV Series
Switching Power Transistor
OUTLINE DIMENSIONS
Unit : mm
-5A PNP
2SA1877
(TE5T8)
Case : E-pack
●Absolute Maximum Ratings
Item
Symbol
Conditions
Ratings
Unit
Storage Temperature
Tstg
-55~150
℃
Junction Temperature
Tj
150
℃
Collector to Base Voltage
VCBO
-80
V
Collector to Emitter Voltage
VCEO
-80
V
Emitter to Base Voltage
VEBO
-7
V
Collector Current DC
IC
-5
A
Collector Current Peak
ICP
-10A
Base Current DC
IB
-1.5
A
Base Current Peak
IBP
-2
A
Total Transistor Dissipation
PT
Tc = 25℃
10
W
●Electrical Characteristics (Tc=25℃)
Item
Symbol
Conditions
Ratings
Unit
Collector to Emitter Sustaining Voltage
VCEO(sus)
IC = -0.05A
Min -80
V
Collector Cutoff Current
ICBO
At rated Voltage
Max -0.1
mA
ICEO
Max -0.1
Emitter Cutoff Current
IEBO
At rated Voltage
Max -0.1
mA
DC Current Gain
hFE
VCE = -2V, IC =-2.5A
Min 70
Collector to Emitter Saturation Voltage
VCE(sat)
IC = -2.5A
Max -0.3
V
Base to Emitter Saturation Voltage
VBE(sat)
IB = -0.25A
Max -1.2
V
Thermal Resistance
θjc
Junction to case
Max 12.5
℃/W
Transition Frequency
fT
VCE = -10V, IC = -0.5A
TYP 50
MHz
Turn on Time
ton
Max 0.3
IC = -2.5A
Storage Time
ts
IB1 = -0.25A, IB2 = -0.25A
Max 1.5
μs
RL = 12Ω, VBB2 = -4V
Fall Time
tf
Max 0.2


Similar Part No. - 2SA1877

ManufacturerPart #DatasheetDescription
logo
Rohm
2SA1870 ROHM-2SA1870 Datasheet
26Kb / 1P
High-speed Switching Transistor (-60V, -12A)
2SA1870 ROHM-2SA1870 Datasheet
65Kb / 2P
High-voltage switching Transister
logo
NEC
2SA1871 NEC-2SA1871 Datasheet
116Kb / 6P
PNP SILICON TRIPLE DIFFUSED TRANSISTOR FOR HIGH-SPEED HIGH-VOLTAGE SWITCHING
logo
Renesas Technology Corp
2SA1871 RENESAS-2SA1871 Datasheet
240Kb / 8P
SILICON TRANSISTOR
2002
logo
Guangdong Kexin Industr...
2SA1871-A1 KEXIN-2SA1871-A1 Datasheet
674Kb / 3P
PNP Transistors
More results

Similar Description - 2SA1877

ManufacturerPart #DatasheetDescription
logo
Shindengen Electric Mfg...
2SA1679 SHINDENGEN-2SA1679 Datasheet
393Kb / 8P
Switching Power Transistor(-5A PNP)
2SA1795 SHINDENGEN-2SA1795 Datasheet
376Kb / 8P
Switching Power Transistor(-5A PNP)
2SA1878 SHINDENGEN-2SA1878 Datasheet
396Kb / 8P
Switching Power Transistor(-5A PNP)
2SC4053 SHINDENGEN-2SC4053 Datasheet
519Kb / 12P
Switching Power Transistor(5A NPN)
2SC4054 SHINDENGEN-2SC4054 Datasheet
497Kb / 12P
Switching Power Transistor(5A NPN)
2SC4663 SHINDENGEN-2SC4663 Datasheet
409Kb / 9P
Switching Power Transistor(5A NPN)
2SC4833 SHINDENGEN-2SC4833 Datasheet
418Kb / 9P
Switching Power Transistor(5A NPN)
2SC4979 SHINDENGEN-2SC4979 Datasheet
379Kb / 8P
Switching Power Transistor(5A NPN)
2SC4980 SHINDENGEN-2SC4980 Datasheet
395Kb / 8P
Switching Power Transistor(5A NPN)
2SC5241 SHINDENGEN-2SC5241 Datasheet
508Kb / 12P
Switching Power Transistor(5A NPN)
More results


Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com