Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

HMC347G8 Datasheet (PDF) - Hittite Microwave Corporation

HMC347G8 Datasheet PDF - Hittite Microwave Corporation
Part # HMC347G8
Download  HMC347G8 Download
File Size   162.14 Kbytes
Page   6 Pages
Manufacturer  HITTITE [Hittite Microwave Corporation]
Direct Link  http://www.hittite.com
Logo HITTITE - Hittite Microwave Corporation
Description GaAs MMIC HERMETIC SMT SPDT SWITCH, DC - 8 GHz

HMC347G8 Datasheet (PDF)

Go To PDF Page Download Datasheet
HMC347G8 Datasheet PDF - Hittite Microwave Corporation

Part # HMC347G8
Download  HMC347G8 Click to download

File Size   162.14 Kbytes
Page   6 Pages
Manufacturer  HITTITE [Hittite Microwave Corporation]
Direct Link  http://www.hittite.com
Logo HITTITE - Hittite Microwave Corporation
Description GaAs MMIC HERMETIC SMT SPDT SWITCH, DC - 8 GHz

HMC347G8 Datasheet (HTML) - Hittite Microwave Corporation




Similar Part No. - HMC347G8

ManufacturerPart #DatasheetDescription
logo
Hittite Microwave Corpo...
HMC347G8 HITTITE-HMC347G8 Datasheet
182Kb / 6P
GaAs MMIC HERMETIC SMT SPDT SWITCH, DC - 8.0 GHz
HMC347G8 HITTITE-HMC347G8 Datasheet
228Kb / 6P
GaAs MMIC HERMETIC SMT SPDT SWITCH, DC - 8.0 GHz
HMC347G8 HITTITE-HMC347G8_06 Datasheet
228Kb / 6P
GaAs MMIC HERMETIC SMT SPDT SWITCH, DC - 8.0 GHz
More results


Similar Description - HMC347G8

ManufacturerPart #DatasheetDescription
logo
Hittite Microwave Corpo...
HMC346G8 HITTITE-HMC346G8 Datasheet
273Kb / 6P
GaAs MMIC HERMETIC SMT VOLTAGEVARIABLE ATTENUATOR, DC - 8 GHz
HMC347G8 HITTITE-HMC347G8 Datasheet
182Kb / 6P
GaAs MMIC HERMETIC SMT SPDT SWITCH, DC - 8.0 GHz
HMC132C8 HITTITE-HMC132C8 Datasheet
74Kb / 6P
GaAS MMIC SMT HIGH-ISOLATION SPDT SWITCH DC - 8 GHZ
HMC346G8 HITTITE-HMC346G8_06 Datasheet
320Kb / 6P
GaAs MMIC HERMETIC SMT VOLTAGEVARIABLE ATTENUATOR, DC - 8 GHz
HMC347G8 HITTITE-HMC347G8_06 Datasheet
228Kb / 6P
GaAs MMIC HERMETIC SMT SPDT SWITCH, DC - 8.0 GHz
HMC132C8 HITTITE-HMC132C8_01 Datasheet
135Kb / 6P
GaAs MMIC SMT HIGH-ISOLATION SPDT SWITCH, DC - 8 GHz
HMC234C8 HITTITE-HMC234C8_08 Datasheet
174Kb / 6P
GaAs MMIC SMT HIGH ISOLATION SPDT SWITCH, DC - 8 GHz
HMC270MS8G HITTITE-HMC270MS8G_08 Datasheet
176Kb / 6P
GaAs MMIC SPDT SWITCH NON-REFLECTIVE, DC - 8 GHz
HMC347C8 HITTITE-HMC347C8_08 Datasheet
178Kb / 6P
GaAs MMIC SMT HIGH ISOLATION SPDT SWITCH, DC - 8 GHz
logo
Analog Devices
HMC270AMS8GE AD-HMC270AMS8GE Datasheet
504Kb / 5P
GaAs MMIC SPDT SWITCH NON-REFLECTIVE, DC -8 GHz
More results




About Hittite Microwave Corporation


Hittite Microwave Corporation was a semiconductor company that designed and manufactured high-performance integrated circuits (ICs), modules, and subsystems for radio frequency (RF), microwave, and millimeter-wave applications. The company was founded in 1985 and was based in Chelmsford, Massachusetts.

Hittite Microwave's products were used in various applications, including cellular infrastructure, test and measurement equipment, military and aerospace, broadband, and fiber optics. The company's product portfolio included amplifiers, mixers, switches, attenuators, synthesizers, and other RF and microwave components.

In 2014, Analog Devices, Inc. (ADI), a leading semiconductor company specializing in signal processing and analog technologies, acquired Hittite Microwave Corporation for approximately $2.45 billion. After the acquisition, Hittite Microwave became part of ADI's RF and Microwave business unit.

Today, Analog Devices, Inc. continues to provide high-performance RF and microwave products and solutions for a broad range of applications, leveraging the expertise and technologies gained through the acquisition of Hittite Microwave Corporation.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com