Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

2SB1282 Datasheet (PDF) - Shindengen Electric Mfg.Co.Ltd

2SB1282 Datasheet PDF - Shindengen Electric Mfg.Co.Ltd
Part # 2SB1282
Download  2SB1282 Download
File Size   430.39 Kbytes
Page   9 Pages
Manufacturer  SHINDENGEN [Shindengen Electric Mfg.Co.Ltd]
Direct Link  http://www.shindengen.co.jp/
Logo SHINDENGEN - Shindengen Electric Mfg.Co.Ltd
Description Darlington Transistor(짹 4A PNP)

2SB1282 Datasheet (PDF)

Go To PDF Page Download Datasheet
2SB1282 Datasheet PDF - Shindengen Electric Mfg.Co.Ltd

Part # 2SB1282
Download  2SB1282 Click to download

File Size   430.39 Kbytes
Page   9 Pages
Manufacturer  SHINDENGEN [Shindengen Electric Mfg.Co.Ltd]
Direct Link  http://www.shindengen.co.jp/
Logo SHINDENGEN - Shindengen Electric Mfg.Co.Ltd
Description Darlington Transistor(짹 4A PNP)

2SB1282 Datasheet (HTML) - Shindengen Electric Mfg.Co.Ltd


2SB1282 Product details

Darlington Transistor  ± 4A PNP




Similar Part No. - 2SB1282

ManufacturerPart #DatasheetDescription
logo
Shindengen Electric Mfg...
2SB1283 SHINDENGEN-2SB1283 Datasheet
412Kb / 9P
Darlington Transistor(-7A PNP)
logo
Inchange Semiconductor ...
2SB1283 ISC-2SB1283 Datasheet
256Kb / 2P
isc Silicon PNP Darlingtion Power Transistor
logo
Shindengen Electric Mfg...
2SB1284 SHINDENGEN-2SB1284 Datasheet
429Kb / 9P
Darlington Transistor(-10A PNP)
logo
Inchange Semiconductor ...
2SB1284 ISC-2SB1284 Datasheet
188Kb / 2P
Collector-Emitter Sustaining Voltage-: VCEO(SUS)= -100V(Min.)
logo
New Jersey Semi-Conduct...
2SB1284 NJSEMI-2SB1284 Datasheet
131Kb / 2P
Silicon PNP Darlingtion Power Transistor
More results


Similar Description - 2SB1282

ManufacturerPart #DatasheetDescription
logo
NXP Semiconductors
BC516 PHILIPS-BC516 Datasheet
44Kb / 8P
PNP Darlington transistor
1999 Apr 23
BC878 PHILIPS-BC878 Datasheet
50Kb / 8P
PNP Darlington transistor
1999 May 31
PMBTA64 PHILIPS-PMBTA64 Datasheet
43Kb / 8P
PNP Darlington transistor
1999 Apr 13
logo
Samsung semiconductor
MMBTA64 SAMSUNG-MMBTA64 Datasheet
26Kb / 1P
PNP (DARLINGTON TRANSISTOR)
logo
Shindengen Electric Mfg...
2SD1788 SHINDENGEN-2SD1788 Datasheet
505Kb / 9P
Darlington Transistor(짹 4A NPN)
2SD1789 SHINDENGEN-2SD1789 Datasheet
463Kb / 8P
Darlington Transistor(짹 4A NPN)
2SD1790 SHINDENGEN-2SD1790 Datasheet
463Kb / 8P
Darlington Transistor(짹 4A NPN)
logo
Fairchild Semiconductor
BCV26 FAIRCHILD-BCV26 Datasheet
36Kb / 4P
PNP Darlington Transistor
MPSA65 FAIRCHILD-MPSA65 Datasheet
29Kb / 2P
PNP Darlington Transistor
BC516_D27Z FAIRCHILD-BC516_D27Z Datasheet
31Kb / 4P
PNP Darlington Transistor
More results



Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com