Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

2SB1284 Datasheet (PDF) - Inchange Semiconductor Company Limited

2SB1284 Datasheet PDF - Inchange Semiconductor Company Limited
Part # 2SB1284
Download  2SB1284 Download
File Size   188.33 Kbytes
Page   2 Pages
Manufacturer  ISC [Inchange Semiconductor Company Limited]
Direct Link  http://www.iscsemi.cn
Logo ISC - Inchange Semiconductor Company Limited
Description Collector-Emitter Sustaining Voltage-: VCEO(SUS)= -100V(Min.)

2SB1284 Datasheet (PDF)

Go To PDF Page Download Datasheet
2SB1284 Datasheet PDF - Inchange Semiconductor Company Limited

Part # 2SB1284
Download  2SB1284 Click to download

File Size   188.33 Kbytes
Page   2 Pages
Manufacturer  ISC [Inchange Semiconductor Company Limited]
Direct Link  http://www.iscsemi.cn
Logo ISC - Inchange Semiconductor Company Limited
Description Collector-Emitter Sustaining Voltage-: VCEO(SUS)= -100V(Min.)

2SB1284 Datasheet (HTML) - Inchange Semiconductor Company Limited


2SB1284 Product details

DESCRIPTION
• High DC C urrent Gain-
   : hFE= 1500(Min.)@IC= -5A
• Collector-Emitter Sustaining Voltage-
   : VCEO(SUS)= -100V(Min.)
• Low Collector Saturation Voltage
   : VCE(sat)= -1.5V(Max)@IC= -5A

APPLICATIONS
• High power switching applications.
• Hammer drive, pulse motor drive applications.




Similar Part No. - 2SB1284

ManufacturerPart #DatasheetDescription
logo
Shindengen Electric Mfg...
2SB1284 SHINDENGEN-2SB1284 Datasheet
429Kb / 9P
Darlington Transistor(-10A PNP)
logo
New Jersey Semi-Conduct...
2SB1284 NJSEMI-2SB1284 Datasheet
131Kb / 2P
Silicon PNP Darlingtion Power Transistor
More results


Similar Description - 2SB1284

ManufacturerPart #DatasheetDescription
logo
Inchange Semiconductor ...
2SA1442 ISC-2SA1442 Datasheet
121Kb / 2P
Collector-Emitter Sustaining Voltage-: VCEO(SUS)= -60V(Min)
2SA1444 ISC-2SA1444 Datasheet
121Kb / 2P
Collector-Emitter Sustaining Voltage-: VCEO(SUS)= -60V(Min)
2SA1441 ISC-2SA1441 Datasheet
121Kb / 2P
Collector-Emitter Sustaining Voltage-: VCEO(SUS)= -60V(Min)
2SA1440 ISC-2SA1440 Datasheet
116Kb / 2P
Collector-Emitter Sustaining Voltage-: VCEO(SUS)= -60V(Min)
BU120 ISC-BU120 Datasheet
190Kb / 2P
Collector-Emitter Sustaining Voltage-:VCEO(SUS) = 200V(Min)
BU508A-2 ISC-BU508A-2 Datasheet
534Kb / 3P
Collector-Emitter Sustaining Voltage-: VCEO(SUS)= 900V (Min)
BU508A-M ISC-BU508A-M Datasheet
206Kb / 2P
Collector-Emitter Sustaining Voltage-: VCEO(SUS)= 800V (Min)
BU508AT ISC-BU508AT Datasheet
194Kb / 2P
Collector-Emitter Sustaining Voltage-: VCEO(SUS)= 700V (Min)
BUY70A ISC-BUY70A Datasheet
195Kb / 2P
Collector-Emitter Sustaining Voltage-: VCEO(SUS) = 400V(Min)
BUY70B ISC-BUY70B Datasheet
195Kb / 2P
Collector-Emitter Sustaining Voltage-: VCEO(SUS) = 325V(Min)
More results




About Inchange Semiconductor Company Limited


Inchange Semiconductor Company Limited is a Chinese semiconductor company that was founded in 1997.

The company provides a wide range of products including discrete and analog power devices, and diodes for various applications in the automotive, industrial, and consumer markets.

Inchange is known for its focus on quality and reliability, and its products are widely used in power management, lighting, and other applications.

The company has operations in several countries and is one of the leading suppliers of power devices and diodes in the Asia-Pacific region.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com