Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

2SA1442 Datasheet (PDF) - Inchange Semiconductor Company Limited

2SA1442 Datasheet PDF - Inchange Semiconductor Company Limited
Part # 2SA1442
Download  2SA1442 Download
File Size   121.38 Kbytes
Page   2 Pages
Manufacturer  ISC [Inchange Semiconductor Company Limited]
Direct Link  http://www.iscsemi.cn
Logo ISC - Inchange Semiconductor Company Limited
Description Collector-Emitter Sustaining Voltage-: VCEO(SUS)= -60V(Min)

2SA1442 Datasheet (PDF)

Go To PDF Page Download Datasheet
2SA1442 Datasheet PDF - Inchange Semiconductor Company Limited

Part # 2SA1442
Download  2SA1442 Click to download

File Size   121.38 Kbytes
Page   2 Pages
Manufacturer  ISC [Inchange Semiconductor Company Limited]
Direct Link  http://www.iscsemi.cn
Logo ISC - Inchange Semiconductor Company Limited
Description Collector-Emitter Sustaining Voltage-: VCEO(SUS)= -60V(Min)

2SA1442 Datasheet (HTML) - Inchange Semiconductor Company Limited


2SA1442 Product details

DESCRIPTION
• Collector-Emitter Sustaining Voltage-
   : VCEO(SUS)= -60V(Min)
• High DC Current Gain-
   : hFE= 100(Min)@ (VCE= -2V , IC= -1.5A)
• Low Saturation Voltage-
   : VCE(sat)= -0.3V(Max)@ (IC= -4A, IB= -0.2A)

APPLICATIONS
• This type of power transistor is developed for high-speed
   switching and features a high hFE at low VCE(sat),which is
   ideal for use as a driver in DC/DC converters and actuators.




Similar Part No. - 2SA1442

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
2SA1442 ETC-2SA1442 Datasheet
47Kb / 2P
PNP EPITAXIAL SILICON TRANSISTOR
More results


Similar Description - 2SA1442

ManufacturerPart #DatasheetDescription
logo
Inchange Semiconductor ...
2SA1444 ISC-2SA1444 Datasheet
121Kb / 2P
Collector-Emitter Sustaining Voltage-: VCEO(SUS)= -60V(Min)
2SA1441 ISC-2SA1441 Datasheet
121Kb / 2P
Collector-Emitter Sustaining Voltage-: VCEO(SUS)= -60V(Min)
2SA1440 ISC-2SA1440 Datasheet
116Kb / 2P
Collector-Emitter Sustaining Voltage-: VCEO(SUS)= -60V(Min)
2SB1284 ISC-2SB1284 Datasheet
188Kb / 2P
Collector-Emitter Sustaining Voltage-: VCEO(SUS)= -100V(Min.)
BU120 ISC-BU120 Datasheet
190Kb / 2P
Collector-Emitter Sustaining Voltage-:VCEO(SUS) = 200V(Min)
BU508A-2 ISC-BU508A-2 Datasheet
534Kb / 3P
Collector-Emitter Sustaining Voltage-: VCEO(SUS)= 900V (Min)
BU508A-M ISC-BU508A-M Datasheet
206Kb / 2P
Collector-Emitter Sustaining Voltage-: VCEO(SUS)= 800V (Min)
BUY70A ISC-BUY70A Datasheet
195Kb / 2P
Collector-Emitter Sustaining Voltage-: VCEO(SUS) = 400V(Min)
BUY70B ISC-BUY70B Datasheet
195Kb / 2P
Collector-Emitter Sustaining Voltage-: VCEO(SUS) = 325V(Min)
More results




About Inchange Semiconductor Company Limited


Inchange Semiconductor Company Limited is a Chinese semiconductor company that was founded in 1997.

The company provides a wide range of products including discrete and analog power devices, and diodes for various applications in the automotive, industrial, and consumer markets.

Inchange is known for its focus on quality and reliability, and its products are widely used in power management, lighting, and other applications.

The company has operations in several countries and is one of the leading suppliers of power devices and diodes in the Asia-Pacific region.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com