Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

2SA1442 Datasheet(PDF) 2 Page - Inchange Semiconductor Company Limited

Part # 2SA1442
Description  Collector-Emitter Sustaining Voltage-: VCEO(SUS)= -60V(Min)
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ISC [Inchange Semiconductor Company Limited]
Direct Link  http://www.iscsemi.cn
Logo ISC - Inchange Semiconductor Company Limited

2SA1442 Datasheet(HTML) 2 Page - Inchange Semiconductor Company Limited

  2SA1442 Datasheet HTML 1Page - Inchange Semiconductor Company Limited 2SA1442 Datasheet HTML 2Page - Inchange Semiconductor Company Limited  
Zoom Inzoom in Zoom Outzoom out
 2 / 2 page
background image
INCHANGE Semiconductor
isc Product Specification
isc website:www.iscsemi.cn
isc & iscsemi is registered trademark
2
isc Silicon PNP Power Transistor
2SA1442
ELECTRICAL CHARACTERISTICS
Tj=25℃ unless otherwise specified
SYMBOL
PARAMETER
CONDITIONS
MIN
TYP.
MAX
UNIT
VCEO(SUS)
Collector-Emitter Sustaining Voltage
IC= -4.0A ; IB= -0.4A, L= 1mH
-60
V
VCEX(SUS)
Collector-Emitter Sustaining Voltage
IC= -4.0A ; IB1=-IB2= -0.4A,
VBE(OFF)=1.5V, L=180μ H,clamped
-60
V
VCE(sat)-1
Collector-Emitter Saturation Voltage
IC= -4A; IB= -0.2A
-0.3
V
VCE(sat)-2
Collector-Emitter Saturation Voltage
IC= -6A; IB= -0.3A
-0.5
V
VBE(sat)-1
Base-Emitter Saturation Voltage
IC= -4A; IB= -0.2A
-1.2
V
VBE(sat)-2
Base-Emitter Saturation Voltage
IC= -6A; IB= -0.3A
-1.5
V
ICBO
Collector Cutoff Current
VCB= -60V ; IE=0
-10
μ A
ICER
Collector Cutoff Current
VCE= -60V ; RBE= 50Ω ,Ta=125℃
-1.0
mA
ICEX
Collector Cutoff Current
VCE= -60V; VBE(off)= -1.5V
VCE= -60V; VBE(off)= -1.5V,Ta=125℃
-10
-1.0
μ A
mA
IEBO
Emitter Cutoff Current
VEB= -5V; IC= 0
-10
μ A
hFE-1
DC Current Gain
IC= -0.7A ; VCE= -2V
100
hFE-2
DC Current Gain
IC= -1.5A ; VCE= -2V
100
400
hFE-3
DC Current Gain
IC= -4.0A ; VCE= -2V
60
COB
Output Capacitance
IE=0; VCB= -10V;f= 1.0MHz
180
pF
fT
Current-Gain
—Bandwidth Product
IC=-1A ; VCE= -10V
40
MHz
Switching times
ton
Turn-on Time
IC= -4.0A ,RL= 12.5Ω ,
IB1= -IB2= -0.2A,VCC≈-50V
0.3
μ s
tstg
Storage Time
1.5
μ s
tf
Fall Time
0.3
μ s
 h
FE-2 Classifications
M
L
K
100-200
150-300
200-400



Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com