Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

HMC408LP3 Datasheet (PDF) - Hittite Microwave Corporation

HMC408LP3 Datasheet PDF - Hittite Microwave Corporation
Part # HMC408LP3
Download  HMC408LP3 Download
File Size   246.64 Kbytes
Page   8 Pages
Manufacturer  HITTITE [Hittite Microwave Corporation]
Direct Link  http://www.hittite.com
Logo HITTITE - Hittite Microwave Corporation
Description GaAs InGaP HBT MMIC 1 WATT POWER AMPLIFIER, 5.1 - 5.9 GHz

HMC408LP3 Datasheet (PDF)

Go To PDF Page Download Datasheet
HMC408LP3 Datasheet PDF - Hittite Microwave Corporation

Part # HMC408LP3
Download  HMC408LP3 Click to download

File Size   246.64 Kbytes
Page   8 Pages
Manufacturer  HITTITE [Hittite Microwave Corporation]
Direct Link  http://www.hittite.com
Logo HITTITE - Hittite Microwave Corporation
Description GaAs InGaP HBT MMIC 1 WATT POWER AMPLIFIER, 5.1 - 5.9 GHz

HMC408LP3 Datasheet (HTML) - Hittite Microwave Corporation




Similar Part No. - HMC408LP3

ManufacturerPart #DatasheetDescription
logo
Hittite Microwave Corpo...
HMC408LP3 HITTITE-HMC408LP3 Datasheet
264Kb / 7P
GaAs InGaP HBT MMIC 1 WATT POWER AMPLIFIER, 5.1 - 5.9 GHz
HMC408LP3 HITTITE-HMC408LP3 Datasheet
352Kb / 8P
GaAs InGaP HBT MMIC 1 WATT POWER AMPLIFIER, 5.1 - 5.9 GHz
logo
Analog Devices
HMC408LP3 AD-HMC408LP3 Datasheet
385Kb / 8P
GaAs InGaP HBT MMIC 1 WATT POWER AMPLIFIER
HMC408LP3E AD-HMC408LP3E Datasheet
385Kb / 8P
GaAs InGaP HBT MMIC 1 WATT POWER AMPLIFIER
logo
Hittite Microwave Corpo...
HMC408LP3 HITTITE-HMC408LP3_06 Datasheet
352Kb / 8P
GaAs InGaP HBT MMIC 1 WATT POWER AMPLIFIER, 5.1 - 5.9 GHz
More results


Similar Description - HMC408LP3

ManufacturerPart #DatasheetDescription
logo
Hittite Microwave Corpo...
HMC408LP3 HITTITE-HMC408LP3 Datasheet
264Kb / 7P
GaAs InGaP HBT MMIC 1 WATT POWER AMPLIFIER, 5.1 - 5.9 GHz
HMC415LP3 HITTITE-HMC415LP3 Datasheet
309Kb / 8P
GaAs InGaP HBT MMIC POWER AMPLIFIER, 4.9 - 5.9 GHz
HMC409LP4 HITTITE-HMC409LP4 Datasheet
415Kb / 8P
GaAs InGaP HBT 1 WATT POWER AMPLIFIER, 3.3 - 3.8 GHz
HMC408LP3 HITTITE-HMC408LP3_06 Datasheet
352Kb / 8P
GaAs InGaP HBT MMIC 1 WATT POWER AMPLIFIER, 5.1 - 5.9 GHz
HMC327MS8G HITTITE-HMC327MS8G_09 Datasheet
214Kb / 6P
GaAs InGaP HBT MMIC 1/2 WATT POWER AMPLIFIER, 3 - 4 GHz
HMC409LP4 HITTITE-HMC409LP4_10 Datasheet
1,019Kb / 8P
GaAs InGaP HBT 1 WATT POWER AMPLIFIER, 3.3 - 3.8 GHz
HMC415LP3 HITTITE-HMC415LP3_09 Datasheet
278Kb / 8P
GaAs InGaP HBT MMIC POWER AMPLIFIER, 4.9 - 5.9 GHz
logo
Analog Devices
HMC327MS8G AD-HMC327MS8G Datasheet
328Kb / 6P
GaAs InGaP HBT MMIC 1/2 WATT POWER AMPLIFIER
HMC408LP3 AD-HMC408LP3 Datasheet
385Kb / 8P
GaAs InGaP HBT MMIC 1 WATT POWER AMPLIFIER
HMC409LP4E AD-HMC409LP4E Datasheet
1Mb / 8P
GaAs InGaP HBT 1 WATT POWER AMPLIFIER,
More results




About Hittite Microwave Corporation


Hittite Microwave Corporation was a semiconductor company that designed and manufactured high-performance integrated circuits (ICs), modules, and subsystems for radio frequency (RF), microwave, and millimeter-wave applications. The company was founded in 1985 and was based in Chelmsford, Massachusetts.

Hittite Microwave's products were used in various applications, including cellular infrastructure, test and measurement equipment, military and aerospace, broadband, and fiber optics. The company's product portfolio included amplifiers, mixers, switches, attenuators, synthesizers, and other RF and microwave components.

In 2014, Analog Devices, Inc. (ADI), a leading semiconductor company specializing in signal processing and analog technologies, acquired Hittite Microwave Corporation for approximately $2.45 billion. After the acquisition, Hittite Microwave became part of ADI's RF and Microwave business unit.

Today, Analog Devices, Inc. continues to provide high-performance RF and microwave products and solutions for a broad range of applications, leveraging the expertise and technologies gained through the acquisition of Hittite Microwave Corporation.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com