Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

TJ1509AD-ADJ Datasheet (PDF) - HTC Korea TAEJIN Technology Co.

TJ1509AD-ADJ Datasheet PDF - HTC Korea TAEJIN Technology Co.
Part # TJ1509AD-ADJ
Download  TJ1509AD-ADJ Download
File Size   795.62 Kbytes
Page   8 Pages
Manufacturer  HTC [HTC Korea TAEJIN Technology Co.]
Direct Link  http://www.htckorea.co.kr
Logo HTC - HTC Korea TAEJIN Technology Co.
Description 150kHz, 2A PWM Buck DC/DC Converter

TJ1509AD-ADJ Datasheet (PDF)

Go To PDF Page Download Datasheet
TJ1509AD-ADJ Datasheet PDF - HTC Korea TAEJIN Technology Co.

Part # TJ1509AD-ADJ
Download  TJ1509AD-ADJ Click to download

File Size   795.62 Kbytes
Page   8 Pages
Manufacturer  HTC [HTC Korea TAEJIN Technology Co.]
Direct Link  http://www.htckorea.co.kr
Logo HTC - HTC Korea TAEJIN Technology Co.
Description 150kHz, 2A PWM Buck DC/DC Converter

TJ1509AD-ADJ Datasheet (HTML) - HTC Korea TAEJIN Technology Co.


TJ1509AD-ADJ Product details

DESCRIPTION
The TJ1509A series are monolithic IC designed for a step-down DC/DC converter, and own the ability of driving a 2A load without additional transistor component. Due to reducing the number of external component, the board space can be saved easily. The external shutdown function can be controlled by logic level and then come into standby mode.

FEATURES
● Output voltage: 3.3V, 5V, 12V and adjustable output version
● Adjustable version output voltage range, 1.23V to 18V+4%
● 150KHz +15% fixed switching frequency
● Voltage mode non-synchronous PWM control
● Thermal-shutdown and current-limit protection
● ON/OFF shutdown control input
● Operating voltage can be up to 26V
● Output load current: 2A
● SOP-8L packages
● Low power standby mode
● Built-in switching transistor on chip
● Moisture Sensitivity Level 3

APPLICATIONS
● Simple High-efficiency step-down regulator
● On-card switching regulators
● Positive to negative converter
● Negative Step-Up Converters
● Power Supply for Battery Chargers




Similar Part No. - TJ1509AD-ADJ

ManufacturerPart #DatasheetDescription
logo
Topstek Inc.
TJ150A TOPSTEK-TJ150A Datasheet
119Kb / 2P
Topstek Current Transducer
logo
Toshiba Semiconductor
TJ150F04M3L TOSHIBA-TJ150F04M3L Datasheet
1Mb / 73P
Bipolar Small-Signal Transistors
TJ150F06M3L TOSHIBA-TJ150F06M3L Datasheet
314Kb / 10P
Motor Drivers
TJ150F06M3L TOSHIBA-TJ150F06M3L Datasheet
1Mb / 73P
Bipolar Small-Signal Transistors
More results


Similar Description - TJ1509AD-ADJ

ManufacturerPart #DatasheetDescription
logo
Anachip Corp
AP1509 ANACHIP-AP1509 Datasheet
150Kb / 8P
150KHz, 2A PWM Buck DC/DC Converter
Rev. 0.1 Nov 27, 2003
logo
Diodes Incorporated
AP1509 DIODES-AP1509 Datasheet
196Kb / 12P
150KHz, 2A PWM BUCK DC/DC CONVERTER
AP1509 Rev. 1
logo
List of Unclassifed Man...
AX1509 ETC2-AX1509 Datasheet
223Kb / 8P
150KHz, 2A PWM Buck DC/DC Converter
logo
Orister Corporation
RS1509 ORISTER-RS1509 Datasheet
204Kb / 8P
150KHz, 2A PWM Buck DC/DC Converter
logo
Diodes Incorporated
AP1509 DIODES-AP1509_10 Datasheet
213Kb / 13P
150KHz, 2A PWM BUCK DC/DC CONVERTER
DS31016 Rev. 4 - 2
logo
Advanced Power Electron...
APE1701 A-POWER-APE1701 Datasheet
150Kb / 9P
150KHz, 2A PWM BUCK DC/DC CONVERTER
logo
TECHCODE SEMICONDUCTOR,...
TD1509 TECHCODE-TD1509 Datasheet
806Kb / 17P
2A 150KHz PWM Buck DC/DC Converter
logo
First Silicon Co., Ltd
FAC1509 FS-FAC1509 Datasheet
368Kb / 13P
2A 150KHZ PWM Buck DC/DC Converter
logo
Diodes Incorporated
AP1509 DIODES-AP1509_V01 Datasheet
421Kb / 12P
150kHz, 2A PWM BUCK DC-DC CONVERTER
Rev. 6 - 2 February 2020
More results



Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com