Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

HMC433 Datasheet (PDF) - Hittite Microwave Corporation

HMC433 Datasheet PDF - Hittite Microwave Corporation
Part # HMC433
Download  HMC433 Download
File Size   228.15 Kbytes
Page   6 Pages
Manufacturer  HITTITE [Hittite Microwave Corporation]
Direct Link  http://www.hittite.com
Logo HITTITE - Hittite Microwave Corporation
Description SMT GaAs HBT MMIC DIVIDE-BY-4, DC - 8 GHz

HMC433 Datasheet (PDF)

Go To PDF Page Download Datasheet
HMC433 Datasheet PDF - Hittite Microwave Corporation

Part # HMC433
Download  HMC433 Click to download

File Size   228.15 Kbytes
Page   6 Pages
Manufacturer  HITTITE [Hittite Microwave Corporation]
Direct Link  http://www.hittite.com
Logo HITTITE - Hittite Microwave Corporation
Description SMT GaAs HBT MMIC DIVIDE-BY-4, DC - 8 GHz

HMC433 Datasheet (HTML) - Hittite Microwave Corporation




Similar Part No. - HMC433

ManufacturerPart #DatasheetDescription
logo
Hittite Microwave Corpo...
HMC433 HITTITE-HMC433 Datasheet
225Kb / 6P
SMT GaAs HBT MMIC DIVIDE-BY-4, DC - 8.0 GHz
HMC433 HITTITE-HMC433 Datasheet
309Kb / 6P
SMT GaAs HBT MMIC DIVIDE-BY-4, DC - 8.0 GHz
logo
Analog Devices
HMC433 AD-HMC433 Datasheet
353Kb / 6P
Prescaler for DC to C Band PLL Applications
HMC433E AD-HMC433E Datasheet
353Kb / 6P
Prescaler for DC to C Band PLL Applications
logo
Hittite Microwave Corpo...
HMC433 HITTITE-HMC433_06 Datasheet
309Kb / 6P
SMT GaAs HBT MMIC DIVIDE-BY-4, DC - 8.0 GHz
More results


Similar Description - HMC433

ManufacturerPart #DatasheetDescription
logo
Hittite Microwave Corpo...
HMC363G8 HITTITE-HMC363G8 Datasheet
277Kb / 6P
SMT GaAs HBT MMIC DIVIDE-BY-8, DC - 12.0 GHz
HMC363S8G HITTITE-HMC363S8G Datasheet
261Kb / 6P
SMT GaAs HBT MMIC DIVIDE-BY-8, DC - 12.0 GHz
HMC494LP3 HITTITE-HMC494LP3 Datasheet
253Kb / 6P
SMT GaAs HBT MMIC DIVIDE-BY-8, DC - 18 GHz
HMC363G8 HITTITE-HMC363G8_07 Datasheet
278Kb / 6P
SMT GaAs HBT MMIC DIVIDE-BY-8, DC - 12 GHz
HMC363S8G HITTITE-HMC363S8G_06 Datasheet
358Kb / 6P
SMT GaAs HBT MMIC DIVIDE-BY-8, DC - 12.0 GHz
HMC363G8 HITTITE-HMC363G8_08 Datasheet
210Kb / 6P
SMT GaAs HBT MMIC DIVIDE-BY-8, DC - 12 GHz
HMC432 HITTITE-HMC432_10 Datasheet
230Kb / 6P
SMT GaAs HBT MMIC DIVIDE-BY-2, DC - 8 GHz
HMC434 HITTITE-HMC434_10 Datasheet
231Kb / 6P
SMT GaAs HBT MMIC DIVIDE-BY-8, DC - 8 GHz
logo
Analog Devices
HMC363G8 AD-HMC363G8 Datasheet
324Kb / 6P
SMT GaAs HBT MMIC DIVIDE-BY-8, DC - 12 GHz
HMC363S8G AD-HMC363S8G Datasheet
540Kb / 6P
SMT GaAs HBT MMIC DIVIDE-BY-8, DC - 12 GHz
More results




About Hittite Microwave Corporation


Hittite Microwave Corporation was a semiconductor company that designed and manufactured high-performance integrated circuits (ICs), modules, and subsystems for radio frequency (RF), microwave, and millimeter-wave applications. The company was founded in 1985 and was based in Chelmsford, Massachusetts.

Hittite Microwave's products were used in various applications, including cellular infrastructure, test and measurement equipment, military and aerospace, broadband, and fiber optics. The company's product portfolio included amplifiers, mixers, switches, attenuators, synthesizers, and other RF and microwave components.

In 2014, Analog Devices, Inc. (ADI), a leading semiconductor company specializing in signal processing and analog technologies, acquired Hittite Microwave Corporation for approximately $2.45 billion. After the acquisition, Hittite Microwave became part of ADI's RF and Microwave business unit.

Today, Analog Devices, Inc. continues to provide high-performance RF and microwave products and solutions for a broad range of applications, leveraging the expertise and technologies gained through the acquisition of Hittite Microwave Corporation.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com