Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

HMC486LP5 Datasheet (PDF) - Hittite Microwave Corporation

HMC486LP5 Datasheet PDF - Hittite Microwave Corporation
Part # HMC486LP5
Download  HMC486LP5 Download
File Size   250.01 Kbytes
Page   6 Pages
Manufacturer  HITTITE [Hittite Microwave Corporation]
Direct Link  http://www.hittite.com
Logo HITTITE - Hittite Microwave Corporation
Description SURFACE MOUNT PHEMT 2 WATT POWER AMPLIFIER, 7 - 9 GHz

HMC486LP5 Datasheet (PDF)

Go To PDF Page Download Datasheet
HMC486LP5 Datasheet PDF - Hittite Microwave Corporation

Part # HMC486LP5
Download  HMC486LP5 Click to download

File Size   250.01 Kbytes
Page   6 Pages
Manufacturer  HITTITE [Hittite Microwave Corporation]
Direct Link  http://www.hittite.com
Logo HITTITE - Hittite Microwave Corporation
Description SURFACE MOUNT PHEMT 2 WATT POWER AMPLIFIER, 7 - 9 GHz

HMC486LP5 Datasheet (HTML) - Hittite Microwave Corporation




Similar Part No. - HMC486LP5

ManufacturerPart #DatasheetDescription
logo
Hittite Microwave Corpo...
HMC486LP5 HITTITE-HMC486LP5 Datasheet
358Kb / 6P
SURFACE MOUNT PHEMT 2 WATT POWER AMPLIFIER, 7 - 9 GHz
logo
Analog Devices
HMC486LP5 AD-HMC486LP5 Datasheet
1Mb / 22P
Active Bias Controller High Current
logo
Hittite Microwave Corpo...
HMC486LP5E HITTITE-HMC486LP5E Datasheet
358Kb / 6P
SURFACE MOUNT PHEMT 2 WATT POWER AMPLIFIER, 7 - 9 GHz
logo
Analog Devices
HMC486LP5E AD-HMC486LP5E Datasheet
1Mb / 22P
Active Bias Controller High Current
More results


Similar Description - HMC486LP5

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
HMC489LP5 ETC1-HMC489LP5 Datasheet
368Kb / 6P
SURFACE MOUNT PHEMT 1 WATT POWER AMPLIFIER, 12 - 16 GHz
logo
Hittite Microwave Corpo...
HMC486 HITTITE-HMC486 Datasheet
365Kb / 8P
GaAs PHEMT MMIC 2 WATT POWER AMPLIFIER, 7.0 - 9.0 GHz
HMC486LP5 HITTITE-HMC486LP5 Datasheet
358Kb / 6P
SURFACE MOUNT PHEMT 2 WATT POWER AMPLIFIER, 7 - 9 GHz
HMC487LP5 HITTITE-HMC487LP5 Datasheet
374Kb / 6P
SURFACE MOUNT PHEMT 2 WATT POWER AMPLIFIER, 9 - 12 GHz
HMC998 HITTITE-HMC998 Datasheet
612Kb / 10P
GaAs PHEMT MMIC 2 WATT POWER AMPLIFIER, 0.1 - 22 GHz
HMC486 HITTITE-HMC486_09 Datasheet
264Kb / 8P
GaAs PHEMT MMIC 2 WATT POWER AMPLIFIER, 7 - 9 GHz
HMC487LP5 HITTITE-HMC487LP5_09 Datasheet
247Kb / 6P
SURFACE MOUNT PHEMT 2 WATT POWER AMPLIFIER, 9 - 12 GHz
HMC489LP5 HITTITE-HMC489LP5 Datasheet
248Kb / 6P
SURFACE MOUNT PHEMT 1 WATT POWER AMPLIFIER, 12 - 16 GHz
HMC591 HITTITE-HMC591_09 Datasheet
298Kb / 8P
GaAs PHEMT MMIC 2 WATT POWER AMPLIFIER, 6 - 10 GHz
logo
Analog Devices
HMC487 AD-HMC487 Datasheet
1Mb / 6P
SURFACE MOUNT PHEMT 2 WATT POWER AMPLIFIER
More results




About Hittite Microwave Corporation


Hittite Microwave Corporation was a semiconductor company that designed and manufactured high-performance integrated circuits (ICs), modules, and subsystems for radio frequency (RF), microwave, and millimeter-wave applications. The company was founded in 1985 and was based in Chelmsford, Massachusetts.

Hittite Microwave's products were used in various applications, including cellular infrastructure, test and measurement equipment, military and aerospace, broadband, and fiber optics. The company's product portfolio included amplifiers, mixers, switches, attenuators, synthesizers, and other RF and microwave components.

In 2014, Analog Devices, Inc. (ADI), a leading semiconductor company specializing in signal processing and analog technologies, acquired Hittite Microwave Corporation for approximately $2.45 billion. After the acquisition, Hittite Microwave became part of ADI's RF and Microwave business unit.

Today, Analog Devices, Inc. continues to provide high-performance RF and microwave products and solutions for a broad range of applications, leveraging the expertise and technologies gained through the acquisition of Hittite Microwave Corporation.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com