Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

HMC500LP3 Datasheet (PDF) - Hittite Microwave Corporation

HMC500LP3 Datasheet PDF - Hittite Microwave Corporation
Part # HMC500LP3
Download  HMC500LP3 Download
File Size   267.36 Kbytes
Page   8 Pages
Manufacturer  HITTITE [Hittite Microwave Corporation]
Direct Link  http://www.hittite.com
Logo HITTITE - Hittite Microwave Corporation
Description GaAs HBT VECTOR MODULATOR 1.8 - 2.2 GHz

HMC500LP3 Datasheet (PDF)

Go To PDF Page Download Datasheet
HMC500LP3 Datasheet PDF - Hittite Microwave Corporation

Part # HMC500LP3
Download  HMC500LP3 Click to download

File Size   267.36 Kbytes
Page   8 Pages
Manufacturer  HITTITE [Hittite Microwave Corporation]
Direct Link  http://www.hittite.com
Logo HITTITE - Hittite Microwave Corporation
Description GaAs HBT VECTOR MODULATOR 1.8 - 2.2 GHz

HMC500LP3 Datasheet (HTML) - Hittite Microwave Corporation




Similar Part No. - HMC500LP3

ManufacturerPart #DatasheetDescription
logo
Hittite Microwave Corpo...
HMC500LP3 HITTITE-HMC500LP3 Datasheet
364Kb / 8P
GaAs HBT VECTOR MODULATOR 1.8 - 2.2 GHz
logo
Analog Devices
HMC500LP3 AD-HMC500LP3 Datasheet
394Kb / 8P
GaAs HBT VECTOR MODULATOR 1.8 - 2.2 GHz
logo
Hittite Microwave Corpo...
HMC500LP3E HITTITE-HMC500LP3E Datasheet
364Kb / 8P
GaAs HBT VECTOR MODULATOR 1.8 - 2.2 GHz
logo
Analog Devices
HMC500LP3E AD-HMC500LP3E Datasheet
394Kb / 8P
GaAs HBT VECTOR MODULATOR 1.8 - 2.2 GHz
More results


Similar Description - HMC500LP3

ManufacturerPart #DatasheetDescription
logo
Hittite Microwave Corpo...
HMC135 HITTITE-HMC135 Datasheet
122Kb / 4P
GaAs MMIC BI-PHASE MODULATOR, 1.8 - 5.2 GHz
HMC500LP3 HITTITE-HMC500LP3 Datasheet
364Kb / 8P
GaAs HBT VECTOR MODULATOR 1.8 - 2.2 GHz
HMC631LP3 HITTITE-HMC631LP3 Datasheet
284Kb / 8P
GaAs HBT VECTOR MODULATOR 1.8 - 2.7 GHz
HMC402MS8 HITTITE-HMC402MS8_06 Datasheet
317Kb / 8P
HIGH IP3 GaAs MMIC MIXER, 1.8 - 2.2 GHz
HMC135 HITTITE-HMC135_09 Datasheet
451Kb / 6P
GaAs MMIC BI-PHASE MODULATOR, 1.8 - 5.2 GHz
HMC402MS8 HITTITE-HMC402MS8_08 Datasheet
219Kb / 8P
HIGH IP3 GaAs MMIC MIXER, 1.8 - 2.2 GHz
HMC630LP3 HITTITE-HMC630LP3 Datasheet
283Kb / 8P
GaAs HBT VECTOR MODULATOR 700 - 1000 MHz
logo
Analog Devices
HMC500LP3 AD-HMC500LP3 Datasheet
394Kb / 8P
GaAs HBT VECTOR MODULATOR 1.8 - 2.2 GHz
HMC630LP3 AD-HMC630LP3 Datasheet
813Kb / 8P
GaAs HBT VECTOR MODULATOR 700 - 1000 MHz
HMC631LP3 AD-HMC631LP3 Datasheet
834Kb / 8P
GaAs HBT VECTOR MODULATOR 1.8 - 2.7 GHz
More results




About Hittite Microwave Corporation


Hittite Microwave Corporation was a semiconductor company that designed and manufactured high-performance integrated circuits (ICs), modules, and subsystems for radio frequency (RF), microwave, and millimeter-wave applications. The company was founded in 1985 and was based in Chelmsford, Massachusetts.

Hittite Microwave's products were used in various applications, including cellular infrastructure, test and measurement equipment, military and aerospace, broadband, and fiber optics. The company's product portfolio included amplifiers, mixers, switches, attenuators, synthesizers, and other RF and microwave components.

In 2014, Analog Devices, Inc. (ADI), a leading semiconductor company specializing in signal processing and analog technologies, acquired Hittite Microwave Corporation for approximately $2.45 billion. After the acquisition, Hittite Microwave became part of ADI's RF and Microwave business unit.

Today, Analog Devices, Inc. continues to provide high-performance RF and microwave products and solutions for a broad range of applications, leveraging the expertise and technologies gained through the acquisition of Hittite Microwave Corporation.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com