Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

HMC135 Datasheet (PDF) - Hittite Microwave Corporation

HMC135 Datasheet PDF - Hittite Microwave Corporation
Part # HMC135
Download  HMC135 Download
File Size   122.95 Kbytes
Page   4 Pages
Manufacturer  HITTITE [Hittite Microwave Corporation]
Direct Link  http://www.hittite.com
Logo HITTITE - Hittite Microwave Corporation
Description GaAs MMIC BI-PHASE MODULATOR, 1.8 - 5.2 GHz

HMC135 Datasheet (PDF)

Go To PDF Page Download Datasheet
HMC135 Datasheet PDF - Hittite Microwave Corporation

Part # HMC135
Download  HMC135 Click to download

File Size   122.95 Kbytes
Page   4 Pages
Manufacturer  HITTITE [Hittite Microwave Corporation]
Direct Link  http://www.hittite.com
Logo HITTITE - Hittite Microwave Corporation
Description GaAs MMIC BI-PHASE MODULATOR, 1.8 - 5.2 GHz

HMC135 Datasheet (HTML) - Hittite Microwave Corporation


HMC135 Product details

General Description
The HMC135 Bi-Phase Modulator is designed to phase-modulate an RF signal into reference and 180 degree states. Device input is at the RF port and output is at the LO port. The polarity of the bias current at the control port (IF port) def nes the phase states. Excellent amplitude and phase balance provided by closely matched monolithic balun and diode circuits delivers 30 dB of carrier suppression in a tiny monolithic chip.

Features
    Chip Integrates Directly into MIC Designs
    Carrier Suppression: 30 dB
    Direct Modulation in the 1.8 - 5.2 GHz Band
    Functions also as a Phase Detector
    Die Size: 1.45 x 1.45 x 0.1 mm

Typical Applications
The HMC135 is suitable for:
• Wireless Local Loop
• LMDS & VSAT
• Point-to-Point Radios
• Test Equipment




Similar Part No. - HMC135

ManufacturerPart #DatasheetDescription
logo
Hittite Microwave Corpo...
HMC135 HITTITE-HMC135 Datasheet
451Kb / 6P
GaAs MMIC BI-PHASE MODULATOR, 1.8 - 5.2 GHz
HMC135 HITTITE-HMC135 Datasheet
452Kb / 6P
GaAs MMIC BI-PHASE MODULATOR, 1.8 - 5.2 GHz
logo
Micross Components
HMC135 MICROSS-HMC135 Datasheet
1Mb / 9P
Chip Integrates Directly into MIC Designs
logo
Hittite Microwave Corpo...
HMC135 HITTITE-HMC135_07 Datasheet
452Kb / 6P
GaAs MMIC BI-PHASE MODULATOR, 1.8 - 5.2 GHz
HMC135 HITTITE-HMC135_09 Datasheet
451Kb / 6P
GaAs MMIC BI-PHASE MODULATOR, 1.8 - 5.2 GHz
More results


Similar Description - HMC135

ManufacturerPart #DatasheetDescription
logo
Hittite Microwave Corpo...
HMC136 HITTITE-HMC136 Datasheet
115Kb / 4P
GaAs MMIC BI-PHASE MODULATOR, 4 - 8 GHz
HMC137 HITTITE-HMC137 Datasheet
126Kb / 4P
GaAs MMIC BI-PHASE MODULATOR, 6 - 11 GHz
logo
List of Unclassifed Man...
DBP0738 ETC1-DBP0738 Datasheet
27Kb / 1P
GaAs Bi-Phase Modulator
DPMB9058 ETC1-DPMB9058 Datasheet
31Kb / 1P
GaAs Bi-Phase Modulator
logo
Hittite Microwave Corpo...
HMC135 HITTITE-HMC135_07 Datasheet
452Kb / 6P
GaAs MMIC BI-PHASE MODULATOR, 1.8 - 5.2 GHz
HMC136 HITTITE-HMC136_07 Datasheet
450Kb / 6P
GaAs MMIC BI-PHASE MODULATOR, 4 - 8 GHz
HMC137 HITTITE-HMC137_07 Datasheet
458Kb / 6P
GaAs MMIC BI-PHASE MODULATOR, 6 - 11 GHz
HMC135 HITTITE-HMC135_09 Datasheet
451Kb / 6P
GaAs MMIC BI-PHASE MODULATOR, 1.8 - 5.2 GHz
HMC136 HITTITE-HMC136_09 Datasheet
450Kb / 6P
GaAs MMIC BI-PHASE MODULATOR, 4 - 8 GHz
HMC137 HITTITE-HMC137_09 Datasheet
458Kb / 6P
GaAs MMIC BI-PHASE MODULATOR, 6 - 11 GHz
More results




About Hittite Microwave Corporation


Hittite Microwave Corporation was a semiconductor company that designed and manufactured high-performance integrated circuits (ICs), modules, and subsystems for radio frequency (RF), microwave, and millimeter-wave applications. The company was founded in 1985 and was based in Chelmsford, Massachusetts.

Hittite Microwave's products were used in various applications, including cellular infrastructure, test and measurement equipment, military and aerospace, broadband, and fiber optics. The company's product portfolio included amplifiers, mixers, switches, attenuators, synthesizers, and other RF and microwave components.

In 2014, Analog Devices, Inc. (ADI), a leading semiconductor company specializing in signal processing and analog technologies, acquired Hittite Microwave Corporation for approximately $2.45 billion. After the acquisition, Hittite Microwave became part of ADI's RF and Microwave business unit.

Today, Analog Devices, Inc. continues to provide high-performance RF and microwave products and solutions for a broad range of applications, leveraging the expertise and technologies gained through the acquisition of Hittite Microwave Corporation.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com