Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

HMC135 Datasheet (PDF) - Micross Components

HMC135 Datasheet PDF - Micross Components
Part # HMC135
Download  HMC135 Download
File Size   1099.27 Kbytes
Page   9 Pages
Manufacturer  MICROSS [Micross Components]
Direct Link  http://www.micross.com
Logo MICROSS - Micross Components
Description Chip Integrates Directly into MIC Designs

HMC135 Datasheet (PDF)

Go To PDF Page Download Datasheet
HMC135 Datasheet PDF - Micross Components

Part # HMC135
Download  HMC135 Click to download

File Size   1099.27 Kbytes
Page   9 Pages
Manufacturer  MICROSS [Micross Components]
Direct Link  http://www.micross.com
Logo MICROSS - Micross Components
Description Chip Integrates Directly into MIC Designs

HMC135 Datasheet (HTML) - Micross Components


HMC135 Product details

General Description
The HMC135 Bi-Phase Modulator is designed to phase-modulate an RF signal into reference and 180 degree states. Device input is at the RF port and output is at the LO port. The polarity of the bias current at the control port (IF port) def nes the phase states. Excellent amplitude and phase balance provided by closely matched monolithic balun and diode circuits delivers 30 dB of carrier suppression in a tiny monolithic chip.

Features
    Chip Integrates Directly into MIC Designs
    Carrier Suppression: 30 dB
    Direct Modulation in the 1.8 - 5.2 GHz Band
    Functions also as a Phase Detector
    Die Size: 1.45 x 1.45 x 0.1 mm

Typical Applications
The HMC135 is suitable for:
• Wireless Local Loop
• LMDS & VSAT
• Point-to-Point Radios
• Test Equipment




Similar Part No. - HMC135

ManufacturerPart #DatasheetDescription
logo
Hittite Microwave Corpo...
HMC135 HITTITE-HMC135 Datasheet
122Kb / 4P
GaAs MMIC BI-PHASE MODULATOR, 1.8 - 5.2 GHz
HMC135 HITTITE-HMC135 Datasheet
451Kb / 6P
GaAs MMIC BI-PHASE MODULATOR, 1.8 - 5.2 GHz
HMC135 HITTITE-HMC135 Datasheet
452Kb / 6P
GaAs MMIC BI-PHASE MODULATOR, 1.8 - 5.2 GHz
HMC135 HITTITE-HMC135_07 Datasheet
452Kb / 6P
GaAs MMIC BI-PHASE MODULATOR, 1.8 - 5.2 GHz
HMC135 HITTITE-HMC135_09 Datasheet
451Kb / 6P
GaAs MMIC BI-PHASE MODULATOR, 1.8 - 5.2 GHz
More results


Similar Description - HMC135

ManufacturerPart #DatasheetDescription
logo
Panasonic Semiconductor
LNG301MPU PANASONIC-LNG301MPU Datasheet
30Kb / 1P
Directly Joint Type
logo
M/A-COM Technology Solu...
AN3003 MA-COM-AN3003 Datasheet
54Kb / 3P
Integrating SMT Synthesizer Solutions into Wireless Designs
logo
ATMEL Corporation
ATAVRSB202 ATMEL-ATAVRSB202 Datasheet
386Kb / 1P
Reference designs
logo
M/A-COM Technology Solu...
28370-PBD-005-A MA-COM-28370-PBD-005-A Datasheet
33Kb / 1P
Upgrading Bt837x Designs
28370-PBD-005-A MA-COM-28370-PBD-005-A_15 Datasheet
33Kb / 1P
Upgrading Bt837x Designs
logo
List of Unclassifed Man...
LPE12004-IBM ETC2-LPE12004-IBM Datasheet
773Kb / 2P
Integrates seamlessly into existing SANs
logo
TT Electronics.
PTCR TTELEC-PTCR Datasheet
258Kb / 2P
custom designs available
logo
AVAGO TECHNOLOGIES LIMI...
5082-0012 AVAGO-5082-0012 Datasheet
52Kb / 2P
PIN Diode Chip for Hybrid MIC Switches/Attenuators
logo
STMicroelectronics
MATRIX-M24SR STMICROELECTRONICS-MATRIX-M24SR Datasheet
408Kb / 6P
Various antenna designs
20-Dec-2013
logo
Broadcom Corporation.
5082-0012 BOARDCOM-5082-0012 Datasheet
61Kb / 2P
PIN Diode Chip for Hybrid MIC Switches/Attenuators
More results



Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com