Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

2SC4940 Datasheet (PDF) - Shindengen Electric Mfg.Co.Ltd

2SC4940 Datasheet PDF - Shindengen Electric Mfg.Co.Ltd
Part # 2SC4940
Download  2SC4940 Download
File Size   476.45 Kbytes
Page   9 Pages
Manufacturer  SHINDENGEN [Shindengen Electric Mfg.Co.Ltd]
Direct Link  http://www.shindengen.co.jp/
Logo SHINDENGEN - Shindengen Electric Mfg.Co.Ltd
Description Switching Power Transistor(4A NPN)

2SC4940 Datasheet (PDF)

Go To PDF Page Download Datasheet
2SC4940 Datasheet PDF - Shindengen Electric Mfg.Co.Ltd

Part # 2SC4940
Download  2SC4940 Click to download

File Size   476.45 Kbytes
Page   9 Pages
Manufacturer  SHINDENGEN [Shindengen Electric Mfg.Co.Ltd]
Direct Link  http://www.shindengen.co.jp/
Logo SHINDENGEN - Shindengen Electric Mfg.Co.Ltd
Description Switching Power Transistor(4A NPN)

2SC4940 Datasheet (HTML) - Shindengen Electric Mfg.Co.Ltd


2SC4940 Product details

Switching Power Transistor 4A NPN




Similar Part No. - 2SC4940

ManufacturerPart #DatasheetDescription
logo
Savantic, Inc.
2SC4940 SAVANTIC-2SC4940 Datasheet
224Kb / 3P
Silicon NPN Power Transistors
logo
Quanzhou Jinmei Electro...
2SC4940 JMNIC-2SC4940 Datasheet
154Kb / 3P
Silicon NPN Power Transistors
logo
Inchange Semiconductor ...
2SC4940 ISC-2SC4940 Datasheet
129Kb / 3P
Silicon NPN Power Transistors
logo
Savantic, Inc.
2SC4940 SAVANTIC-2SC4940 Datasheet
225Kb / 3P
Silicon NPN Power Transistors
logo
New Jersey Semi-Conduct...
2SC4940 NJSEMI-2SC4940 Datasheet
130Kb / 2P
Silicon NPN Power Transistors
More results


Similar Description - 2SC4940

ManufacturerPart #DatasheetDescription
logo
Rohm
2SB1474 ROHM-2SB1474 Datasheet
53Kb / 1P
Power Transistor (-80V, -4A)
logo
Shindengen Electric Mfg...
2SD1788 SHINDENGEN-2SD1788 Datasheet
505Kb / 9P
Darlington Transistor(짹 4A NPN)
2SD1789 SHINDENGEN-2SD1789 Datasheet
463Kb / 8P
Darlington Transistor(짹 4A NPN)
2SD1790 SHINDENGEN-2SD1790 Datasheet
463Kb / 8P
Darlington Transistor(짹 4A NPN)
logo
Rohm
2SD1933 ROHM-2SD1933 Datasheet
39Kb / 1P
Power Transistor (-80V, -4A)
2SB1568 ROHM-2SB1568 Datasheet
78Kb / 4P
Power Transistor (-80V, -4A)
2SA1635 ROHM-2SA1635 Datasheet
61Kb / 2P
Power Transistor (-80V, -4A)
2SCR564F3 ROHM-2SCR564F3 Datasheet
1Mb / 9P
NPN 4A 80V Middle Power Transistor
2SB1644 ROHM-2SB1644 Datasheet
52Kb / 1P
Power Transistor (−80V, −4A)
2SC5574 ROHM-2SC5574 Datasheet
54Kb / 1P
Power Transistor (80V, 4A)
More results



Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com