Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

2SC4978 Datasheet (PDF) - Shindengen Electric Mfg.Co.Ltd

2SC4978 Datasheet PDF - Shindengen Electric Mfg.Co.Ltd
Part # 2SC4978
Download  2SC4978 Download
File Size   444.94 Kbytes
Page   8 Pages
Manufacturer  SHINDENGEN [Shindengen Electric Mfg.Co.Ltd]
Direct Link  http://www.shindengen.co.jp/
Logo SHINDENGEN - Shindengen Electric Mfg.Co.Ltd
Description Switching Power Transistor(3A NPN)

2SC4978 Datasheet (PDF)

Go To PDF Page Download Datasheet
2SC4978 Datasheet PDF - Shindengen Electric Mfg.Co.Ltd

Part # 2SC4978
Download  2SC4978 Click to download

File Size   444.94 Kbytes
Page   8 Pages
Manufacturer  SHINDENGEN [Shindengen Electric Mfg.Co.Ltd]
Direct Link  http://www.shindengen.co.jp/
Logo SHINDENGEN - Shindengen Electric Mfg.Co.Ltd
Description Switching Power Transistor(3A NPN)

2SC4978 Datasheet (HTML) - Shindengen Electric Mfg.Co.Ltd


2SC4978 Product details

Switching Power Transistor  3A NPN




Similar Part No. - 2SC4978

ManufacturerPart #DatasheetDescription
logo
Sanyo Semicon Device
2SC4976 SANYO-2SC4976 Datasheet
31Kb / 5P
High-Definition CRT Display Video Output Applications
logo
Guangdong Kexin Industr...
2SC4976-D KEXIN-2SC4976-D Datasheet
1Mb / 3P
NPN Transistors
2SC4976-E KEXIN-2SC4976-E Datasheet
1Mb / 3P
NPN Transistors
2SC4976-F KEXIN-2SC4976-F Datasheet
1Mb / 3P
NPN Transistors
2SC4976 KEXIN-2SC4976_15 Datasheet
1Mb / 3P
NPN Transistors
More results


Similar Description - 2SC4978

ManufacturerPart #DatasheetDescription
logo
Shindengen Electric Mfg...
2SA1876 SHINDENGEN-2SA1876 Datasheet
386Kb / 8P
Switching Power Transistor(-3A PNP)
2SC4051 SHINDENGEN-2SC4051 Datasheet
524Kb / 12P
Switching Power Transistor(3A NPN)
2SC4052 SHINDENGEN-2SC4052 Datasheet
524Kb / 12P
Switching Power Transistor(3A NPN)
2SC4233 SHINDENGEN-2SC4233 Datasheet
526Kb / 12P
Switching Power Transistor(3A NPN)
2SC4234 SHINDENGEN-2SC4234 Datasheet
526Kb / 12P
Switching Power Transistor(3A NPN)
2SC4235 SHINDENGEN-2SC4235 Datasheet
515Kb / 12P
Switching Power Transistor(3A NPN)
2SC4583 SHINDENGEN-2SC4583 Datasheet
438Kb / 10P
Switching Power Transistor(3A NPN)
logo
Cystech Electonics Corp...
TIP31CE3 CYSTEKEC-TIP31CE3 Datasheet
155Kb / 4P
3A NPN Epitaxial Planar Power Transistor
TIP31CJ3 CYSTEKEC-TIP31CJ3 Datasheet
317Kb / 6P
3A NPN Epitaxial Planar Power Transistor
logo
Rohm
2SCR587D3 ROHM-2SCR587D3 Datasheet
1Mb / 11P
NPN 3A 120V Power Transistor
More results



Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com