Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

2SCR587D3 Datasheet (PDF) - Rohm

2SCR587D3 Datasheet PDF - Rohm
Part # 2SCR587D3
Download  2SCR587D3 Download
File Size   1143.43 Kbytes
Page   11 Pages
Manufacturer  ROHM [Rohm]
Direct Link  http://www.rohm.com
Logo ROHM - Rohm
Description NPN 3A 120V Power Transistor

2SCR587D3 Datasheet (PDF)

Go To PDF Page Download Datasheet
2SCR587D3 Datasheet PDF - Rohm

Part # 2SCR587D3
Download  2SCR587D3 Click to download

File Size   1143.43 Kbytes
Page   11 Pages
Manufacturer  ROHM [Rohm]
Direct Link  http://www.rohm.com
Logo ROHM - Rohm
Description NPN 3A 120V Power Transistor

2SCR587D3 Datasheet (HTML) - Rohm




Similar Part No. - 2SCR587D3

ManufacturerPart #DatasheetDescription
logo
Nanjing International G...
2SCR587D3 DGNJDZ-2SCR587D3 Datasheet
2Mb / 7P
TO-252-2L Plastic-Encapsulate Transistors
logo
Inchange Semiconductor ...
2SCR587D3 ISC-2SCR587D3 Datasheet
318Kb / 2P
isc Silicon NPN Power Transistor
More results


Similar Description - 2SCR587D3

ManufacturerPart #DatasheetDescription
logo
Shindengen Electric Mfg...
2SC4051 SHINDENGEN-2SC4051 Datasheet
524Kb / 12P
Switching Power Transistor(3A NPN)
2SC4052 SHINDENGEN-2SC4052 Datasheet
524Kb / 12P
Switching Power Transistor(3A NPN)
2SC4233 SHINDENGEN-2SC4233 Datasheet
526Kb / 12P
Switching Power Transistor(3A NPN)
2SC4234 SHINDENGEN-2SC4234 Datasheet
526Kb / 12P
Switching Power Transistor(3A NPN)
2SC4235 SHINDENGEN-2SC4235 Datasheet
515Kb / 12P
Switching Power Transistor(3A NPN)
2SC4583 SHINDENGEN-2SC4583 Datasheet
438Kb / 10P
Switching Power Transistor(3A NPN)
2SC4978 SHINDENGEN-2SC4978 Datasheet
444Kb / 8P
Switching Power Transistor(3A NPN)
logo
Zetex Semiconductors
ZXTN04120HFF ZETEX-ZXTN04120HFF Datasheet
442Kb / 8P
120V, SOT23F, NPN medium power Darlington transistor
logo
Diodes Incorporated
FMMT493A DIODES-FMMT493A_18 Datasheet
457Kb / 7P
120V NPN SILICON PLANAR MEDIUM POWER TRANSISTOR
Rev 3
logo
Rohm
2SCR567F3 ROHM-2SCR567F3 Datasheet
1Mb / 9P
NPN 2.5A 120V Middle Power Transistor
More results




About Rohm


ROHM Semiconductor is a Japanese semiconductor company that was founded in 1958.

The company specializes in the design and manufacture of a wide range of products including power management, power devices, and analog and mixed-signal integrated circuits.

ROHM's products are used in various applications such as consumer electronics, automotive, industrial, and telecommunications.

The company is known for its focus on energy-saving technologies and its expertise in low-power design.

ROHM has operations in over 20 countries and is one of the largest semiconductor companies in the world.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com