Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

2SCR587D3 Datasheet(PDF) 1 Page - Rohm

Part # 2SCR587D3
Description  NPN 3A 120V Power Transistor
PDF  11 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ROHM [Rohm]
Direct Link  http://www.rohm.com
Logo ROHM - Rohm

2SCR587D3 Datasheet(HTML) 1 Page - Rohm

  2SCR587D3 Datasheet HTML 1Page - Rohm 2SCR587D3 Datasheet HTML 2Page - Rohm 2SCR587D3 Datasheet HTML 3Page - Rohm 2SCR587D3 Datasheet HTML 4Page - Rohm 2SCR587D3 Datasheet HTML 5Page - Rohm 2SCR587D3 Datasheet HTML 6Page - Rohm 2SCR587D3 Datasheet HTML 7Page - Rohm 2SCR587D3 Datasheet HTML 8Page - Rohm 2SCR587D3 Datasheet HTML 9Page - Rohm Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 11 page
background image
2SCR587D3
NPN 3A 120V Power Transistor
Datasheet
l
lOutline
Parameter
Value
 
 
  DPAK
 
VCEO
120V
 
 
IC
3A
 
 
TO-252
 
l
lFeatures
l
lInner circuit
1) Suitable for Power Driver.
2) Complementary PNP Types : 2SAR587D3
3) Low VCE(sat)
  VCE(sat)=120mV(Max.). (IC/IB=1A/100mA)
l
lApplication
LOW FREQUENCY AMPLIFIER
l
lPackaging specifications
Part No.
Package
Taping
code
Reel size
(mm)
Tape width
(mm)
Quantity
(pcs)
Marking
2SCR587D3
TO-252
(DPAK)
TL1
330
16
2500
2SCR587D3
TL
                                                                                         
www.rohm.com
© 2019 ROHM Co., Ltd. All rights reserved.
1/7
20190527 - Rev.002


Similar Part No. - 2SCR587D3

ManufacturerPart #DatasheetDescription
logo
Nanjing International G...
2SCR587D3 DGNJDZ-2SCR587D3 Datasheet
2Mb / 7P
TO-252-2L Plastic-Encapsulate Transistors
logo
Inchange Semiconductor ...
2SCR587D3 ISC-2SCR587D3 Datasheet
318Kb / 2P
isc Silicon NPN Power Transistor
logo
Rohm
2SCR587D3FRA ROHM-2SCR587D3FRA Datasheet
1Mb / 9P
NPN 3A 120V Power Transistor
Rev.004
2SCR587D3FRATL ROHM-2SCR587D3FRATL Datasheet
1Mb / 9P
NPN 3A 120V Power Transistor
Rev.004
More results

Similar Description - 2SCR587D3

ManufacturerPart #DatasheetDescription
logo
Shindengen Electric Mfg...
2SC4051 SHINDENGEN-2SC4051 Datasheet
524Kb / 12P
Switching Power Transistor(3A NPN)
2SC4052 SHINDENGEN-2SC4052 Datasheet
524Kb / 12P
Switching Power Transistor(3A NPN)
2SC4233 SHINDENGEN-2SC4233 Datasheet
526Kb / 12P
Switching Power Transistor(3A NPN)
2SC4234 SHINDENGEN-2SC4234 Datasheet
526Kb / 12P
Switching Power Transistor(3A NPN)
2SC4235 SHINDENGEN-2SC4235 Datasheet
515Kb / 12P
Switching Power Transistor(3A NPN)
2SC4583 SHINDENGEN-2SC4583 Datasheet
438Kb / 10P
Switching Power Transistor(3A NPN)
2SC4978 SHINDENGEN-2SC4978 Datasheet
444Kb / 8P
Switching Power Transistor(3A NPN)
logo
Zetex Semiconductors
ZXTN04120HFF ZETEX-ZXTN04120HFF Datasheet
442Kb / 8P
120V, SOT23F, NPN medium power Darlington transistor
logo
Diodes Incorporated
FMMT493A DIODES-FMMT493A_18 Datasheet
457Kb / 7P
120V NPN SILICON PLANAR MEDIUM POWER TRANSISTOR
Rev 3
logo
Rohm
2SCR567F3 ROHM-2SCR567F3 Datasheet
1Mb / 9P
NPN 2.5A 120V Middle Power Transistor
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com