Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

538LP4E Datasheet (PDF) - Hittite Microwave Corporation

538LP4E Datasheet PDF - Hittite Microwave Corporation
Part # 538LP4E
Download  538LP4E Download
File Size   235.38 Kbytes
Page   6 Pages
Manufacturer  HITTITE [Hittite Microwave Corporation]
Direct Link  http://www.hittite.com
Logo HITTITE - Hittite Microwave Corporation
Description 600째 ANALOG PHASE SHIFTER, 6 - 15 GHz

538LP4E Datasheet (PDF)

Go To PDF Page Download Datasheet
538LP4E Datasheet PDF - Hittite Microwave Corporation

Part # 538LP4E
Download  538LP4E Click to download

File Size   235.38 Kbytes
Page   6 Pages
Manufacturer  HITTITE [Hittite Microwave Corporation]
Direct Link  http://www.hittite.com
Logo HITTITE - Hittite Microwave Corporation
Description 600째 ANALOG PHASE SHIFTER, 6 - 15 GHz

538LP4E Datasheet (HTML) - Hittite Microwave Corporation




Similar Part No. - 538LP4E

ManufacturerPart #DatasheetDescription
logo
Marl International Limi...
538 MARL-538 Datasheet
395Kb / 5P
횠12.7mm mounting Product will operate over a wide input voltage range
logo
Walther-Werke
538 WALTHER-538 Datasheet
437Kb / 4P
Channel installation sockets IP 44
538 WALTHER-538 Datasheet
958Kb / 2P
Sockets IP 44
logo
Legrand North America, ...
538 23 LEGRAND-538 23 Datasheet
1Mb / 14P
IP 44 and IP 66/67 plugs, mobile sockets, socket outlets and appliance inlets
05/03/2007
538 23 + 538 89 LEGRAND-538 23 + 538 89 Datasheet
1Mb / 14P
IP 44 and IP 66/67 plugs, mobile sockets, socket outlets and appliance inlets
05/03/2007
More results


Similar Description - 538LP4E

ManufacturerPart #DatasheetDescription
logo
TriQuint Semiconductor
TGP6336 TRIQUINT-TGP6336 Datasheet
472Kb / 7P
6 - 18 GHz Phase Shifter
logo
Hittite Microwave Corpo...
HMC247 HITTITE-HMC247 Datasheet
320Kb / 6P
400째 ANALOG PHASE SHIFTER 5 - 18 GHz
HMC538LP4 HITTITE-HMC538LP4 Datasheet
377Kb / 6P
600째 ANALOG PHASE SHIFTER, 6 - 15 GHz
HMC-C010 HITTITE-HMC-C010 Datasheet
581Kb / 6P
600째 ANALOG PHASE SHIFTER MODULE, 6 - 15 GHz
logo
TriQuint Semiconductor
TGP2615 TRIQUINT-TGP2615_15 Datasheet
382Kb / 9P
15- to 19-GHz 6-Bit Digital Phase Shifter
TGP6336 TRIQUINT-TGP6336_15 Datasheet
518Kb / 10P
6 - 18 GHz Phase Shifter
TGP2615-SM TRIQUINT-TGP2615-SM Datasheet
640Kb / 11P
15-19 GHz 6-Bit Digital Phase Shifter
logo
Custom MMIC Design Serv...
CMD297 MMIC-CMD297 Datasheet
259Kb / 11P
5-18 GHz Analog Phase Shifter
CMD297P34 MMIC-CMD297P34 Datasheet
293Kb / 10P
5-18 GHz Analog Phase Shifter
logo
Qorvo, Inc
CMD297 QORVO-CMD297 Datasheet
366Kb / 12P
5-18 GHz Analog Phase Shifter
August 23, 2021
More results




About Hittite Microwave Corporation


Hittite Microwave Corporation was a semiconductor company that designed and manufactured high-performance integrated circuits (ICs), modules, and subsystems for radio frequency (RF), microwave, and millimeter-wave applications. The company was founded in 1985 and was based in Chelmsford, Massachusetts.

Hittite Microwave's products were used in various applications, including cellular infrastructure, test and measurement equipment, military and aerospace, broadband, and fiber optics. The company's product portfolio included amplifiers, mixers, switches, attenuators, synthesizers, and other RF and microwave components.

In 2014, Analog Devices, Inc. (ADI), a leading semiconductor company specializing in signal processing and analog technologies, acquired Hittite Microwave Corporation for approximately $2.45 billion. After the acquisition, Hittite Microwave became part of ADI's RF and Microwave business unit.

Today, Analog Devices, Inc. continues to provide high-performance RF and microwave products and solutions for a broad range of applications, leveraging the expertise and technologies gained through the acquisition of Hittite Microwave Corporation.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com