Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

538LP4E Datasheet(PDF) 3 Page - Hittite Microwave Corporation

Part # 538LP4E
Description  600째 ANALOG PHASE SHIFTER, 6 - 15 GHz
PDF  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  HITTITE [Hittite Microwave Corporation]
Direct Link  http://www.hittite.com
Logo HITTITE - Hittite Microwave Corporation

538LP4E Datasheet(HTML) 3 Page - Hittite Microwave Corporation

  538LP4E Datasheet HTML 1Page - Hittite Microwave Corporation 538LP4E Datasheet HTML 2Page - Hittite Microwave Corporation 538LP4E Datasheet HTML 3Page - Hittite Microwave Corporation 538LP4E Datasheet HTML 4Page - Hittite Microwave Corporation 538LP4E Datasheet HTML 5Page - Hittite Microwave Corporation 538LP4E Datasheet HTML 6Page - Hittite Microwave Corporation  
Zoom Inzoom in Zoom Outzoom out
 3 / 6 page
background image
10
For price, delivery, and to place orders, please contact Hittite Microwave Corporation:
20 Alpha Road, Chelmsford, MA 01824 Phone: 978-250-3343 Fax: 978-250-3373
Order On-line at www.hittite.com
10 - 4
Input IP3 vs. Control Voltage
Insertion Loss vs. Pin @ 11 GHz
Insertion Loss vs. Pin @ 7 GHz
Second Harmonics vs. Control Voltage,
Pin = -10 dBm
Insertion Loss vs. Pin @ 15 GHz
0
15
30
45
60
75
90
01
23
45
6 GHz
11 GHz
15 GHz
Vctl (Vdc)
0
5
10
15
20
25
30
35
01
23
45
6 GHz
11 GHz
15 GHz
Vctl (Vdc)
-10
-8
-6
-4
-2
0
-15
-10
-5
0
5
10
15
20
25
0V
2V
5V
INPUT POWER (dBm)
-10
-8
-6
-4
-2
0
-15
-10
-5
0
5
10
15
20
25
0V
2V
5V
INPUT POWER (dBm)
-10
-8
-6
-4
-2
0
-15
-10
-5
0
5
10
15
20
25
0V
2V
5V
INPUT POWER (dBm)
600° ANALOG PHASE SHIFTER,
6 - 15 GHz
v02.0209
Phase Shift vs. Pin @ 7 GHz
-10
0
10
20
30
40
50
-20
-15
-10
-5
0
5
0V
2V
5V
INPUT POWER (dBm)
HMC538LP4 / 538LP4E



Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com