Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

2SC4981 Datasheet (PDF) - Shindengen Electric Mfg.Co.Ltd

2SC4981 Datasheet PDF - Shindengen Electric Mfg.Co.Ltd
Part # 2SC4981
Download  2SC4981 Download
File Size   406.13 Kbytes
Page   8 Pages
Manufacturer  SHINDENGEN [Shindengen Electric Mfg.Co.Ltd]
Direct Link  http://www.shindengen.co.jp/
Logo SHINDENGEN - Shindengen Electric Mfg.Co.Ltd
Description Switching Power Transistor(7A NPN)

2SC4981 Datasheet (PDF)

Go To PDF Page Download Datasheet
2SC4981 Datasheet PDF - Shindengen Electric Mfg.Co.Ltd

Part # 2SC4981
Download  2SC4981 Click to download

File Size   406.13 Kbytes
Page   8 Pages
Manufacturer  SHINDENGEN [Shindengen Electric Mfg.Co.Ltd]
Direct Link  http://www.shindengen.co.jp/
Logo SHINDENGEN - Shindengen Electric Mfg.Co.Ltd
Description Switching Power Transistor(7A NPN)

2SC4981 Datasheet (HTML) - Shindengen Electric Mfg.Co.Ltd


2SC4981 Product details

Switching Power Transistor  7A NPN




Similar Part No. - 2SC4981

ManufacturerPart #DatasheetDescription
logo
Savantic, Inc.
2SC4981 SAVANTIC-2SC4981 Datasheet
223Kb / 3P
Silicon NPN Power Transistors
logo
Quanzhou Jinmei Electro...
2SC4981 JMNIC-2SC4981 Datasheet
156Kb / 3P
Silicon NPN Power Transistors
logo
Inchange Semiconductor ...
2SC4981 ISC-2SC4981 Datasheet
129Kb / 3P
Silicon NPN Power Transistors
logo
Savantic, Inc.
2SC4981 SAVANTIC-2SC4981 Datasheet
225Kb / 3P
Silicon NPN Power Transistors
logo
New Jersey Semi-Conduct...
2SC4981 NJSEMI-2SC4981 Datasheet
129Kb / 2P
Silicon NPN Power Transistors
More results


Similar Description - 2SC4981

ManufacturerPart #DatasheetDescription
logo
Shindengen Electric Mfg...
2SA1598 SHINDENGEN-2SA1598 Datasheet
423Kb / 9P
Switching Power Transistor(-7A PNP)
2SA1796 SHINDENGEN-2SA1796 Datasheet
407Kb / 9P
Switching Power Transistor(-7A PNP)
2SA1879 SHINDENGEN-2SA1879 Datasheet
408Kb / 8P
Switching Power Transistor(-7A PNP)
2SC4148 SHINDENGEN-2SC4148 Datasheet
406Kb / 8P
Switching Power Transistor(7A NPN)
2SC4668 SHINDENGEN-2SC4668 Datasheet
413Kb / 9P
Switching Power Transistor(7A NPN)
2SD1791 SHINDENGEN-2SD1791 Datasheet
444Kb / 9P
Darlington Transistor(7A NPN)
2SD1792 SHINDENGEN-2SD1792 Datasheet
442Kb / 9P
Darlington Transistor(7A NPN)
logo
Rohm
2SC4849 ROHM-2SC4849 Datasheet
39Kb / 1P
HIGH-VOLTAGE SWITCHING TRANSISTOR (POWER SUPPLY) ( 120V, 7A)
2SCR583D3 ROHM-2SCR583D3 Datasheet
1Mb / 11P
NPN 7A 50V Power Transistor
2SCR583D3FRA ROHM-2SCR583D3FRA Datasheet
1Mb / 9P
NPN 7A 50V Power Transistor
20220315 - Rev.001
More results



Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com