Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

2SD1792 Datasheet (PDF) - Shindengen Electric Mfg.Co.Ltd

2SD1792 Datasheet PDF - Shindengen Electric Mfg.Co.Ltd
Part # 2SD1792
Download  2SD1792 Download
File Size   442.16 Kbytes
Page   9 Pages
Manufacturer  SHINDENGEN [Shindengen Electric Mfg.Co.Ltd]
Direct Link  http://www.shindengen.co.jp/
Logo SHINDENGEN - Shindengen Electric Mfg.Co.Ltd
Description Darlington Transistor(7A NPN)

2SD1792 Datasheet (PDF)

Go To PDF Page Download Datasheet
2SD1792 Datasheet PDF - Shindengen Electric Mfg.Co.Ltd

Part # 2SD1792
Download  2SD1792 Click to download

File Size   442.16 Kbytes
Page   9 Pages
Manufacturer  SHINDENGEN [Shindengen Electric Mfg.Co.Ltd]
Direct Link  http://www.shindengen.co.jp/
Logo SHINDENGEN - Shindengen Electric Mfg.Co.Ltd
Description Darlington Transistor(7A NPN)

2SD1792 Datasheet (HTML) - Shindengen Electric Mfg.Co.Ltd


2SD1792 Product details

Storage Temperature Tstg -55~+150 ℃
Junction Temperature Tj +150 ℃
Collector to Base Voltage VCBO 200 V
Collector to Emitter Voltage VCEO 200 V




Similar Part No. - 2SD1792

ManufacturerPart #DatasheetDescription
logo
Savantic, Inc.
2SD1792 SAVANTIC-2SD1792 Datasheet
223Kb / 3P
Silicon NPN Power Transistors
logo
Inchange Semiconductor ...
2SD1792 ISC-2SD1792 Datasheet
131Kb / 3P
Silicon NPN Power Transistors
logo
Savantic, Inc.
2SD1792 SAVANTIC-2SD1792 Datasheet
225Kb / 3P
Silicon NPN Power Transistors
More results


Similar Description - 2SD1792

ManufacturerPart #DatasheetDescription
logo
Shindengen Electric Mfg...
2SB1283 SHINDENGEN-2SB1283 Datasheet
412Kb / 9P
Darlington Transistor(-7A PNP)
2SC4148 SHINDENGEN-2SC4148 Datasheet
406Kb / 8P
Switching Power Transistor(7A NPN)
2SC4668 SHINDENGEN-2SC4668 Datasheet
413Kb / 9P
Switching Power Transistor(7A NPN)
2SC4981 SHINDENGEN-2SC4981 Datasheet
406Kb / 8P
Switching Power Transistor(7A NPN)
2SD1791 SHINDENGEN-2SD1791 Datasheet
444Kb / 9P
Darlington Transistor(7A NPN)
logo
Rohm
2SD2399 ROHM-2SD2399 Datasheet
370Kb / 5P
Transistor,NPN,Darlington
logo
Fairchild Semiconductor
2N7052 FAIRCHILD-2N7052_01 Datasheet
310Kb / 8P
NPN Darlington Transistor
MPSA14 FAIRCHILD-MPSA14_01 Datasheet
651Kb / 14P
NPN Darlington Transistor
logo
Rohm
2SCR583D3 ROHM-2SCR583D3 Datasheet
1Mb / 11P
NPN 7A 50V Power Transistor
2SCR583D3FRA ROHM-2SCR583D3FRA Datasheet
1Mb / 9P
NPN 7A 50V Power Transistor
20220315 - Rev.001
More results



Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com