Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

HMC581LP6 Datasheet (PDF) - Hittite Microwave Corporation

HMC581LP6 Datasheet PDF - Hittite Microwave Corporation
Part # HMC581LP6
Download  HMC581LP6 Download
File Size   297.12 Kbytes
Page   8 Pages
Manufacturer  HITTITE [Hittite Microwave Corporation]
Direct Link  http://www.hittite.com
Logo HITTITE - Hittite Microwave Corporation
Description HIGH IP3 RFIC DUAL DOWNCONVERTER, 800 - 960 MHz

HMC581LP6 Datasheet (PDF)

Go To PDF Page Download Datasheet
HMC581LP6 Datasheet PDF - Hittite Microwave Corporation

Part # HMC581LP6
Download  HMC581LP6 Click to download

File Size   297.12 Kbytes
Page   8 Pages
Manufacturer  HITTITE [Hittite Microwave Corporation]
Direct Link  http://www.hittite.com
Logo HITTITE - Hittite Microwave Corporation
Description HIGH IP3 RFIC DUAL DOWNCONVERTER, 800 - 960 MHz

HMC581LP6 Datasheet (HTML) - Hittite Microwave Corporation




Similar Part No. - HMC581LP6

ManufacturerPart #DatasheetDescription
logo
Hittite Microwave Corpo...
HMC581LP6 HITTITE-HMC581LP6 Datasheet
1Mb / 8P
HIGH IP3 RFIC DUAL DOWNCONVERTER, 800 - 960 MHz
HMC581LP6E HITTITE-HMC581LP6E Datasheet
1Mb / 8P
HIGH IP3 RFIC DUAL DOWNCONVERTER, 800 - 960 MHz
More results


Similar Description - HMC581LP6

ManufacturerPart #DatasheetDescription
logo
Hittite Microwave Corpo...
HMC377QS16G HITTITE-HMC377QS16G Datasheet
298Kb / 8P
CELLULAR HIGH IP3 RFIC DOWNCONVERTER, 0.8 - 1.0 GHz
HMC380QS16G HITTITE-HMC380QS16G Datasheet
257Kb / 8P
PCS/UMTS HIGH IP3 RFIC DOWNCONVERTER, 1.7 - 2.2 GHz
HMC381LP6 HITTITE-HMC381LP6 Datasheet
328Kb / 8P
HIGH IP3 RFIC DUAL DOWNCONVERTER, 1.7 - 2.2 GHz
HMC421QS16 HITTITE-HMC421QS16 Datasheet
278Kb / 8P
PCS/UMTS HIGH IP3 RFIC DOWNCONVERTER, 1.4 - 2.3 GHz
HMC581LP6 HITTITE-HMC581LP6 Datasheet
1Mb / 8P
HIGH IP3 RFIC DUAL DOWNCONVERTER, 800 - 960 MHz
HMC380QS16G HITTITE-HMC380QS16G_06 Datasheet
354Kb / 8P
PCS/UMTS HIGH IP3 RFIC DOWNCONVERTER, 1.7 - 2.2 GHz
HMC377QS16G HITTITE-HMC377QS16G_08 Datasheet
270Kb / 8P
CELLULAR HIGH IP3 RFIC DOWNCONVERTER, 0.8 - 1.0 GHz
HMC380QS16G HITTITE-HMC380QS16G_08 Datasheet
245Kb / 8P
PCS/UMTS HIGH IP3 RFIC DOWNCONVERTER, 1.7 - 2.2 GHz
HMC381LP6 HITTITE-HMC381LP6_08 Datasheet
320Kb / 8P
HIGH IP3 RFIC DUAL DOWNCONVERTER, 1.7 - 2.7 GHz
HMC421QS16 HITTITE-HMC421QS16_10 Datasheet
808Kb / 8P
PCS/UMTS HIGH IP3 RFIC DOWNCONVERTER, 1.4 - 2.3 GHz
More results




About Hittite Microwave Corporation


Hittite Microwave Corporation was a semiconductor company that designed and manufactured high-performance integrated circuits (ICs), modules, and subsystems for radio frequency (RF), microwave, and millimeter-wave applications. The company was founded in 1985 and was based in Chelmsford, Massachusetts.

Hittite Microwave's products were used in various applications, including cellular infrastructure, test and measurement equipment, military and aerospace, broadband, and fiber optics. The company's product portfolio included amplifiers, mixers, switches, attenuators, synthesizers, and other RF and microwave components.

In 2014, Analog Devices, Inc. (ADI), a leading semiconductor company specializing in signal processing and analog technologies, acquired Hittite Microwave Corporation for approximately $2.45 billion. After the acquisition, Hittite Microwave became part of ADI's RF and Microwave business unit.

Today, Analog Devices, Inc. continues to provide high-performance RF and microwave products and solutions for a broad range of applications, leveraging the expertise and technologies gained through the acquisition of Hittite Microwave Corporation.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com