Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

HMC581LP6 Datasheet(PDF) 2 Page - Hittite Microwave Corporation

Part # HMC581LP6
Description  HIGH IP3 RFIC DUAL DOWNCONVERTER, 800 - 960 MHz
PDF  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  HITTITE [Hittite Microwave Corporation]
Direct Link  http://www.hittite.com
Logo HITTITE - Hittite Microwave Corporation

HMC581LP6 Datasheet(HTML) 2 Page - Hittite Microwave Corporation

  HMC581LP6 Datasheet HTML 1Page - Hittite Microwave Corporation HMC581LP6 Datasheet HTML 2Page - Hittite Microwave Corporation HMC581LP6 Datasheet HTML 3Page - Hittite Microwave Corporation HMC581LP6 Datasheet HTML 4Page - Hittite Microwave Corporation HMC581LP6 Datasheet HTML 5Page - Hittite Microwave Corporation HMC581LP6 Datasheet HTML 6Page - Hittite Microwave Corporation HMC581LP6 Datasheet HTML 7Page - Hittite Microwave Corporation HMC581LP6 Datasheet HTML 8Page - Hittite Microwave Corporation  
Zoom Inzoom in Zoom Outzoom out
 2 / 8 page
background image
8
8 - 185
For price, delivery, and to place orders, please contact Hittite Microwave Corporation:
20 Alpha Road, Chelmsford, MA 01824 Phone: 978-250-3343 Fax: 978-250-3373
Order On-line at www.hittite.com
Conversion Gain vs. Temperature
@ LO = 0 dBm, IF = 200 MHz
Isolation @ LO = 0 dBm
Return Loss @ LO = 0 dBm
Conversion Gain
vs. LO Drive, IF = 105 MHz
P1dB vs. Temperature
@ LO = 0 dBm, IF = 200 MHz
HIGH IP3 RFIC DUAL
DOWNCONVERTER, 800 - 960 MHz
v00.0806
HMC581LP6 / 581LP6E
-10
-5
0
5
10
15
20
0.7
0.8
0.9
1
1.1
+25C
+85C
-40C
RF FREQUENCY (GHz)
-40
-30
-20
-10
0
10
20
0.7
0.8
0.9
1
1.1
RF TO IF
LO TO RF
LO TO IF
RF FREQUENCY (GHz)
-10
-5
0
5
10
15
20
0.7
0.8
0.9
1
1.1
-4dBm
-2dBm
0dBm
+2dBm
+4dBm
RF FREQUENCY (GHz)
-25
-20
-15
-10
-5
0
012
3
RF
LO
FREQUENCY (GHz)
-10
-5
0
5
10
15
20
25
0.7
0.8
0.9
1
1.1
OUTPUT P1dB, +85C
OUTPUT P1dB, +25C
OUTPUT P1dB, -40C
INPUT P1dB, +25C
INPUT P1dB, -40C
INPUT P1dB, +85C
RF FREQUENCY (GHz)
OUTPUT P1dB
INPUT P1dB
* Unless otherwise noted all measurements with low side LO & IF = 105 MHz.
IF Bandwidth, LO = 0 dBm
-20
-15
-10
-5
0
5
10
15
20
0.05
0.1
0.15
0.2
0.25
0.3
0.35
0.4
CONVERSION GAIN
RETURN LOSS
IF FREQUENCY (GHz)



Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com