Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

HMC663LC3 Datasheet (PDF) - Hittite Microwave Corporation

HMC663LC3 Datasheet PDF - Hittite Microwave Corporation
Part # HMC663LC3
Download  HMC663LC3 Download
File Size   524.44 Kbytes
Page   6 Pages
Manufacturer  HITTITE [Hittite Microwave Corporation]
Direct Link  http://www.hittite.com
Logo HITTITE - Hittite Microwave Corporation
Description GaAs MMIC DOUBLE-BALANCED HIGH IP3 Mixer, 6 - 12 GHz

HMC663LC3 Datasheet (PDF)

Go To PDF Page Download Datasheet
HMC663LC3 Datasheet PDF - Hittite Microwave Corporation

Part # HMC663LC3
Download  HMC663LC3 Click to download

File Size   524.44 Kbytes
Page   6 Pages
Manufacturer  HITTITE [Hittite Microwave Corporation]
Direct Link  http://www.hittite.com
Logo HITTITE - Hittite Microwave Corporation
Description GaAs MMIC DOUBLE-BALANCED HIGH IP3 Mixer, 6 - 12 GHz

HMC663LC3 Datasheet (HTML) - Hittite Microwave Corporation




Similar Part No. - HMC663LC3

ManufacturerPart #DatasheetDescription
logo
Hittite Microwave Corpo...
HMC663LC3 HITTITE-HMC663LC3 Datasheet
224Kb / 6P
GaAs MMIC DOUBLE-BALANCED HIGH IP3 MIXER, 6 - 12 GHz
More results


Similar Description - HMC663LC3

ManufacturerPart #DatasheetDescription
logo
Hittite Microwave Corpo...
HMC410MS8G HITTITE-HMC410MS8G Datasheet
214Kb / 6P
GaAs MMIC DOUBLE-BALANCED HIGH IP3 MIXER, 9.0 - 15.0 GHz
HMC130 HITTITE-HMC130_07 Datasheet
181Kb / 6P
GaAs MMIC DOUBLE-BALANCED MIXER, 6 - 11 GHz
HMC144LH5 HITTITE-HMC144LH5 Datasheet
263Kb / 6P
GaAs MMIC DOUBLE-BALANCED MIXER, 6 - 20 GHz
HMC663LC3 HITTITE-HMC663LC3 Datasheet
224Kb / 6P
GaAs MMIC DOUBLE-BALANCED HIGH IP3 MIXER, 6 - 12 GHz
HMC130 HITTITE-HMC130_09 Datasheet
196Kb / 6P
GaAs MMIC DOUBLE-BALANCED MIXER, 6 - 11 GHz
HMC141 HITTITE-HMC141_09 Datasheet
224Kb / 6P
GaAs MMIC DOUBLE-BALANCED MIXER, 6 - 18 GHz
HMC144LH5 HITTITE-HMC144LH5_08 Datasheet
195Kb / 6P
GaAs MMIC DOUBLE-BALANCED MIXER, 6 - 20 GHz
HMC316MS8 HITTITE-HMC316MS8_08 Datasheet
206Kb / 6P
GaAs MMIC HIGH IP3 DOUBLE-BALANCED MIXER, 1.5 - 3.8 GHz
HMC410AMS8G HITTITE-HMC410AMS8G Datasheet
588Kb / 6P
GaAs MMIC DOUBLE-BALANCED HIGH IP3 MIXER, 9 - 15 GHz
HMC410MS8G HITTITE-HMC410MS8G_10 Datasheet
489Kb / 6P
GaAs MMIC DOUBLE-BALANCED HIGH IP3 MIXER, 9 - 15 GHz
More results




About Hittite Microwave Corporation


Hittite Microwave Corporation was a semiconductor company that designed and manufactured high-performance integrated circuits (ICs), modules, and subsystems for radio frequency (RF), microwave, and millimeter-wave applications. The company was founded in 1985 and was based in Chelmsford, Massachusetts.

Hittite Microwave's products were used in various applications, including cellular infrastructure, test and measurement equipment, military and aerospace, broadband, and fiber optics. The company's product portfolio included amplifiers, mixers, switches, attenuators, synthesizers, and other RF and microwave components.

In 2014, Analog Devices, Inc. (ADI), a leading semiconductor company specializing in signal processing and analog technologies, acquired Hittite Microwave Corporation for approximately $2.45 billion. After the acquisition, Hittite Microwave became part of ADI's RF and Microwave business unit.

Today, Analog Devices, Inc. continues to provide high-performance RF and microwave products and solutions for a broad range of applications, leveraging the expertise and technologies gained through the acquisition of Hittite Microwave Corporation.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com